Part Number Hot Search : 
FR107 FED60W14 682MC B7724 HER20 00B24E4 SBRD5150 XB0485P
Product Description
Full Text Search
 

To Download NRBKQ101M400V125X50F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nrb-kq series miniature aluminum electrolytic ca pac i tors reduced size, radial leads, polarized, aluminum elec tro lyt ic ? high ripple current, voltage (up to 450v) ? 2,000 hour load life features characteristics rated voltage range 400 ~ 450vdc capacitance range 27 ~ 220 f operating temperature range -40c ~ +105c capacitance tolerance 20% (m) maximum leakage current at 20c 3 * cv after 5 minutes max. tan at 120hz/20c w.v. (vdc) 400 420 450 s.v. (vdc) 450 470 500 tan 0.15 0.20 0.20 low temperature stability impedance ratio @ 120hz w.v. (vdc) 400 420 450 z-25c/z+20c 566 load life hours load life test at rated w.v. & 105c test 2,000 hours capacitance change within 20% of initial measured value tan less than 200% of speci ed value leakage current less than speci ed value nrb-kq 330 m 400v 10x30 tb f tb = tape & box* working voltage tolerance code m=20% capacitance code in f series case size (mm) rohs compliant part number system *see tape speci cation for details precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com *see part number system for details pnbs fdi l rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nrb-kq series miniature aluminum electrolytic ca pac i tors part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (arms) +105c/120hz max. esr ( ) 120hz load life hours @+105c nrb-kq330m400v10x30f 33 400 0.15 0.33 7.54 2000 nrb-kq390m400v10x35f 39 0.15 0.37 6.38 2000 nrb-kq470m400v10x40f 47 0.15 0.43 5.29 2000 nrb-kq560m400v10x45f 56 0.15 0.48 4.44 2000 nrb-kq560m400v12.5x30f 56 0.15 0.47 4.44 2000 nrb-kq680m400v12.5x35f 68 0.15 0.54 3.66 2000 nrb-kq820m400v12.5x40f 82 0.15 0.62 3.03 2000 nrb-kq820m400v14.5x31.5f 82 0.15 0.61 3.03 2000 nrb-kq101m400v12.5x50f 100 0.15 0.73 2.49 2000 nrb-kq101m400v14.5x35f 100 0.15 0.70 2.49 2000 nrb-kq101m400v16x31.5f 100 0.15 0.71 2.49 2000 nrb-kq121m400v14.5x40f 120 0.15 0.79 2.07 2000 nrb-kq121m400v16x35f 120 0.15 0.80 2.07 2000 nrb-kq151m400v14.5x50f 150 0.15 0.94 1.66 2000 nrb-kq151m400v16x40f 150 0.15 0.92 1.66 2000 nrb-kq151m400v18x31.5f 150 0.15 0.89 1.66 2000 nrb-kq181m400v16x50f 180 0.15 1.08 1.38 2000 nrb-kq181m400v18x40f 180 0.15 1.06 1.38 2000 nrb-kq221m400v18x45f 220 0.15 1.20 1.13 2000 nrb-kq330m420v10x30f 33 420 0.2 0.32 10.05 2000 nrb-kq390m420v10x35f 39 0.2 0.36 8.51 2000 nrb-kq470m420v10x40f 47 0.2 0.41 7.06 2000 nrb-kq560m420v10x50f 56 0.2 0.49 5.92 2000 nrb-kq560m420v12.5x30f 56 0.2 0.46 5.92 2000 nrb-kq680m420v12.5x35f 68 0.2 0.53 4.88 2000 nrb-kq820m420v12.5x45f 82 0.2 0.63 4.05 2000 nrb-kq820m420v14.5x31.5f 82 0.2 0.60 4.05 2000 nrb-kq101m420v12.5x50f 100 0.2 0.71 3.32 2000 nrb-kq101m420v14.5x40f 100 0.2 0.72 3.32 2000 nrb-kq101m420v16x31.5f 100 0.2 0.69 3.32 2000 nrb-kq121m420v14.5x45f 120 0.2 0.81 2.76 2000 nrb-kq121m420v16x35f 120 0.2 0.78 2.76 2000 nrb-kq121m420v18x31.5f 120 0.2 0.80 2.76 2000 nrb-kq151m420v16x45f 150 0.2 0.94 2.21 2000 nrb-kq151m420v18x35f 150 0.2 0.92 2.21 2000 nrb-kq181m420v16x50f 180 0.2 1.05 1.84 2000 nrb-kq181m420v18x40f 180 0.2 1.04 1.84 2000 nrb-kq221m420v18x50f 220 0.2 1.22 1.51 2000 nrb-kq270m450v10x30f 27 450 0.2 0.30 12.29 2000 nrb-kq330m450v10x35f 33 0.2 0.34 10.05 2000 nrb-kq390m450v10x40f 39 0.2 0.39 8.51 2000 nrb-kq470m450v10x45f 47 0.2 0.44 7.06 2000 nrb-kq470m450v12.5x30f 47 0.2 0.43 7.06 2000 nrb-kq560m450v12.5x35f 56 0.2 0.49 5.92 2000 nrb-kq680m450v12.5x40f 68 0.2 0.56 4.88 2000 nrb-kq680m450v14.5x31.5f 68 0.2 0.56 4.88 2000 nrb-kq820m450v12.5x45f 82 0.2 0.63 4.05 2000 nrb-kq820m450v14.5x35f 82 0.2 0.63 4.05 2000 nrb-kq820m450v16x31.5f 82 0.2 0.64 4.05 2000 nrb-kq101m450v14.5x40f 100 0.2 0.72 3.32 2000 nrb-kq101m450v16x35f 100 0.2 0.73 3.32 2000 nrb-kq121m450v14.5x50f 120 0.2 0.85 2.76 2000 nrb-kq121m450v16x40f 120 0.2 0.82 2.76 2000 nrb-kq121m450v18x31.5f 120 0.2 0.80 2.76 2000 nrb-kq151m450v16x50f 150 0.2 0.98 2.21 2000 nrb-kq151m450v18x40f 150 0.2 0.97 2.21 2000 nrb-kq181m450v18x45f 180 0.2 1.09 1.84 2000 nrb-kq221m450v18x50f 220 0.2 1.22 1.51 2000 standard product, specifications and case sizes d x l (mm)
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic ca pac i tors nrb-kq series frequency (hz) 60 120 500 1k >10k 400 ~ 450vdc 0.8 1.0 1.25 1.40 1.50 ripple current frequency correction factor diameter and leadspace (mm) case dia. (d ) 10 12.5 14.5 16 18 lead dia. (d ) 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 5.0 5.0 7.5 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 dim. 2.0 2.0 2.0 2.0 2.0 dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - + taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. case dia. (d ) 10 12.5 case size all dim. d 0.6 0.05 h 18.5 +0.75/-0.5 f 5.0 +0.8/-0.2 p 12.7 1.0 25.4* 1.0 p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) radial taping (5mm lead spacing) tb 1max t h p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h


▲Up To Search▲   

 
Price & Availability of NRBKQ101M400V125X50F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X