Part Number Hot Search : 
87C52X2 74LVQ86 AMC7637 SM60A AUIR3316 2SD592 P10LXC PHP2N60
Product Description
Full Text Search
 

To Download M08016-PRODUCT-BRIEF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d e v i c e o v e r v i e w > appli cations ? digital video recorders (dvr) ? video mixers and switchers ? surveillance / cctv cameras ? industrial and professional cameras ? digital image capture devices ? digital video displays ? distribution amplifiers ? repeaters m08016 m08016 serial digital video c able equalizer for 1.485 gb/s , and 270 mb/s data rates hd/sd serial digital video ca ble equalizer figure 1 C m08016 pi n - out diagram product brief the m08016 is a high - speed, low - power, adaptive co - axial cable equalizer designed to increase the maximum low - jitter transmission distance of serial digital video signals across commonly used bandwidth - limiting 75 coaxial cable. the m08016 is designed for data rates at 1 . 485 g b / s and 270 mb/ s to support serial digital video transmission for standard definition (525i and 625i) and high definition (720p, 1080i, and 1080p) component video . the device also supports 8 - bit or 10 - bit component digital video (rgb or ycbcr 4:4:4 sampled and ycbcr 4:2:2 or 4:2:0 sampled). this device automatically optimizes the transfer function based on the bit rate and cable length to minimize the inter - symbol interference (isi) jitter caused by the cable and to remove the dc offset components introduced with the pathological video pattern and ac coupling in systems. the low - noise, high - gain equalizer allows for low jitter 1.485 gb/s transmissions up to a length of 200m (belden 1694a ) and 120m (belden 8281). at 270 mb/s , cable lengths up to 400m (belden 1694a) and 300m (belden 8281) are supported.
features benefits adaptive cable equalization design flexibility and control optimized data rate s at 270 mb/ s to 1.485 gb / s single chip solution for multiple data rates allows typical equalized length of up to 200m (belden 1 694a) and 120m (belden 8281) for transmissions at 1.485 gb/s extend industry standard cable length s allows typical equalized length of up to 400m (belden 1694a) and 300m (belden 8281) for transmissions at 270 mb/s extend industry standard cable length s mute and manual bypass mode supports non standard rates differential cml outputs ( 50 on - chip terminations ) low cost integration 2.5v and 3.3v power supply standard voltage supply supported small form factor and foot print (16 - pin soic package) industr y standard package low power dissipation (177mw at 2.5v and 230 mw at 3.3v) low power and thermal management costs extended operating temperature range: C 10c to +85 c provides additional margin for various applications t e c h n i c a l d et a i l s ? 201 1 mindspeed technologies, inc. all rights reserved. mindspeed and the mindspeed logo are trademarks of mindspeed technologies. all other trademarks are the property of their respective owners. although mindspeed technologies strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. this material is provided as is and without any express or implied warranties, including merchantability, fitness for a particular purpose and non - infringement. mindspeed technologies shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. www.mindspeed.com/salesoffices general information: (949) 579 - 3000 headquarters C newport beach 4000 macarthur blvd., east tower newport beach, ca 92660 - 3007 for more product information, please visit www.mindspeed.com package (rohs compliant) ? 16 - pin soic figure 2 C m08016 functional block diagram thresh eq _ byp clen m 08016 - cable equalizer sdi sdo sdi sdo sd / mute agc agc output buffer mute control cable length indicator input buffer 0 1 dc restore equalizer core


▲Up To Search▲   

 
Price & Availability of M08016-PRODUCT-BRIEF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X