Part Number Hot Search : 
SL431 P3N60 FPF1015 203D1 BRF10 2SK25031 SOD4001 A1105
Product Description
Full Text Search
 

To Download LMBR1200ETIG-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case : sod-323he molded plastic over sky die terminals : tin plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any we declare that the material of product is weight : 0.011 g haloggen free (green epoxy compound) handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol lmbr 120et1g lmbr 130et1g lmbr 140et1g lmbr 150et1g lmbr 160et1g lmbr 180et1g lmbr 1100et1g lmbr 1150et1g lmbr 1200et1g unit device marking code 12 13 14 15 16 18 110 115 120 maximum repetitive peak reverse voltage v rrm 20 30 40 50 60 80 100 150 200 v maximum rms voltage v rms 14 21 28 35 42 56 70 105 140 v max imum dc blocking voltage v dc 20 30 40 50 60 80 100 150 200 v maximum average forward rectified current at tc = 75 c i f(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) r j a r j l c/w operating junction temperature range t j c storage temperature range t stg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol lmbr 120et1g lmbr 130et1g lmbr 140et1g lmbr 150et1g lmbr 160et1g lmbr 180et1g lmbr 1100et1g lmbr 1150et1g lmbr 1200et1g unit maximum instantaneous forward voltage at(if = 0.7 a, t j = 25 c) (if = 1.0 a, t j = 25 c) v f 0.9 0.92 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t j = 125 c i r ma typical junction capacitance at 4.0v, 1mhz c j pf notes: 1. 8.0mm2 (.013mm thick) land areas 0.48 0.55 schottky barrier rectifiers reverse voltage 20 to 200v forward current 1.0a 0.02 10 160 0.7 lmbr120et1g thru lmbr1200et1g 1.0 22 220 50 C 55 to +150 C 65 to +150 0.85
2.ratings and characteristic curves ( ta = 25 c unless otherwise noted ) lmbr120et1g thru lmbr1200et1g fig. 1 C forward current derating curve average forward rectified current (a) 0 25 50 75 100 125 150 175 1.0 0.5 0 60 hz resistive or inductive load case temperature, c fig 4. C typical reverse characteristics instantaneous reverse current (ma) 0 20 40 60 80 100 10 1.0 0.1 0.01 0.001 percent of rated peak reverse voltage (%) tj=125 tj=75 tj=25 fig 6. C typical junction capacitance 0.1 1 10 100 1000 100 10 tj = 25 c f = 1.0 mhz vsig = reverse voltage (v) junction capacitance (pf) fig 5. Ctypical transient thermal impedance transient thermal impedance( c/w) 100 10 1 10 00 0.01 0.1 1.0 10 100 t,pulse duration,sec fig. 2 C maximum non-repetitive peak forward surge current 1 10 100 22 11 0 tj = tj max 8.3ms single half sine-wave number of cycles at 60hz peak forward surge current (a) tj = 25 c pulse width = 300 s 1% duty cycle instantaneous forward current (a) 10 1.0 0.1 0. 01 100 fig 3. C typical instantaneous forward characteristics 0.2 0.4 0.6 0.8 1.0 1.2 instantaneous forward voltage (v) tj = 25 c pulse width = 300 s 1% duty cycle
3. dimension: suggested solder pad layout dimensions in inches and (millimeters) lmbr120et1g thru lmbr1200et1g b a c min max min max a 2.30 2.70 0. 0 91 0.106 b 1. 20 1.40 0. 0 47 0.055 c 1. 75 1.95 0. 0 69 0.077 d e 0 .55 0.75 0.030 0.022 f 0 .10 0 . 20 0.0 04 0.008 g 0 .65 0. 95 0.0 26 0.037 h 0 .50 0. 70 0.0 20 0.028 i 0 .40 0. 80 0.0 16 0.031 j 1 .15 1. 55 0.0 45 0.061 k inches 0.032typ 0.30typ 0.012typ dim millimeters 0.8typ d e f sod-323he pac kage a b c d e f sod123 -fl 0.044(1.1 0) 0.079(2.00) 0.019(0.5) 0.032(0.8) 0.04(1 .00) 0.075(1.90)
5.suggested thermal profile for soldering process 1. storage environment temperature=5~40 humidity=55 25% 2. reflow soldering of surface-mount device 3. reflow soldering lmbr120et1g thru lmbr1200et1g time within 5 of actual peak temperature(t p ) <3sec 10~30sec tsmax to t l - ramp-up rate preheat - temperature min(tsmin) - temperature max(tsmax) - time(min to max)(t s ) 150 200 60~120sec average ramp-up rate(t l to t p ) <3 /sec profile feature soldering condition time 25 to peak temperature ramp-down rate <6 /sec <6minutes time maintained above: - temperature (t l ) - time(t l ) 217 60-260sec peak temperature(t p ) 255 -0/+5
6.high reliability test capabilities solder resistance mil-std-750d method-2031 solderability at 245 5 for 5 sec mil-std-202f method-208 high temperature reverse bias v r =80% rate at t j =150 for 168hrs mil-std-750d method-1038 forward operation life mil-std-750d method-1027 intermittent operation life mil-std-750d method-1036 pressure cooker 15p sig at t a =121 for 4hrs jesd22-a102 temperature cycling mil-std-750d method-1051 thermal shock mil-std-750d method-1056 forward surge mil-std-750d method-4066-2 humidity at t a =85 r h =85% for 1000hrs mil-std-750d method-1021 high temperature storage life at 175 for 1000hrs mil-std-750d method-1031 t a =25 i f =i o lmbr120et1g thru lmbr1200et1g rated average rectifier current item test condition reference -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles 0 for 5min. rise to 100 for 5min. total 10 cycles 8.3ms single half sine-wave superimposed on rated load,one surge at 260 5 for 10 2sec immerse
title : 5.1.1 reel packing a. reel spec unit mm abcw 177.02.0 54.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.50.5 330.02.0 75.00.5 13.00.5 17.00.5 177.02.0 50.00.5 13.00.5 9.41.5 177.02.0 50.00.5 13.00.5 9.41.5 330.02.0 75.00.5 13.00.5 13.20.2 b. 13" reel packing box unit mm abc size 3355.0 3352.0 401.0 as per above packing q'ty/box 10k 6k 6k 10k 10k sod123fl 7" reel 3k smb13" reel smc13" reel to277 13" reel smb13" reel 3k smc13" reel 3k sma-fl13" reel 5k to277 13" reel 5k spec quantity/reel sma 7" reel 2k doc no. wi-258 power diode smd package pa cking spec version: 5 modification: 0 page: 2 sma13" reel 5k 5.1 smd packing reel spec & packing quantity sod323he 7" reel 3k smb-fl 13" reel 5k smb-fl 13" reel spec sma13" reel
title : c. 7" reel packing box unit mm abc sma/sma-fl 1882.0 1882.0 1382.0 sod123fl sod323he 1862.0 1392.0 1852.0 as per above packing sma/sma-fl sod123fl sod323he d. reel packing carton unit mm abc size 3502.0 3402.0 3502.0 as per above packing q'ty/carton 80k 80k 48k 36k 80k 80k 80k unit mm abc sod123fl sod323he 4552.0 4002.0 4102.0 as per above packing q'ty/carton 360k 5.1.2 tape spec 360k a. cover tape unit mm a sma /sma-fl smb-fl /smb /to277 9.50.10 smc 13.300.10 sod123fl sod323he 5.40.10 spec sod123-fl 7" reel b page: 3 q'ty/box 16k sma/sma-fl 7" reel sma13"reel smb13"reel smc13"reel sma-fl13"reel to277 13" reel 30k spec doc no. wi-258 power diode smd package packing spec doc no. wi-258 sod323he 7" reel 0.0620.007 30k smb-fl 13" reel
title : b. carrier tape item sod323he sod123fl sma sma-fl smb smb-fl to277 smc w 80.3 80.3 120.3 120.3 120.3 120.3 120.3 160.3 p1 40.1 40.1 40.1 40.1 80.1 80.1 80.1 80.1 e 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 f 3.5.05 3.5.05 5.5.05 5.5.05 5.50.05 5.50.05 5.5.05 7.5.05 d0 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 d1 1.10.1 1.10.1 1.50.1 1.50.1 1.550.05 1.550.05 1.50.1 1.550.05 p0 40.1 40.1 40.1 40.1 40.1 40.1 40.1 40.1 p2 20.05 20.05 20.05 20.05 20.05 20.05 20.05 20.05 10p0 400.2 400.2 400.2 400.2 400.2 400.2 400.2 400.2 a0 1.450.1 1.950.1 2.790.1 2.830.1 3.80.1 3.80.1 4.30.1 6.050.1 b0 2.750.1 3.950.1 5.330.1 4.750.1 5.40.1 5.750.1 6.80.1 8.310.1 k0 0.800.1 1.300.1 2.360.1 1.420.1 2.450.1 1.40.1 1.350.1 2.540.1 t 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 power diode smd package packing spec version: 5 modification: 0 page: 4 doc no. wi-258 k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 cathode(tape hole side
title : 5.2 smd power diode general packin g spec a. 7" reel all labels will be at cathode side of reel a:lrc label; b:environment label c:halide free label b. 13" reel a:lrc label; b:environment lab e c:halide free label doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 5 c.tape lead: face anode side of the reel,upper side is the tape lead position. all labels are at cathode side of the reel. a c c c c front side
: c. label content lrc label ` lot: 140106049x: 140106---2014/1/6 049----lot number:49 x product code environment label halide-free label doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 6 green p/n lot no. date code quantity manufacturing it maker two-dimension code
7. update record lmbr120et1g thru lmbr1200et1g 1 ? ?? ? 2014.02.26


▲Up To Search▲   

 
Price & Availability of LMBR1200ETIG-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X