Part Number Hot Search : 
0372DP1 ZVP3310F X183BK AQV202 NTE713 KBPC3506 HR002B C68HC11
Product Description
Full Text Search
 

To Download LBAS516T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. high-speed diode sod-523 1 2 lbas516t1g 2 anode 1 cathode features ultra small plastic smd package high switching speed: max. 4 ns continuous reverse voltage: max. 75 v repetitive peak reverse voltage: max. 85 v repetitive peak forward current: max. 500 ma. applications high-speed switching in e.g. surface mounted circuits. description the lbas516t1 is a high-speed switching diode fabricated in planar technology device marking shipping ordering information lbas516t1g 6 3000 tape & reel lbas516t3g 6 10000 tape & reel we declare that the material of product compliance with rohs requirements. electrical characteristics t j =25c unless otherwise specified. symbol p arameter conditions max. unit v f forward voltage see fig.2 i f = 1 ma 715 mv i f = 10 ma 855 mv i f =50 ma 1 v i f = 150 ma 1.25 v i r reverse current see fig.4 v r = 25 v 30 na v r =75 v 1 a v r = 25 v; t j = 150 c 30 a v r = 75 v; t j = 150 c; 50 a c d diode capacitance f = 1 mhz; v r = 0; see fig.5 1 pf t rr reverse recovery time when switched from i f =10ma to i r = 10ma; 4ns r l = 100 ? ; measured at i r = 1 ma; see fig.6 v fr forward recovery voltage when switched from if = 10 ma; tr = 20 ns; see fig.7 1.75 v thermal characteristics symbol p arameter conditions v alue unit r th j-s thermal resistance from junction to soldering point note 1 120 k/w note 1. soldering point of the cathode tab. rev.o 1/4 and encapsulated in the sod523(sc79) smd plastic package. s-lbas516t1g s-lbas516t1g s-lbas516t3g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
leshan radio company, ltd. 500 400 300 200 100 0 01 2 t s ( c ) 300 200 100 0 0 50 100 150 200 v f ( v ) i f (ma) fig.1 maximum permissible continuous forward current as a function of soldering point temperature. fig.2 forward current as a function of forward voltage. (1) t j = 150 c; typical values. (2)t j =25c; typical values. (3) t j =25c; maximum values. i f (ma) fig.3 maximum permissible non-repetitive peak forward current as a function of pulse duration. based on square wave currents; t j =25c prior to surge. t p ( s ) i fsm (a) 10 2 10 1 10 -1 010 10 2 10 3 10 4 lbas516t1g,s-lbas516t1g limiting values in accordance with the absolute maximum rating system (iec 134). symbol p arameter conditions min. max. unit v rrm repetitive peak reverse voltage ? 85 v v r continuous reverse voltage ? 75 v i f continuous forward current t s =90c; note 1; see fig.1 ? 250 ma i frm repetitive peak forward current ? 500 ma i fsm non-repetitive peak forward current square wave; t j =25c prior to surge; see fig.3 t =1 s?4a t =1 ms ? 1 a t =1 s ? 0.5 a p tot total power dissipation t s =90c; note 1 ? 500 mw t stg storage temperature -65 +150 c t j junction temperature ? 150 c note 1. ts is the temperature at the soldering point of the cathode tab. rev.o 2/4
leshan radio company, ltd. (1) i r = 1 ma. input signal: reverse pulse rise time t r = 0.6 ns; reverse voltage pulse duration t p = 100 ns; duty factor = 0.05; oscilloscope: rise time t r = 0.35 ns. fig.6 reverse recovery voltage test circuit and waveforms. input signal: forward pulse rise time t r = 20 ns; forward current pulse duration t p 100 ns; duty factor 0.005. fig.7 forward recovery voltage test circuit and waveforms. 0.6 0.4 0.2 0 0 100 200 t j ( c ) i r (na) c d (pf) 0481216 10 5 10 4 10 3 10 2 10 v r ( v ) f = 1 mhz ; t j =25c; fig.4 reverse current as a function of junction temperature. fig.5 diode capacitance as a function of reverse voltage; typical values. rev.o 3/4 lbas516t1g,s-lbas516t1g
sod ? 523 leshan radio company, ltd. notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, pro- trusions, or gate burrs. dim min nom max millimeters d 1.10 1.20 1.30 e 0.70 0.80 0.90 a 0.50 0.60 0.70 b 0.25 0.30 0.35 c 0.07 0.14 0.20 l 0.30 ref h 1.50 1.60 1.70 e l2 0.15 0.20 0.25 e d ? x ? ? y ? b 2x m 0.08 x y a h c 12 soldering footprint* e recommended top view side view 2x 0.48 0.40 2x 1.80 dimension: millimeters package outline rev.o 4/4 lbas516t1g,s-lbas516t1g


▲Up To Search▲   

 
Price & Availability of LBAS516T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X