Part Number Hot Search : 
EDGAC0 76051 STRIKER PR108G MD2402 FB3307Z ZTBF500E 331H060
Product Description
Full Text Search
 

To Download L2N7002FDW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. l2n7002fdw1t1g thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 1.) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient r ja 556 c/w total device dissipation alumina substrate,(note 2.) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j, t stg -55 to +150 c 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina. n?channel sc?88 ? small signal mosfet 30 volts ? (top view) simplified schematic we declare that the material of product are halogen free and compliance with rohs requirements. rev .o 1/4 features r ds(on) Q 8 ? @v gs =4v r ds(on) Q 13 ? @v gs =2.5v super high density cell design for extremely low r ds(on) exceptional on-resistance and maximum dc current capability capable doing cu wire bonding applications power management in note book portable equipment battery powered system load switch esd protected:1000v s 1 d 1 d 2 s 2 g 1 g 2 1 2 3 4 5 6 s-l2n7002fdw1t1g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. ? device marking shipping ordering information l2n7002fdw1t1g 72f 3000 tape & reel l2n7002fdw1t3g 72f 10000 tape & reel s-l2n7002fdw1t1g s-l2n7002fdw1t3g
leshan radio company, ltd. l2n7002fdw1t1g,s-l2n7002fdw1t1g rev .o 2/4 symbol parameter limit min typ max unit static bv dss drain-source breakdown voltage v gs =0v, i d =250 a 30 v v gs(th) gate threshold voltage v ds =v gs , i d =250 a 0.8 1.5 v i gss gate-body leakage v ds =0v, v gs =20v 10 a i dss zero gate voltage drain current v ds =30v, v gs =0v 1 a v gs =4v, i d =10ma 5 8 r ds(on) drain-source on-resistance* v gs =2.5v, i d =1ma 7 13 v sd diode forward voltage * i s =200ma, v gs =0v 1.2 v dynamic qg total gate charge 4.9 qgs gate-source charge 2.1 qgd gate-drain charge v ds =25v, v gs =10v, i d =0.22a 0.6 nc c iss input capacitance 21 c oss output capacitance 10 c rss reverse transfer capacitance v ds =25v, v gs =0v, f=1mhz 2 pf t d(on) turn-on delay time 10.1 t r turn-on rise time 7.3 t d(off) turn-off delay time 31.3 t f turn-off fall time v dd =5v, r l =500 v ges =5v,r g =10 28.2 ns notes: . pulse test; pulse width Q 300us, duty cycle Q 2%. parameter symbol maximum ratings unit drain-source voltage v ds 30 v gate-source voltage v gs 20 v electrical characteristics (t j =25 unless otherwise specified) absolute maximum ratings (t a =25 unless otherwise noted) *
leshan radio company, ltd. rev .o 3/4 typical characteristics (t j =25 noted) l2n7002fdw1t1g,s-l2n7002fdw1t1g
leshan radio company, ltd. typical characteristics (t j =25 noted) rev .o 4/5 l2n7002fdw1t1g,s-l2n7002fdw1t1g
leshan radio company, ltd. rev .o 5/5 sc?88 (sot?363) case 419b?02 style 1: pin 1. source 2 2. gate 2 3. drain 1 4. source 1 5. gate 1 6. drain 2 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419b?01 obsolete, new standard 419b?02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 123 a g s h c n j k 654 ?b? d 6 pl scale 20:1 0.50 0.0197 1.9 0.0748 0.65 0.025 0.65 0.025 0.40 0.0157  mm inches  soldering footprint* l2n7002fdw1t1g,s-l2n7002fdw1t1g


▲Up To Search▲   

 
Price & Availability of L2N7002FDW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X