Part Number Hot Search : 
UPD1616 NTE7085 R16V2 R16V2 L7582 BTA212 12121 12121
Product Description
Full Text Search
 

To Download KDB3632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type 1.27 +0.1 -0.1 1.27 +0.1 -0.1 1.27 +0.1 -0.1 5.08 +0.1 -0.1 5.60 0.1max 8.7 +0.2 -0.2 5.28 +0.2 -0.2 2.54 +0.2 -0.2 2.54 15.25 +0.2 -0.2 4.57 +0.2 -0.2 0.4 +0.2 -0.2 2.54 +0.2 -0.2 0.81 +0.1 -0.1 to - 263 unit: mm 1gate 2drain 3 source KDB3632 (fdb3632) features r ds(on) =7.5m (typ.), v gs = 10v, i d = 80a q g(tot) = 84nc (typ.), v gs = 10v low miller charge low q rr body diode uis capability (single pulse and repetitive pulse) absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 100 v gate to source voltage v gss 20 v drain current-continuous t c 111 80 a t a =25 12 a power dissipation 310 w derate above 25 2.07 w/ thermal resistance junction to ambient r ja 43 /w thermal resistance, junction-to-case r jc 0.48 /w channel temperature t ch 175 storage temperature t stg -55to+175 p d i d 4008-318-123 sales@twtysemi.com 1 of 2 http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type product specification
smd type electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain to source breakdown voltage v dss i d =250a v gs =0v 100 v v ds =80v,v gs =0 1 a v ds =80v,v gs =0,t c =150 250 a gate leakage current i gss v gs = 20v 100 na gate threshold voltage v gs(th) v ds =v gs ,i d = 250a 2.0 4.0 v v gs =10v,i d =80a 0.0075 0.009 v gs =6v,i d =40a 0.009 0.015 v gs =10v,i d =80a,t c =175 0.018 0.022 input capacitance c iss 6000 pf output capacitance c oss 820 pf reverse transfer capacitance c rss 200 pf total gate charge at 10v q g(tot) v gs = 0v to 10v 84 110 nc threshold gate charge q g(th) v gs =0vto2v 11 14 nc gate to source gate charge q gs 30 nc gate charge threshold to plateau q gs2 20 nc gate to drain "miller" charge q gd 20 nc turn-on time t on 102 ns turn-on delay time t d(on) 30 ns rise time t r 39 ns turn-off delay time t d(off) 96 ns fall time t f 46 ns turn-off time t off 213 ns i sd =80a 1.25 v i sd =40a 1.0 v reverse recovery time tr r i sd = 75a, d isd /d t =100a/s 64 ns reverse recovered charge q rr i sd = 75a, d isd /d t =100a/s 120 nc source to drain diode voltage v sd v ds =25v,v gs =0,f=1mhz v ds =50v,i d = 80a,i g =1.0ma drain cut-off current i dss v dd =50v,i d =80a, v gs =10v,r gen =3.6 drain to source on-state resistance r ds(on) 4008-318-123 sales@twtysemi.com 2 of 2 http://www.twtysemi.com smd type KDB3632 (fdb3632) smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of KDB3632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X