Part Number Hot Search : 
Z4B27 SW6403 4KE20 UM3511A 073809 VDZ24B FSL230R4 F4001
Product Description
Full Text Search
 

To Download JAN2N2432 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data npn silicon low power transistor qualified per mil - prf - 19500/313 devices qualified level 2n2432 2n2432a jan jantx jantxv maximum ratings ratings symbol 2n2432 2n2432a unit collector - emitter voltage v ceo 30 45 vdc collecto r - base voltage v cbo 30 45 vdc emitter - collector voltage v eco 15 18 vdc collector current i c 100 madc total power dissipation @ t a = +25 0 c (1) @ t c = +25 0 c (2) p t 300 600 mw mw operating & storage junction t emp. range t stg t j - 65 to +200 - 65 to +175 0 c 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction - to - case r q jc 0.25 mw/ 0 c 1) derate linearly 2.0 mw/ 0 c above t a > +25 0 c 2) derate linearly 4.0 mw/ 0 c above t c > +2 5 0 c to - 18* (to - 206aa) *see appendix a for package outline electrical characteristics (t a = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics emitter - collector breakdown voltage i e = 100 m adc, i b = 0 2 n2432 2n2432a i e = 10 madc, i b = 0 both v (br) eco 15 18 10 vdc collector - emitter breakdown current i c = 10 madc 2n2432 2n2432a v (br) ceo 30 45 vdc collector - emitter cutoff current v cb = 25 vdc 2n2432 v cb = 40 vdc 2n2432a i ces 10 10 h adc 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 1 of 2
2n2432 , 2n2432a jan series electrical characteristics (con?t) characteristics symbol min. max. unit off characteristics (con?t) collector - emitter cutoff current v cb = 30 vdc 2n2432 v cb = 25 vdc 2n2432 v cb = 40 vdc 2n2432a v cb = 45 vdc 2n2432a i cbo 100 10 100 10 m adc h adc m adc h adc emitter - collector cutoff current v ec = 1 5 vdc , v bc = 0 vdc i ecs 2.0 h adc emitter - base cutoff current v eb = 15 vdc i ebo 2.0 h adc on characteristics (1) forward - current transfer ratio i c = 10 m adc, v ce = 5.0 vdc i c = 1.0 madc, v ce = 5.0 vdc h fe 30 80 400 forward - current transfer ratio (inverted connection) i c = 0.2 madc, v ce = 5.0 vdc 2n2432 2n2432a h fe(inv) 2.0 3.0 collector - emitter saturation voltage i c = 10 vdc, i b = 0.5 madc v ce(sat) 0.15 mvdc emitter - collector offset voltage i e = 0 madc, i b = 200 m adc 2n2432 2n2432a i e = 0 madc, i b = 1.0 madc 2n2432 2n2432a v ec(ofs) 0.5 0.4 0.1 0.7 mvdc dynamic characteristics forward current transfer ratio i c = 1.0 madc, v ce = 5.0 vdc, f = 20 mhz ? h fe ? 2.0 10 output capacitance v cb = 0 vd c, i e = 0, 100 khz f 1.0 mhz c obo 12 pf input capacitance v eb = 0 vdc, i c = 0, 100 khz f 1.0 mhz c ibo 12 pf (1) pulse test: pulse width = 300 m s, duty cycle 2.0%. 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fa x: (978) 689 - 0803 120101 page 2 of 2


▲Up To Search▲   

 
Price & Availability of JAN2N2432

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X