Part Number Hot Search : 
UPB554C LN526RGA LC010D MBRS130L MC56F P6KE39 B551C MC56F
Product Description
Full Text Search
 

To Download HERF1602CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  herf160 1ct thru herf160 6ct 16.0 am p high efficie ncy rectifie rs maximum ra tings and elec trical chara cteristics rating 25 c ambient temperat ure uniess otherwies specified . single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate cu rrent by 20%. type number maximum recurrent peak rev erse voltage maximum rms v oltage maximum dc blocking v oltage maximum av erage forward rectified curre nt fea tures mechanical da t a peak forward surge current, 8 .3 ms single half sine-wave superimposed on rated load (j edec method) maximum instantaneous forw ard voltage at 8.0 a maximum dc reverse curren t t c=25 c at rated dc blocking v oltage t c=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) 16.0 1.0 1.3 200 10.0 200 60 100 65 -55 +150 notes: 1. reverse recovery t ime test condition: if=0.5a, ir =1.0a, irr=0.25a 2. measured at 1mhz and app lied reverse voltage of 4.0v d .c. * low forward voltage drop * high current capability * high reliability * high surge current capability v 50 100 200 3 00 400 600 50 100 200 3 00 400 600 35 70 140 2 10 280 420 v v 1.85 * high speed switching * case: molded plastic * epoxy: ul 94v -0 rate flame retardant * lead: lead solderable per mil -std-202, method 208 guranteed * polarity: as ma rked * mounting position: any vol t age range 50 to 600 v olts current 16.0 ampere operating and storage t emperature range t j , t stg a a v ns pf c a a units herf herf herf herf herf herf 1601ct 1602ct 1603ct 1604ct 1605ct 1606ct ito-220(full y insula ted) dimensions in inches and (millimete rs) .412 .248 .122 (3.1) .189(4.8) .158 .610 .550 .100(2.54) .060 .035 .108 (10.5) (6.3) (4.0) (15.5) (14.0) (1.5) (0.9) (2.75) max. max. max. min. max. max. 3.4 max.hole thru f + pin 1 pin 3 pin 2 case max. max. .114(2.9).098(2.5) at t c=75 c 156
.2 .4 .6 .8 1.0 1.2 1.4 .01 .1 1.0 10.0 100 rating and characteristic curves (herf1601ct thru herf1606ct) fig.1-typical forward characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-maximum non-repetitive forward surge current p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) h e r f 1 6 0 4 c t -1 6 0 5 c t h e r f 1 6 0 1 c t -1 6 0 3 c t h e r f1 60 6c t pulse width 300us 1% duty cycle 24 20 16 12 8 4 0 0 20 40 60 80 100 120 140 160 180 200 single phase half wave 60hz resistive or inductive load 50 0 100 150 200 250 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. case temperature ( c) fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 1.6 fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 175 150 125 100 75 50 25 0 .01 .05 .1 .5 1 5 10 50 100 157


▲Up To Search▲   

 
Price & Availability of HERF1602CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X