Part Number Hot Search : 
D1861A TAC97 AS1348 BAS221 UP9508 BU150 FRS3W 74271222
Product Description
Full Text Search
 

To Download FTLF1421P1BTL-3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  finisar ? finisar corporation september 13, 2010 rev. a1 page 1 product specification rohs compliant pluggabl e sfp transceiver for 3g wireless applications FTLF1421P1BTL-3G product features ? up to 3.07gb/s bi-directional data links ? hot-pluggable sfp footprint ? built-in digital diagnostic functions ? uncooled dfb 1310nm laser transmitter ? duplex lc connector ? rohs compliant and lead-free ? metal enclosure, for lower emi ? fec support ? single 3.3v power supply ? low power dissipation <700mw typical ? industrial operating temperature range: -40c to 85c applications ? 2.45 gb/s cpri ? 3.07 gb/s cpri ? 3.07 gb/s obsai ? gigabit ethernet / 1x/2x fibre channel finisar?s FTLF1421P1BTL-3G small form f actor pluggable (sfp) transceivers are compatible with the small form factor pluggable multi-sourcing agreement (msa) 1 . they comply with gigabit ethern et as specified in ieee std 802.3 2 , fibre channel fc-pi 13.0 3 , cpri rev 4.1 5 and obsai rev v4.1 6 . digital diagnostics functions are available via the 2-wire serial bus speci fied in the sfp msa. they are rohs compliant and lead- free per directive 2002/95/ec 4 and finisar application note an-2038. product selection FTLF1421P1BTL-3G
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 2 i. pin descriptions pin symbol name/description ref. 1 v eet transmitter ground (comm on with receiver ground) 1 2 t fault transmitter fault. not supported. 3 t dis transmitter disable. laser output disabled on high or open. 2 4 mod_def(2) module definition 2. data line for serial id. 3 5 mod_def(1) module definition 1. clock line for serial id. 3 6 mod_def(0) module definition 0. grounded within the module. 3 7 rate select no connection required 4 8 los loss of signal indication. logic 0 indicates normal operation. 5 9 v eer receiver ground (common w ith transmitter ground) 1 10 v eer receiver ground (common w ith transmitter ground) 1 11 v eer receiver ground (common w ith transmitter ground) 1 12 rd- receiver inverted data out. ac coupled. 13 rd+ receiver non-inverted data out. ac coupled. 14 v eer receiver ground (common w ith transmitter ground) 1 15 v ccr receiver power supply 16 v cct transmitter power supply 17 v eet transmitter ground (comm on with receiver ground) 1 18 td+ transmitter non-inverted data in. ac coupled. 19 td- transmitter inverted data in. ac coupled. 20 v eet transmitter ground (comm on with receiver ground) 1 notes : 1. circuit ground is internally isolated from chassis ground. 2. laser output disabled on t dis >2.0v or open, enabled on t dis <0.8v. 3. should be pulled up with 4.7k ? 10kohms on host board to a voltage between 2.0v and 3.6v. mod_def(0) pulls line low to indicate module is plugged in. 4. this transceiver operates between 1.25 and 3.07 gb/s without active control. 5. los is open collector output. should be pulled up with 4.7k ? 10kohms on host board to a voltage between 2.0v and 3.6v. logic 0 indicates normal operation; logic 1 indicates loss of signal. veet veet veer veer td- td+ rd+ rd- vcct vccr veet veer txfault mod-def(2) mod-def(1) mod-def(0) rate select los 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 towards asic towards bezel tx disable veer diagram of host board connect or block pin numbers and names
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 3 ii. absolute maximum ratings parameter symbol min typ max unit ref. maximum supply voltage vcc -0.5 4.5 v storage temperature t s -40 85 c case operating temperature t op -40 85 c relative humidity rh 0 85 % 1 iii. electrical characteristics (t op = -40 to 85 c, v cc = 3.00 to 3.60 volts) parameter symbol min typ max unit ref. supply voltage vcc 3.00 3.60 v supply current icc 200 300 ma transmitter input differential impedance r in 100 2 single ended data input swing vin,pp 250 1200 mv transmit disable voltage v d vcc ? 1.3 vcc v transmit enable voltage v en vee vee+ 0.8 v 3 transmit disable assert time 10 us receiver single ended data output swing vout,pp 300 400 800 mv 4 data output rise time t r 100 130 ps 5 data output fall time t f 100 130 ps 5 los fault v los faul t vcc ? 0.5 vcc host v 6 los normal v los nor m vee vee+0.5 v 6 power supply rejection psr 100 mvpp 7 total generated receiver jitter (peak to peak) j rx p-p 0.19 ui notes : 1. non condensing 2. ac coupled. 3. or open circuit. 4. into 100 ohm differential termination. 5. unfiltered, 20-80%. 6. loss of signal is lvttl. logic 0 in dicates normal operation; logic 1 indicates no signal detected. 7. all transceiver specifications are compliant with a power supply sinusoidal modulation of 20 hz to 1.5 mhz up to specified value applied through the power supply filtering network shown on page 23 of the small form-factor pluggable (sfp) transceiver mu ltisource agreement (msa), september 14, 2000. valid on receive side for input powers within r eceive sensitivity.
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 4 iv. optical characteristics (t op = -40 to 85 c, v cc = 3.00 to 3.60 volts) parameter symbol min typ max unit ref. transmitter output opt. pwr: 9/125 smf p out -5 0 dbm 1 optical wavelength 1280 1340 nm spectral width ?20db 1 nm optical modulation amplitude oma 290 receiver average rx sensitivity @ 3.07gb/s r sens1 0 -18 dbm 5 optical center wavelength class 1 laser safety per fda/cdrh and en (iec) 60825 regulations. 2. meets curves in fc-pi 13.0 figures 18 and 19, which allow trade-off between wavelength, spectral width and oma. 3. equivalent extinction ratio specification for fibre channel. allows smaller er at higher average power. 4. unfiltered, 20-80%. 5. with worst-case extinction ratio. measured with a prbs 2 7 -1 test pattern.
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 5 v. general specifications parameter symbol min typ max units ref. data rate br 1250 3070 mb/sec 1 bit error rate @ 3.07 gb/s ber 10 -12 2 max. supported link length on 9/125 m smf @ 3.07gb/s l max1 15 km 3 max. supported link length on 9/125 m smf @ 2x fibre channel l max2 30 km 3 max. supported link length on 9/125 m smf @ gigabit ethernet l max3 30 km 3 notes : 1. gigabit ethernet and 1x/2x fibre channel compliant. 2. tested with a prbs 2 7 -1 test pattern. 3. attenuation of 0.55 db/km is used for the link length calculations. distances are indicative only. please refer to the optical specifications in table iv to calculate a more accurate link budget based on specific conditions in your application. vi. environmental specifications finisar 1310nm sfp transceivers have an i ndustrial operating temperature range from ?40c to +85c case temperature. parameter symbol mi n typ max units ref. case operating temperature t op -40 85 c storage temperature t sto -40 85 c vii. regulatory compliance finisar transceivers are cla ss 1 laser products and comply with us fda regulations. these products are certified by tv and csa to meet the class 1 eye safety requirements of en (iec) 60825 and the electrical safety requirements of en (iec) 60950. copies of certificates are av ailable at finisar co rporation upon request.
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 6 viii. digital diagnostic functions finisar FTLF1421P1BTL-3G sfp transceivers support the 2-wire se rial communication protocol as defined in the sfp msa 1 . it is very closely related to the e 2 prom defined in the gbic standard, with the sa me electrical specifications. the standard sfp serial id pr ovides access to identification information that describes the transceiver?s capabilities, standard in terfaces, manufacturer, and other information. additionally, finisar sfp transceivers provi de a unique enhanced digital diagnostic monitoring interface, which al lows real-time access to devi ce operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage. it also defines a sophisticated system of alarm and warning flags, which alerts end-users when pa rticular operating parameters are outside of a factory set normal range. the sfp msa defines a 256-byte memory map in e 2 prom that is accessible over a 2-wire serial interface at the 8 bit address 1010000x (a0h). the digital diagnostic monitoring interface makes use of the 8 b it address 1010001x (a2h), so the originally defined serial id memory map remains uncha nged. the interface is id entical to, and is thus fully backward compatible with both the gbic specification and the sfp multi source agreement. the complete interface is described in finisar application note an- 2030: ?digital diagnostics monitoring inte rface for sfp optical transceivers?. the operating and diagnostics informati on is monitored and reported by a digital diagnostics transceiver controller (ddtc) inside the transceiver, which is accessed through a 2-wire serial interface. when the seri al protocol is activated, the serial clock signal (scl, mod def 1) is generated by the host. the positive edge clocks data into the sfp transceiver into those segments of the e 2 prom that are not write-protected. the negative edge clocks data from the sfp transc eiver. the serial data signal (sda, mod def 2) is bi-directional for serial data tr ansfer. the host uses sda in conjunction with scl to mark the start and end of serial pr otocol activation. the memories are organized as a series of 8-bit data words that can be addressed individually or sequentially. for more information, please see the sfp msa documentation 1 or finisar application note an-2030. digital diagnostics for the FTLF1421P1BTL-3G are externally calibrated by default. please note that evaluation board fdb- 1018 is available with finisar moddemo software that allows simple to use comm unication over the 2-wire serial interface.
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 7 ix. mechanical specifications finisar?s small form factor pluggable (sfp) transceivers are compatible with the dimensions defined by the sfp mu lti-sourcing agreement (msa) 3 . ftlf1421p1btl
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 8 x. pcb layout and bezel recommendations
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 9
FTLF1421P1BTL-3G pluggable sfp product specification ? september 2010 f i n i s a r ? finisar corporation september 13, 2010 rev. a1 page 10 xi. references 1. small form factor pluggable (sfp) tran sceiver multi-source agreement (msa), september 2000. documentation is currently available at finisar upon request. 2. ieee std 802.3, 2002 edition, clause 38, pmd type 1000base-lx. ieee standards department, 2000. (*) 3. ?fibre channel draft physical interface specification (fc-pi 13.0)?. american national standard for information systems. (*) 4. directive 2002/95/ec of the european council parliament and of the council, ?on the restriction of the use of certain hazardous substances in electrical and electronic equipment.? january 27, 2003. 5. ?cpri specification v4.1?. common pub lic radio interface. february 18, 2009. 6. ?reference point 3 specificat ion?. open base station architecture initiative. july 2008. (*) neither ieee 802.3 nor fc-pi 13.0 specifi es a 1310nm dfb single mode interface. the FTLF1421P1BTL-3G complies with these st andards except for receiver sensitivity, and transmit output power. see section iv for details. xii. for more information finisar corporation 1389 moffett park drive sunnyvale, ca 94089-1134 tel. 1-408-548-1000 fax 1-408-541-6138 sales@finisar.com www.finisar.com


▲Up To Search▲   

 
Price & Availability of FTLF1421P1BTL-3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X