Part Number Hot Search : 
W528SXX BD4734 221M16V8 PS9313L 221M16V8 USB3311 ENA1564 SK5D3
Product Description
Full Text Search
 

To Download FRF1602CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16.0 amp f ast recovery rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 8.0a maximum dc reverse current t c=25 c at rated dc blocking voltage t c=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) 16.0 150 10.0 200 65 -65 +150 a a v ns pf c notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability frf1601ct thru frf1606ct 1.3 250 500 150 vol t age range 50 to 800 volts current 16.0 amperes v 50 100 200 400 600 800 50 100 200 400 600 800 35 70 140 280 420 560 v v * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any operating and storage t emperature range t j , t stg a a units frf frf frf frf frf frf 1601ct 1602ct 1603ct 1604ct 1605ct 1606ct at tc=75 c ito-220(fully insulated) dimensions in inches and (millimeters) .412 .248 .122 (3.1) .189 (4.8) .158 .610 .550 .100 (2.54) .060 .035 .108 (10.5) (6.3) (4.0) (15.5) (14.0) (1.5) (0.9) (2.75) max. max. max. min. max. max. 3.4 max. hole thru f + pin 1 pin 3 pin 2 case max. max. .114(2.9) .098(2.5) 196
1 10 100 0.1 500 rating and characteristic curves (frf1601ct thru frf1606ct) characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 24 20 16 12 8 4 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 40 single phase half wave 60hz resistive or inductive load case temperature ( c) fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 140 120 100 80 60 40 20 0 .01 .05 .1 .5 1 5 10 50 100 0 20 40 60 80 100 120 140 160 180 200 0 fig.1-typical forward fig.4-maximum non-repetitive forward surge current 50 0 100 150 200 250 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 197


▲Up To Search▲   

 
Price & Availability of FRF1602CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X