146 note design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. cat.no.2004/2005e(2004.10.1) electric double layer capacitors ?ynacap dz marking color : white print on a black sleeve series dz high energy type capacitors ?low internal resistance allows boosting charge and heavy-current discharge. (ampere level) ?pollution-free ; with no pollutants such as cd or pb. ?unlimited number of charges and discharges. dz outline drawing standard ratings unit: mm l + 2max. d 1max. vinyl sleeve plate vent 1.5 0.1 6.3 1 lug terminal details 0.9 0.1 thickness:0.8t position of pc board holes (?negative terminal indicated by cross notching 2.1 7.5 6.8 2.6 10 0.1 10 2? 2 markings l + max. ?d f ?d 8 3.5 0.6 12.5 5.0 2.0 18 7.5 0.8 15min. 5 min. vinyl sleeve d 0.5max. f 0.5 d 0.05 copper clad steel wire(tinned) vent 8 to 18 25, 35 specifications item performance category temperature range ( ? c) tolerance at rated capacitance (%) internal resistance at 1 khz characteristics at high and low temperature endurance (70 ? c) shelf life (70 ? c) test time : 1000 hours ; same as endurance. ? 25 to + 70 ? 20 to + 80 rated capacitance (f) 1.0 3.3 4.7 10 20 50 100 200 1.0 0.3 0.2 0.2 0.2 0.08 0.08 0.08 internal resistance ( ? ) percentage of capacitance change internal resistance within 30% of value at 20 ? c less than five times of the value at 20 ? c test time percentage of capacitance change internal resistance 1000 hours within 30% of the initial measured value within four times of the initial specified value max. operating voltage(v) rated capacitance(f) dxl(mm) elna parts no. 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 dz-2r5d105 dz-2r5d335 dz-2r5d475 DZ-2R5D106 dz-2r5d206 dz-2r5d506 dz-2r5d107 dz-2r5d207s57 8.0x22.0 12.5x23.0 12.5x31.5 18.0x35.0 18.0x40.0 25.0x40.0 35.0x50.0 35.0x50.0 1.0 3.3 4.7 10 20 50 100 200 internal resistance(m ? ) at 1khz (measurement value) 200 70 50 30 30 20 20 20 max. leakage current(ma) after 24h 0.1 0.2 0.3 0.5 0.8 1.0 1.0 2.0 dc high capacitance ? internal resistance are not guaranteed values, but measurement value. ? we tailor packaged product in series and parallel arrangements according to voltage and capacitance as required. part numbering system (example: 2.5v10f) environmental item former item dz t d series code 2r5 106 rated voltage symbol rated capacitance symbol dz d series code 2r5 106 rated voltage symbol rated capacitance symbol
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: elna: ? dz-2r5d506n? dz-2r5d334? dz-2r5d107? DZ-2R5D106? dz-2r5d335n? dz-2r5d107n? dz-2r5d506? dz- 2r5d475? dz-2r5d335t? dz-2r5d105t? DZ-2R5D106t? dz-2r5d475t
|