Part Number Hot Search : 
SMBT3904 40270 APL5151 SR220 IZ1223M SL5234 04TM1T SS8550T
Product Description
Full Text Search
 

To Download DMP4047SSD-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmp4047ssd document number ds36353 rev. 3 - 2 1 of 5 www.diodes.com september 2013 ? diodes incorporated dmp4047ssd new product new product 40v dual p-channel enhancement mode mosfet product summary v (br)dss r ds(on) i d t a = +25c -40v 45m ? @ v gs = -10v -6.5a 55m ? @ v gs = -4.5v -5.9a description this mosfet has been designed to minimize the on-state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal for high efficiency po wer management applications. applications ? backlighting ? dc-dc converters ? power management functions features ? 100% unclamped inductive switch (uis) test in production ? low on-resistance ? fast switching speed ? totally lead-free & fully rohs compliant (note 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: so-8 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: finish ? tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.074 grams (approximate) ordering information (note 4 & 5) part number compliance case packaging DMP4047SSD-13 standard so-8 2,500/tape & reel dmp4047ssdq-13 automotive so-8 2,500/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capabl e. automotive, aec-q101 and standard products are electrically and thermally the same, except where specified. for more information, please refer to http://www .diodes.com/quality/product_grade_definitions/. 5. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information top view top view pin-out equivalent circuit = manufacturer?s marking p4047sd = product type marking code yyww = date code marking yy = year (ex: 09 = 2009) ww = week (01 - 53) so-8 . 1 4 8 5 p4047 sd yy ww d1 s1 g1 s2 g2 d1 d2 d2 d 1 s1 g1 d 2 s2 g2 e3
dmp4047ssd document number ds36353 rev. 3 - 2 2 of 5 www.diodes.com september 2013 ? diodes incorporated dmp4047ssd new product new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value units drain-source voltage v dss -40 v gate-source voltage v gss 20 v continuous drain current (note 7) v gs = -10v steady state t a = +25c t a = +70c i d -5.1 -4.1 a t < 10s t a = +25c t a = +70c i d -6.5 -5.2 a continuous drain current (note 7) v gs = -4.5v steady state t a = +25c t a = +70c i d -4.6 -3.7 a t < 10s t a = +25c t a = +70c i d -5.9 -4.7 a maximum body diode continuous current i s -2.5 a pulsed drain current (10s pulse, duty cycle = 1%) i dm -40 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value units total power dissipation (note 6) t a = +25c p d 1.3 w t a = +70c 0.8 thermal resistance, junction to ambient (note 6) steady state r ja 98 c/w t < 10s 59 total power dissipation (note 7) t a = +25c p d 1.8 w t a = +70c 1.1 thermal resistance, junction to ambient (note 7) steady state r ja 71 c/w t < 10s 43 thermal resistance, junction to case (note 7) r jc 11.8 operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 8) drain-source breakdown voltage bv dss -40 ? ? v v gs = 0v, i d = -250 a zero gate voltage drain current t j = +25c i dss ? ? -1 a v ds = -40v, v gs = 0v gate-source leakage i gss ? ? 100 na v gs = 20v, v ds = 0v on characteristics (note 8) gate threshold voltage v gs ( th ) -1.0 ? -3.0 v v ds = v gs , i d = -250 a static drain-source on-resistance r ds (on) ? 33 45 m ? v gs = -10v, i d = -4.4a 40 55 v gs = -4.5v, i d = -3.7a diode forward voltage v sd ? -0.75 -1.2 v v gs = 0v, i s = -3.9a dynamic characteristics (note 9) input capacitance ciss ? 1154 ? pf v ds = -20v, v gs = 0v, f = 1.0mhz output capacitance coss ? 84 ? pf reverse transfer capacitance crss ? 66 ? pf gate resistance rg ? 12.6 ? ? v ds = 0v, v gs = 0v, f = 1mhz total gate charge (v gs = -4.5v) qg ? 10.6 ? nc v ds = -20v, i d = -4.9a total gate charge (v gs = -10v) qg ? 21.5 ? nc gate-source charge qgs ? 2.2 ? nc gate-drain charge qgd ? 3.3 ? nc turn-on delay time td(on) ? 8.7 ? ns v ds = -20v, i d = -3.9a v gs = 4.5v, r g = 1 ? turn-on rise time tr ? 19.6 ? ns turn-off delay time td(off) ? 34.9 ? ns turn-off fall time tf ? 25.5 ? ns body diode reverse recovery time trr ? 9.61 ? ns i f = -3.9a, di/dt = 100a/ s body diode reverse recovery charge qrr ? 3.3 ? nc notes: 6. device mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout. 7. device mounted on fr-4 substrate pc board, 2oz copper, with 1inch square copper plate. 8. short duration pulse test used to minimize self-heating effect. 9. guaranteed by design. not subject to product testing.
dmp4047ssd document number ds36353 rev. 3 - 2 3 of 5 www.diodes.com september 2013 ? diodes incorporated dmp4047ssd new product new product -v , drain -source voltage (v) figure 1 typical output characteristics ds 0 5 10 15 20 25 30 -i , d r a i n c u r r e n t ( a ) d v= -2.0v gs v= -3.0v gs v= -4.0v gs v= -4.5v gs v= -10v gs v= -5.0v gs 012345 v= -2.5v gs v= -3.5v gs -v , gate-source voltage (v) gs figure 2 typical transfer characteristics t = 150c a ? t = 125c a ? t = 85c a ? t = 25c a ? t = -55c a ? v = -5.0v ds -i , drain source current (a) figure 3 typical on-resistance vs. drain current and gate voltage d r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 0 5 10 15 20 v = -4.5v gs v = -10v gs v = -2.5v gs 0 5 10 15 20 25 30 -i , drain source current (a) figure 4 typical on-resistance vs. drain current and temperature d r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v = -4.5v gs -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) j ? figure 5 on-resistance variation with temperature r , d r ai n -s o u r c e on-resistance (normalized) ds(on) 0 0.5 1.5 1.0 2.0 v = -4.5v i = -5a gs d v = -10v i = -10a gs d -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) j ? figure 6 on-resistance variation with temperature r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) ? 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 v= -10v i= a gs d -10 v=5v i= a gs d -4. -5
dmp4047ssd document number ds36353 rev. 3 - 2 4 of 5 www.diodes.com september 2013 ? diodes incorporated dmp4047ssd new product new product package outline dimensions please see ap02002 at http://www.diodes.com/dat asheets/ap02002.pdf for the latest version. -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) figure 7 gate threshold variation vs. ambient temperature a v, g a t e t h r es h o ld v o l t a g e (v) gs(th) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i=1ma d - i = -250a d 2.0 -v , source-drain voltage (v) figure 8 diode forward voltage vs. current sd 0 5 10 15 20 25 30 -i , s o u r c e c u r r en t (a) s t= 25c a ? 0 0.3 0.6 0.9 1.2 1.5 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 t1, pulse duration times (sec) figure 9 transient thermal resistance r(t), transient thermal resistance d = 0.7 d = 0.9 d = 0.5 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 single pulse so-8 dim min max a - 1.75 a1 0.10 0.20 a2 1.30 1.50 a3 0.15 0.25 b 0.3 0.5 d 4.85 4.95 e 5.90 6.10 e1 3.85 3.95 e 1.27 typ h - 0.35 l 0.62 0.82 ?? 0 ? 8 ? all dimensions in mm gauge plane seating plane detail ?a? detail ?a? e e1 h l d e b a2 a1 a 45 7 ~ 9 a3 0.254
dmp4047ssd document number ds36353 rev. 3 - 2 5 of 5 www.diodes.com september 2013 ? diodes incorporated dmp4047ssd new product new product suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com dimensions value (in mm) x 0.60 y 1.55 c1 5.4 c2 1.27 x c1 c2 y


▲Up To Search▲   

 
Price & Availability of DMP4047SSD-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X