Part Number Hot Search : 
245DW CX24171 218500P G1200 KA78TXX SU169 5KP70A 01M18
Product Description
Full Text Search
 

To Download BUK553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 powermos transistor logic level fet BUK553-60a/b general description n-channel enhancement mode logic level field-effect power transistor in a plastic envelope. the device is intended for use in switched mode power supplies (smps), motor control, welding, dc/dc and ac/dc converters, and in automotive and general purpose switching applications. pinning - to220ab quick reference data pin 1 2 3 tab description gate drain source drain symbol vds id p,o, rds(on) parameter BUK553 drain-source voltage drain current (dc) total power dissipation junction temperature drain-source on-state resistance; vgs = 5 v max. -60a 60 21 75 175 0.085 max. -60b 60 20 75 175 0.10 unit v a w ?c i pin configuration symbol 2 limiting values limiting values in accordance with the absolute maximum system (iec 134) symbol vds vdgr vgs vgsm id id 'dm p,o, ^ parameter drain-source voltage drain-gate voltage gate-source voltage non-repetitive gate-source voltage drain current (dc) drain current (dc) drain current (pulse peak value) total power dissipation storage temperature junction temperature conditions rgs = 20 k2 tp < 50 ^s tmb= 25 'c tmb=100c tmb = 25 -c tmb = 25 'c min. -55 max. 60 60 15 20 -60a 21 15 84 -60b 20 14 80 75 175 175 unit v v v v a a a w ?c ?c thermal resistances symbol "mb j-mb "th j-a parameter thermal resistance junction to mounting base thermal resistance junction to ambient conditions min. - typ. 60 max. 2.0 unit k/w k/w
'lieu tss-ml-donauchoi \pioaudti., line. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: 973/467-8519 powermos transistor logic level fet BUK553-60a/b static characteristics tmb = 25 c unless otherwise specified symbol v(br)dss ?es(to) idss 'dss igss f"ds(on) parameter drain-source breakdown voltage gate threshold voltage zero gate voltage drain current zero gate voltage drain current gate source leakage current drain-source on-state resistance conditions vgs = 0 v; id = 0.25 ma vds = vgs; id = 1 ma vds = 60 v; vgs = 0 v; t = 25 c vds = 60 v; vgs = 0 v; t =125 c vgs = 15v;vds = ov vgs = 5 v; BUK553-60a id = 10a BUK553-60b min. 60 1.0 - - - - - typ. - 1.5 1 0.1 10 0.075 0.08 max. . 2.0 10 1.0 100 0.085 0.10 unit v v ha ma na ii ii dynamic characteristics tmb = 25 c unless otherwise specified symbol 9fs cjss c-oss crss 'don t, tdoff t, ld ld ls parameter forward transconductance input capacitance output capacitance feedback capacitance turn-on delay time turn-on rise time turn-off delay time turn-off fall time internal drain inductance internal drain inductance internal source inductance conditions vds = 25v;id = 10a vgs = 0 v; vds = 25 v; f = 1 mhz vdd = 30 v; id = 3 a; vgs = 5 v; rgs = 50 ft; rgen = 50 q measured from contact screw on tab to centre of die measured from drain lead 6 mm from package to centre of die measured from source lead 6 mm from package to source bond pad min. 7 - - - typ. 10 700 240 130 20 95 80 65 3.5 4.5 7.5 max. - 825 350 160 30 120 110 85 - unit s pf pf pf ns ns ns ns nh nh nh quality semi-conductors


▲Up To Search▲   

 
Price & Availability of BUK553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X