Part Number Hot Search : 
STK4161 CSPLTVK 5KE10 TDF2912 CSPLTVK H5PS5 4LVCH 2SD0966
Product Description
Full Text Search
 

To Download BFW13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^s-tni-donaactoi ^products., 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 bfw12 BFW13 n-channel silicon fets symmetrica! n-channel silicon planar epitaxial junction field-effect transistors in to-72 metal envelopes with the shield lead connected to the case. the transistors are intended for battery powered equipment and other low current-low voltage applications. quick reference data drain-source voltage vrjs max. 30 gate-source voltage (open drain) ~vgso max. 30 total power dissipation up to tamd =* 1 10 c ptot max. 1 50 bfw12 BFW13 liram current ^^ ." vds=15v;vgs>0 idss < 5 gate-source cut-off voltage ld = 0,5na;vds=15v -v(p)qs < 2,5 feedback capacitance at f = 1 mhz vds= 15v;vgs = 0 cra < 0.80 transfer admittance (common source) vds=15v;ld = 200ma;f=1 kh2 |yfs > 0,5 equivalent noise voltage vds=15v;ld = 200(ia b = 0.6 to 100 hz vn < 0.5 0,2 1,5 1.2 0,80 0,5 0,5 v v mw ma ma v pf ms mv mechanical data dimensions in mm fig. 1 to-72. pinning 1 - source 2 drain 3 = gate 4 - shield lead connected to case note: drain and source are interchangeable. nj .semi-c t'lidutlors reserves the right to change test conditions, parameter limit! und package dimensions wiihonl notice inliirmation rumith?t) by nj scmi-cunducton if believed to he both uccurale find reliable m the lime of going to press. however vini-l iinjuclor; .i^suines mi re'-ptnuibility lor ;iny errors >>r uinissiiins jiscuvured in its ii.->e m.i scim-c un.liii.tirs ii-;k nn'fs fi) \ciif\u il;iln-;hivli n-charmel silicon fets characteristics tj ? 25 c gate cut-off currents -vgs = 10 v; yds = o -igss -vgs-10v;vds=0;tj = 1s00c -igss drain current *) yds = is v; vgs= o idss gate -source voltage id= 50^^08 = 15v -vgs gate-source cut-off voltage id = 0. 5na; vqs = 15 v ~v(p)gs y parameters at f = 1 khz; tamb = 25 c vds = 15 v; vgs = 0 transfer admittance |vfs| output admittance |yos| vds = 15 v; id = 500 p a transfer admittance |yjs| output admittance |yosj vds = 1s v'- 1d = 200 (aa transfer admittance |yfs| output admittance lvos| f - 1 mhz; tamb - 25 c yds = is v; vgs = o input capacitance cjss feedback capacitance crs equivalent noise voltage yds = 15 v; 1d = 200 (ia; tamb = 25 c b = 0. 6 to 100 hz vn bfw12 BFW13 j i bfw12 1 1 BFW13 unless otherwise specified bfw12 BFW13 < 0.1 0. 1 na < 0. 1 0. 1 |^a > 1 0.2 ma < 5 1.5 ma > 0.5 0.1 v < 2.0 1.0 v < 2.5 1.2 v > 2.0 1.0 ms < 30 10 gs > 1.5 - ms < 10 - ps > 0.5 0.5 ms < 5 5 ps < 5 5 pf < 0.80 0.80 pf < 0.5 0.5 yv ratings limiting values in accordance with the absolute maximum system (iec 134) drain-source voltage ^ds max. drain-gate voltage (open source) ^dco max. gate-source voltage (open drain) ~vgso max. drain current iq max. gate current ig max. 30 v 30 v 30 v 10 ma s ma total power dissipation up to tamb = 86 c rtot max. 150 mw storage temperature range junction temperature thermal resistance from junction to ambient tstg -65 to+175 c rt-h i - a max. 175 590 kf/ui
bfw12 BFW13 ratings limiting values in accordance with the absolute maximum system (iec 134) drain-source voltage *^ds max. 30 v drain-gate voltage (open source) vdgo max. 30 v gate-source voltage (open drain) "^gso max. 30 v drain current irj max, 10 ma gate current iq max. 5 ma total power dissipation up to tamb = 86 c ptot max. iso mw storage temperature range tstg "65 to + 1 75 c junction temperature tj max. 175 c thermal resistance from junction to ambient r^ j_a = 590 k/w


▲Up To Search▲   

 
Price & Availability of BFW13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X