Part Number Hot Search : 
TD62603 SNA6I4 A78R12 GLB2855 00306 B1033 1N414 122ML
Product Description
Full Text Search
 

To Download B132100AWP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vga with audio over cat5/cat6 extender, wallplate receiver, 1920x1440 at 60hz, up to 1000-ft. model number: b132-100a-wp-1 description tripp lite's b132-100a-wp-1 works with a b132-002a or b132-004a local transmitter unit to extend a 1920 x 1440 (60hz) video and audio signal up to 500 ft., or a 1024 x 768 (60hz) video and audio signal up to 1,000 ft.. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution. for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k . features built-in equalization and gain controls to adjust the video image. rj45 type wallplate allows you to use standard patch cable, eliminating the need for a 110 punchdown connection. ideal for digital signage situations, such as retail, schools, churches, etc. features works with a b132-002a or b132-004a local unit to extend a 1920 x 1440 (60hz) video and audio signal up to 500 ft., or a 1024 x 768 (60hz) video and audio signal up to 1,000 ft. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k features built-in equalization and gain controls to adjust the video image rj45 type wallplate allows you to use standard patch cable, eliminating the need for a 110 punchdown connection ideal for digital signage situations, such as retail, schools, churches, etc.. compliant with the federal trade agreements act (taa) for gsa schedule purchases 1 year limited waranty. specifications general info highlights works with a b132-002a or b132-004a local unit to extend a 1920 x 1440 (60hz) video and audio signal up to 500 ft., or a 1024 x 768 (60hz) video and audio signal up to 1,000 ft. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k rj45 type wallplate allows you to use standard patch cable, eliminating the need for a 110 punchdown connection compliant with the federal trade agreements act (taa) for gsa schedule purchases package includes extender remote (receiver) wallplate mini-screwdriver for eq/gain adjustment wallplate screws external power supply (input: 100-240v, 50/60hz, 0.5a output: 5v, 2a) owners manual 1 / 2
rohs y overview chromebook compatible no display style splitter model type vga cable types cat5/cat5e physical shipping weight (lbs.) 1 shipping weight (kg) 0.45 unit dimensions (hwd / in.) 4.5 x 2.75 x 1 unit dimensions (hwd / cm) 11.43 x 6.99 x 2.54 unit weight (lbs.) 0.5 unit weight (kg) 0.23 color white connections connector a hd15 (female) connector b 3.5mm (female) connector c rj45 (female) warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of B132100AWP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X