Part Number Hot Search : 
30N3200 2SJ60 HCPL2411 L74VHC1G AT76C712 ZSM30006 C3164 78M06
Product Description
Full Text Search
 

To Download B1321001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vga over cat5/cat6 extender, box-style receiver, 1920x1440 at 60hz, up to 1000-ft. model number: b132-100-1 description tripp lite's b132-100-1 works with a b132-002-2 or b132-004-2 local transmitter unit to extend a 1920 x 1440 (60hz) video signal up to 500 ft., or a 1024 x 768 (60hz) video signal up to 1,000 ft.. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution. for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k . features built-in equalization and gain controls to adjust the video image. includes mounting hardware that allows unit to be wallmounted, rackmounted or pole mounted. ideal for digital signage situations, such as retail, schools, churches, etc. compliant with the federal trade agreements act (taa) for gsa schedule purchases. features works with a b132-002-2 or b132-004-2 local transmitter unit to extend a 1920 x 1440 (60hz) video signal up to 500 ft., or a 1024 x 768 (60hz) video signal up to 1,000 ft. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k features built-in equalization and gain controls to adjust the video image includes mounting hardware that allows unit to be wallmounted, rackmounted or pole mounted ideal for digital signage situations, such as retail, schools, churches, etc.. compliant with the federal trade agreements act (taa) for gsa schedule purchases 1 year limited waranty. specifications general info highlights works with a b132-002-2 or b132-004-2 local transmitter unit to extend a 1920 x 1440 (60hz) video signal up to 500 ft., or a 1024 x 768 (60hz) video signal up to 1,000 ft. 24awg, solid wire cat5e/6 cable, such as tripp lite's n022-01k-gy (cat5) and n222-01k-gy (cat6), is required to achieve maximum distance and resolution for optimal image quality between 500 and 1,000 ft., use zero-skew cable, such as tripp lite p524-01k compliant with the federal trade agreements act (taa) for gsa schedule purchases package includes extender remote (receiver) unit mini-screwdriver for eq/gain adjustment mounting hardware external power supply (input: 100-240v, 50/60hz, 0.5a output: 5v, 2a) owners manual 1 / 2
rohs y overview chromebook compatible no display style splitter model type vga cable types cat5/cat5e physical shipping weight (lbs.) 1 shipping weight (kg) 0.45 unit dimensions (hwd / in.) 1 x 2.5 x 3.6 unit dimensions (hwd / cm) 2.54 x 6.35 x 9.14 unit weight (lbs.) 0.45 unit weight (kg) 0.20 color black connections connector a hd15 (female) connector b rj45 (female) warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of B1321001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X