Part Number Hot Search : 
473U7 N4733 74ACT04 EB13E2E LP141E2 T54FC SSH10N70 DTA11
Product Description
Full Text Search
 

To Download ACT634SMX-2-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel : 0044 (0)118 979 1238 fax : 0044 (0)118 979 1283 email : info@actcrystals.com parameter symbol specification frequency range fo 10.0 ~ 48.0mhz frequency tolerance (@25c) ? f/fo 30 & 50ppm 50ppm -20~+70c standard (table 2) 30ppm -10~+60c standard (table 2) temp operating range topr 0~+50c ~ -40~+85c temp storage range tstg -55 ~+125c equivalent series resistance esr see table 1 load capacitance cl 9pf ~ 20pf & series shunt capacitance c0 5pf max drive level dl 10 ~ 100 w esr min to max <1.3 fl min to max <1.3 insulation resistance ir 500m ? min aging fa 5ppm p/year (3ppm available) issue 5 scc (custom to 200w available - enquire) 3 the business centre, molly millars lane, wokingham, berkshire, rg41 2ey, uk http://www.actcrystals.com @100v dc date 31-5-2012 for quotations or further information please contact us at: in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice dld 0.01, 0.1,1,10,50,100 ? w steps iso9001:2000 registered customer to specify : frequency, frequency tolerance, temperature stability, operating temperature & load capacitance please note that all parameters can not necessarily be specified in the same device drive level dependency (first year max @ 25c) condition the act634smx-2 family is a low cost, 2 pad, high quality, low aging 6x3.5mm smd crystal in a ceramic base / metal lid package. the wide frequency range and specification options ensure suitability for many applications. applications: wireless, audio-visual, atm,cordless phones, pagers, micro clock, notebook, instrumentation, office automation, audio-visual, process control, consumer & communications. act634smx-2 specification stability over temp range tc or specify please specify please specify or specify or specify pad surface material: gold (au) table 2 temperature -10~+60c -10~+70c -20~+70c 50 ? ? ? std ? ?? ? std 20 30 frequency stability (ppm) table 1 esr ( ? ) max mode / cut fundamental / at fundamental / at fundamental / at fundamental / bt 3 rd overtone / at freq. range (mhz) 30.000~48.000 50 20.000~30.000 >20mhz 40 80 80 10.000 ~ 12.999 40 13.000~19.999
example : ce 1200 i k g c - pf 634smx-2 (12.000mhz ) (30ppm) (30ppm) (-20+70) (1k reel ) (rohs) g 20 h 25 f fundamental i 30 - pf l 50 b -0+60 e -10+60 go 8 f -10+70 jo 9 g -20+70 ko 10 package mo 11 l = loose oo 12 c =1k reels zo 14 i 20 po 15 k 30 ro 16 o 50 to 18 v 100 vo 20 aa 24 ba 25 da 30 sr sr ` notes : 1) 2) 3) 4) issue 5 scc date 31-5-2012 series : act634smx-2 part numbering code is c e ro f (16pf) (fund') tolerance (pm) @ 25oc frequency 10- 47.9999mhz 1st four digits of frequency. see note 4 operating temperature range (oc) load capacitance ( pf or series resonance) mode rohs comp' examples stability over operating temperature (oc) 1200 = 12.000mhz 4999 = 49.9999mhz nb: it is important to suffix the above part number with the full frequency required to give a completed part number as illustrated below full example part number ce1200ikgrofc - pf 12.0000mhz tighter tolerances and stabilities and other operating temperature ranges may be available. ( eg : a 12.00mhz custom act634smx-2 device may have a part number such as ce1200c- c1122-pf) act are always happy to consider truly custom specification parts which may require non-standard specification parameters, specific testing, customer requested aql requirements, non standard packaging or taping and reeling and custom marking. such devices e business centre, molly millars lane, wokingham, berkshire, rg41 2ey, united ki n http:www.actcrystals.com a guide to availability of tighter stabilities appears on page one of this data sheet in table 2 frequencies below 10.000mhz are prefixed with a "0" (eg: 0900 = 9mhz.whereas 10.000mhz is 1000 ) iso9001 registered for quotations or further information please contact us at: table 2 temperature -10~+60c -10~+70c -20~+70c 50 ? ? ? std ? ?? ? std 20 30 frequenc y stabilit y ( ppm )


▲Up To Search▲   

 
Price & Availability of ACT634SMX-2-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X