Part Number Hot Search : 
AD784 UF1502 2N6261 S5400 ADG794 9893F TRRPB 7800A
Product Description
Full Text Search
 

To Download 75LVC86A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc86a provides four 2-input exclusive- or functions. it is a high-performance, low power, low-voltage, si-gate cmos device and superior to most advanced cmos compatible ttl families. inputs can be driven from either 3.3 v or 5 v devices. this feature a llows the use of these devices as translators in mixed 3.3 v and 5 v applications. 2. features ? 5 v tolerant inputs for interlacing with 5 v logic ? supply voltage range from 1.2 v to 3.6 v ? cmos low power consumption ? direct interface with ttl levels ? complies with jedec standard jesd8-b / jesd36 ? esd protection: ? hbm jesd22-a114-c exceeds 2000 v ? cdm jesd22-c101-c exceeds 1000 v ? specified from ? 40 c to +85 c and ? 40 c to 125 c 3. ordering information 74lvc86a quad 2-input exclusive-or gate rev. 05.00 ? 15 may 2006 product data sheet table 1: ordering information type number package temperature range name description version 74lvc86ad ? 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74lvc86adb ? 40 c to +125 c ssop14 plastic shrink sm all outline package; 14 leads; body width 5.3 mm sot337-1 74lvc86apw ? 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74lvc86abq ? 40 c to +125 c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm sot762-1
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 2 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 4. functional diagram 5. pinning information 5.1 pinning fig 1. logic diagram fig 2. iec logic symbol mna787 1a 1b 1y 2 1 3 2a 2b 2y 5 4 6 3a 3b 3y 10 9 8 4a 4b 4y 13 12 11 mna786 3 = 1 = 1 = 1 = 1 2 1 6 5 4 8 10 9 11 13 12 fig 3. logic diagram for one gate mna78 8 y a b (1) the die substrate is attached to this pad using conductive die attach material. it can not be used as a supply pin or input. fig 4. pin configuration for so14 and (t)ssop14 fig 5. pin configuration for dhvqfn14 86 1a v cc 1b 4b 1y 4a 2a 4y 2b 3b 2y 3a gnd 3y 001aad103 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aad105 86 transparent top view 2y 3a 2b 3b 2a 4y 1y 4a 4b 1b gnd (1) gnd 3y 1a v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 3 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 5.2 pin description 6. functional description [1] h = high voltage level l = low voltage level. table 2: pin description symbol pin description 1a 1 data input 1b 2 data input 1y 3 data output 2a 4 data input 2b 5 data input 2y 6 data output gnd 7 ground (0 v) 3y 8 data output 3a 9 data input 3b 10 data input 4y 11 data output 4a 12 data input 4b 13 data input v cc 14 supply voltage table 3: functional table [1] input output na nb ny lll lhh hl h hhl
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 4 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for so14 packages: above 70 c the value of p tot derates linearly with 8 mw/k. for (t)ssop14 packages: above 60 c the value of p tot derates linearly with 5.5 mw/k. for dhvqfn14 packages: above 60 c the value of p tot derates linearly with 4.5 mw/k. 8. recommended operating conditions table 4: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v i ik input clamping current v i < 0 - ? 50 ma v i input voltage [1] ? 0.5 +6.5 v i ok output clamping current v o > v cc or v o < 0 - 50 ma v o output voltage [1] ? 0.5 v cc + 0.5 v i o output current v o = 0 to v cc - 50 ma i cc supply current - + 100 ma i gnd ground current - ? 100 ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 c to +125 c [2] - 500 mw table 5: recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.2 - 3.6 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature in free air ? 40 - +125 c ? t/ ? v input transition rise and fall rate v cc = 1.65 v to 2.7 v 0 - 20 ns/v v cc = 2.7 v to 3.6 v 0 - 10 ns/v
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 5 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 9. static characteristics table 6: static characteristics at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit t amb = ? 40 c to +85 c v ih high-level input voltage v cc = 1.2 v 1.08 - - v v cc = 1.65 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 1.2 v - - 0.12 v v cc = 1.65 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = ? 100 a; v cc = 1.65 v to 3.6 v v cc ? 0.2 - - v i o = ? 4ma; v cc = 1.65 v v cc ? 0.45 - - v i o = ? 8ma; v cc = 2.3 v v cc ? 0.5 - - v i o = ? 12 ma; v cc = 2.7 v v cc ? 0.5 - - v i o = ? 18 ma; v cc = 3.0 v v cc ? 0.6 - - v i o = ? 24 ma; v cc = 3.0 v v cc ? 0.8 - - v v ol low-level output voltage v i =v ih or v il i o = 100 a; v cc = 1.65 v to 3.6 v - - 0.2 v i o =4ma; v cc = 1.65 v - - 0.45 v i o =8ma; v cc = 2.3 v - - 0.6 v i o =12ma; v cc = 2.7 v - - 0.4 v i o =24ma; v cc = 3.0 v - - 0.55 v i i input leakage current v cc = 3.6 v; v i =5.5vorgnd - 0.1 5 a i cc supply current v cc = 3.6 v; v i =v cc or gnd; i o =0 - 0.1 10 a ? i cc additional supply current per input pin v cc = 2.7 v to 3.6 v; v i =v cc ? 0.6 v; i o =0 - 5 500 a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd to v cc -5.0-pf t amb = ? 40 c to +125 c v ih high-level input voltage v cc = 1.2 v 1.08 - - v v cc = 1.65 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 1.2 v - - 0.12 v v cc = 1.65 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 6 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate [1] all typical values are measured at v cc = 3.3 v (unless stated otherwise) and t amb =25 c. 10. dynamic characteristics v oh high-level output voltage v i =v ih or v il i o = ? 100 a; v cc = 1.65 v to 3.6 v v cc ? 0.3 - - v i o = ? 4ma; v cc = 1.65 v v cc ? 0.6 - - v i o = ? 8ma; v cc = 2.3 v v cc ? 0.65 - - v i o = ? 12 ma; v cc = 2.7 v v cc ? 0.65 - - v i o = ? 18 ma; v cc = 3.0 v v cc ? 0.75 - - v i o = ? 24 ma; v cc = 3.0 v v cc ? 1- - v v ol low-level output voltage v i =v ih or v il i o = 100 a; v cc = 1.65 v to 3.6 v - - 0.3 v i o =4ma; v cc = 1.65 v - - 0.65 v i o =8ma; v cc = 2.3 v - - 0.8 v i o =12ma; v cc = 2.7 v - - 0.6 v i o =24ma; v cc = 3.0 v - - 0.8 v i i input leakage current v cc = 3.6 v; v i =5.5vorgnd - - 20 a i cc supply current v cc = 3.6 v; v i =v cc or gnd; i o =0 - - 40 a ? i cc additional supply current per input pin v cc = 2.7 v to 3.6 v; v i =v cc ? 0.6 v; i o =0 - - 5000 a table 6: static characteristics ?continued at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit table 7: dynamic characteristics voltages are referenced to gnd (ground = 0 v). for test circuit see figure 7 . symbol parameter conditions min typ [1] max unit t amb = ? 40 c to +85 c t phl , t plh high to low, low to high propagation delay na, nb to ny see figure 6 v cc = 1.2 v - 11.0 - ns v cc = 1.65 v to 1.95 v 0.5 4.1 9.0 ns v cc = 2.3 v to 2.7 v 0.9 2.4 5.1 ns v cc = 2.7 v 1.0 2.5 5.5 ns v cc = 3.0 v to 3.6 v 1.0 2.2 4.6 ns t sk(o) output skew time v cc = 3.0 v to 3.6 v [2] -- 1.0ns t amb = ? 40 c to +125 c t phl , t plh high to low, low to high propagation delay na, nb to ny see figure 6 v cc = 1.2 v - - - ns v cc = 1.65 v 0.5 - 11.5 ns v cc = 2.3 v to 2.7 v 0.9 - 6.5 ns v cc = 2.7 v 1.0 - 7.0 ns v cc = 3.0 v to 3.6 v 1.0 - 6.0 ns t sk(o) output skew time v cc = 3.0 v to 3.6 v [2] -- 1.5ns
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 7 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate [1] typical values are measured at t amb =25 c and v cc = 1.8 v, 2.5 v, 2.7 v, and 3.3 v respectively. [2] skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. [3] c pd is used to determine the dynamic power dissipation (p d in w). p d =c pd v cc 2 f i n+ (c l v cc 2 f o ) where: f i = input frequency in mhz, f o = output frequency in mhz, c l = output load capacitance in pf, v cc = supply voltage in volts, n = number of inputs switching, (c l v cc 2 f o ) = sum of the outputs. 11. ac waveforms t amb = 25 c c pd power dissipation capacitance per gate. v i = gnd to v cc [3] v cc = 1.65 v to 1.95 v - 13 - pf v cc = 2.3 v to 2.7 v - 16 - pf v cc = 3.0 v to 3.6 v - 20 - pf table 7: dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v). for test circuit see figure 7 . symbol parameter conditions min typ [1] max unit v m =1.5vatv cc 2.7 v; v m =0.5 v cc at v cc <2.7v; v ol and v oh are typical output voltage drops that occur with the output load. fig 6. the inputs na and nb to output ny propagation delay mna22 4 na, nb input ny output t plh t phl gnd v i v m v m v oh v ol
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 8 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate test data is given in table 8 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 7. load circuitry for switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l pulse generator table 8: test data supply voltage input load v ext v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 1.65 v to 1.95 v v cc 2 ns 30 pf 1 k ? open 2 v cc gnd 2.3 v to 2.7 v v cc 2 ns 30 pf 500 ? open 2 v cc gnd 2.7v 2.7v 2.5 ns 50 pf 500 ? open 6 v gnd 3.0vto3.6v 2.7v 2.5 ns 50 pf 500 ? open 6 v gnd
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 9 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 12. package outline fig 8. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 10 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate fig 9. package outline sot337-1 (ssop14) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 0.2 7.9 7.6 1.03 0.63 0.9 0.7 1.4 0.9 8 0 o o 0.13 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot337-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 7 14 8 a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop14: plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 a max. 2
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 11 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate fig 10. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 12 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate fig 11. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 13 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 13. abbreviations 14. revision history table 9. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model ttl transistor transistor logic table 10. revision history document id release date data sheet status change notice supersedes 74lvc86a_5 product data sheet - 74lvc86a_4 modifications: ? the format of this data sheet is redesigned to comply with the current presentation and information standard of philips semiconductors. ? table 4 , ta b l e 5 , ta b l e 6 , ta b l e 7 and table 8 : values added for lower voltage ranges. 74lvc86a_4 (9397 750 129666) 20040304 product specif ication - 74lvc86a_3 74lvc86a_3 (9397 750 10503) 20031111 product specification - 74lvc86a_2 74lvc86a_2 (9397 750 04488) 19980428 product specif ication - 74lvc86a_1 74lvc86a_1 - - - -
74lvc86a_5 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 05.00 ? 15 may 2006 14 of 15 philips semiconductors 74lvc86a quad 2-input exclusive-or gate 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.semiconductors.philips.com. 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. philips semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local philips semiconductors sales office. in case of any inconsiste ncy or conflict with the short data sheet, the full data sheet shall prevail. 15.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, philips semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? philips semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? philips semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a philips semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. philips semiconductors accepts no liability for inclusion and/or use of philips semiconductors products in such equipment or applications and therefore such inclusion and/or use is for the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? philips semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.semiconductors.philips.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explic itly otherwise agreed to in writing by philips semiconductors. in case of any inco nsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
philips semiconductors 74lvc86a quad 2-input exclusive-or gate ? koninklijke philips electronics n.v. 2006. all rights reserved. for more information, please visit: ht tp://www.semiconductors.philips.com. for sales office addresses, email to: sale s.addresses@www.semiconductors.philips.com. date of release: 15 may 2006 document identifier: 74lvc86a_5 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11 ac waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 contact information. . . . . . . . . . . . . . . . . . . . . 14 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 75LVC86A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X