Part Number Hot Search : 
74C48N BC856S STYNXXX 18P1100 YT5166 DR77097 5C100 34262P
Product Description
Full Text Search
 

To Download 5962H0153701QXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features q 400.0 mbps low jitter fully differential data path q 200mhz clock channel q 3.3 v power supply q 10ma lvds output drivers q input receiver fail-safe q cold sparing all pins q output channel-to-channel skew is 120ps max q configurable as quad 2:1 mux, 1:2 demux, repeater or1:2 signal splitter q fast propagation delay of 3.5ns max q receiver input threshold < + 100 mv q radiation-hardened design; total dose irradiation testing to mil-std-883 method 1019 - total-dose: 3 00 krad(si) and 1 mrad(si) - latchup immune (let > 1 00 mev-cm 2 /mg) q packaging options: - 64 -lead flatpack q standard microcircuit drawing 5962-01537 - qml q and v compliant part q compatible with ansi/tia/eia 644-1995 lvds standard introduction the ut54 lvd m228 is a quad 2x2 crosspoint switch utilizing low voltage differential signaling (lvds) technology for low power, high speed operation. data paths are fully differential from input to output for low noise generation and low pulse width distortion. the non-blocking design allows connection of any input to any output or outputs on each switch. lvds i/o enable high speed data transmission for point-to point or multi- drop interconnects. this device can be used as a high speed differential crosspoint, 2:1 mux, 1:2 demux, repeater or 1:2 signal splitter. the mux and demux functions are useful for switching between primary and backup circuits in fault tolerant systems. the 1:2 signal splitter and 2:1 mux functions are useful for distribution of a bus across several rack-mounted backplanes. the individual lvds outputs can be put into tri-state by use of the enable pins. all pins have cold spare buffers. these buffers will be high impedance when v dd is tied to v ss . standard products ut54lvdm228 quad 2x2 400 mbps crosspoint switch data sheet august, 2002 figure 1 a . ut54 lvd m228 crosspoint switch block diagram (partial - see page 2 for complete diagram) out1+ en1 in1+ + - 1 0 1 0 out 2+ sel1 en2 in2+ sel2 + - in1- out1- out 2- in2-
2 out1+ en1 in1+ + - 1 0 1 0 out 2+ sel1 en2 in2+ sel2 out3+ en3 in3+ 1 0 1 0 out4+ sel3 en4 in4+ sel4 out5+ en5 in5+ 1 0 1 0 out6+ sel5 en6 in6+ sel6 out7+ en7 in7+ 1 0 1 0 out8+ sel7 en8 in8+ sel8 clk in+ clk out+ + - + - + - + - + - + - figure 1b. ut54lvdm228 crosspoint switch block diagram + - + - skew match in1- out1- out 2- in2- out3- in3- in4- out4- in5- out5- in6- out6- in7- out7- in8- out8- clk in- clk out- enck
3 truth table pin description figure 2. ut54lvds228 pinout ut54lvdm228 crosspoint switch 64 63 62 61 60 59 58 57 v dd 1 en1 2 3 4 5 6 7 8 v ss 9 10 11 12 13 14 15 16 v dd in4+ in4- clk in+ 17 18 19 20 21 22 23 24 v ss in5+ in6+ in6- sel1 out2+ 56 55 54 53 52 51 50 49 out4+ clk out+ out3- sel4 48 47 46 45 44 43 42 41 out6- clk out- out5- in1+ en2 in2+ in3+ in3- en3 en4 enck clk in- en5 in5- en6 out1+ out1- sel2 out2- v ss sel3 out3+ out4- v dd out5+ v ss sel5 sel6 out6+ in7+ in7- v dd v ss in8- en8 en7 in8+ out7+ v dd v ss sel7 out8- out7- sel8 out8+ in1- in2- out8- out5- 25 26 27 28 29 30 31 32 40 39 38 37 36 35 34 33 sel1 sel2 out1 out2 mode 0 0 in1 in1 1:2 splitter 0 1 in1 in2 repeater 1 0 in2 in1 switch 1 1 in2 in2 1:2 splitter name # of pins description in+ 8 non-inverting lvds input in- 8 inverting lvds input out+ 8 non-inverting lvds output out- 8 inverting lvds output en 8 a logic low on the enable puts the lvds output into tri-state and reduces the supply current enck 1 a logic low on the enable puts the lvds output into tri-state and reduces the supply current sel 8 2:1 mux input select v ss 6 ground v dd 5 power supply clk in+ 1 non-inverting clock lvds input clk in- 1 inverting clock lvds input clk out+ 1 non-inverting clock lvds output clk out- 1 inverting clock lvds output
4 applications information the ut54lvdm228 provides three modes of operation. in the 1:2 splitter mode, the two outputs are copies of the same single input. this is useful for distribution / fan-out applications. in the repeater mode, the device operates as a 9channel lvds buffer. repeating the signal restores the lvds amplitude, allowing it to drive another media segment. this allows for isolation of segments or long distance applications or buffers standard lvds to 10ma multi-op drivers.the switch mode provides a crosspoint function. this can be used in a system when primary and redundant paths are supported in a fault tolerant application. the intended application of these devices and signaling technique is for both point-to-point baseband (single termination) and multipoint (double termination) data transmissions over controlled impedance media. the transmission media may be printed-circuit board traces, backplanes, or cables. (note: the ultimate rate and distance of data transfer is dependent upon the attenuation characteristics of th e media, the noise coupling to the environment, and other application specific characteristics. input fail-safe: the ut54lvdm228 also supports open, shorted and terminated input fail-safe. receiver output will be high for all fail-safe conditions. pcb layout and power system bypass: circuit board layout and stack-up for the ut54lvdm228 should be designed to provide noise-free power to the device. good layout practice also will separate high frequency or high level inputs and outputs to minimize unwanted stray noise pickup, feedback and interference. power system performance may be greatly improved by using thin dielectrics (4 to 10 mils) for power/ground sandwiches. this increases the intrinsic capacitance of the pcb power system which improves power supply filtering, especially at high frequencies, and makes the value and placement of external bypass capacitors less critical. external bypass capacitors should include both rf ceramic and tantalum electrolytic types. rf capacitors may use values in the range 0.01 m f to 0.1 m f. tantalum capacitors may be in the range of 2.2 m f to 10 m f. voltage rating for tantalum capacitors should be at least 5x the power supply voltage being used. it is recommended practice to use two vias at each power pin of the ut54lvdm228, as well as all rf bypass capacitor terminals. dual vias reduce the interconnect inductance and extends the effective frequency range of the bypass components. the outer layers of the pcb may be flooded with additional ground plane. these planes will improve shielding and isolation, as well as increase the intrinsic capacitance of the power supply plane system. naturally, to be effective, these planes must be tied to the ground supply plane at frequent intervals with vias. frequent via placement also improves signal integrity in signal transmission lines by providing short paths for image currents which reduces signal distortion. the planes should be pulled back from all transmission lines and component mounting pads a distance equal to the width of the widest transmission line from the internal power or ground plane(s) whichever is greater. doing so minimizes effects on transmission line impedances and reduces unwanted parasitic capacitances at component mounting pads. compatibility with lvds standard: in backplane multidrop configurations, with closely spaced loads, the effective differential impedance of the line is reduced. if the mainline has been designed for 50 w differential impedance, the loading effects may reduce this to the 35 w range depending upon spacing and capacitance load. terminating the line with a 35 w load is a better match than with 50 w and reflections are reduced.
5 absolute maximum ratings 1 (referenced to v ss ) notes: 1. stresses outside the listed absolute maximum ratings may cause permanent damage to the device. this is a stress rating only, and functional operation of the device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. e xposure to absolute maximum rating conditions for extended periods may affect device reliability and performance. 2. maximum junction temperature may be increased to +175 c during burn-in and l ife test . 3. test per mil-std-883, method 1012. 4. for cold spare mode (v dd =v ss ), v i/o may be -0.3v to the maximum recommended operating v dd + 0.3v. recommended operating conditions symbol parameter limits v dd dc supply voltage -0. 3 t o 4 .0v v i/o 4 voltage on any pin -0. 3 t o (v dd + 0.3v) t stg storage temperature -65 to +150 c p d maximum power dissipation 800mw t j maximum junction temperature 2 +150 c q jc thermal resistance, junction-to-case 3 22 c/w i i dc input current 10ma symbol parameter limits v dd positive supply voltage 3.3 to 3.6 v t c case temperature range - 55 to +125 c v in dc input voltage , receiver inputs 0 to 2.4v dc input voltage, logic inputs 0 to v dd for en, sel
6 dc electrical characteristics 1 (v dd = 3.3 v + 0.3v ; -55 c < t c < +125 c) symbol parameter condition min max unit cmos/ttl dc specifications (en, sel) v ih high-level input voltage 2.0 v cc v v il low-level input voltage gnd 0.8 v i ih high-level input current v in =3.6v; v dd = 3.6v -10 +10 m a i il low-level input current v in =0v; v dd = 3.6v -10 +10 m a v cl input clamp voltage i cl =-18ma -1.5 v i cs cold spare leakage v in =3.6v, v dd =v ss -20 +20 ma lvds output dc specifications (out+, out-) v od differential output voltage r l = 35 w (see figure 10) 250 450 mv d v od change in v od between complimentary output states r l = 35 w 35 mv v os offset voltage 1.055 1.550 v d v os change in v os between complimentary output states r l =35 w 35 mv i oz output tri-state current tri-state output, v dd = 3.6v v out =v dd or gnd + 10 ma i csout cold sparing leakage current v out =3.6v, v dd =v ss -20 +20 ma i os 2,3 output short circuit current v out + or v out- = 0 v -25 ma lvds receiver dc specifications (in+, in-) v th 3 differential input high threshold v cm = +1.2v +100 mv v tl 3 differential input low threshold v cm = +1.2v -100 mv v cmr common mode voltage range v id =200mv 0.2 2.00 v i in input current v in = +2.4v, v dd = 3.6v -10 +10 ma v in = 0v, v dd = 3.6v -10 +10 ma i csin cold sparing leakage current v in =3.6v, v dd =v ss -20 +20 ma supply current i ccd total supply current r l = 35 w en1 - en8, enck = v dd 220 ma iccz tri-state supply current en1 - en8, enck = v ss 20 ma r l = 35 w v os =(v oh +v ol ) 2 (see figure 10)
7 notes: 1. current into device pins is defined as positive. current out of device pins is defined as negative. all voltages are referenc ed to ground. 2. output short circuit current (i os ) is specified as magnitude only, minus sign indicates direction only. only one output should be shorted at a time, do not excee d maximum junction temperature specification. 3. guaranteed by characterization.
8 ac switching characteristics (v dd = +3.3v + 0.3v, t a = -55 c to +125 c) notes: 1. guaranteed by characterization. 2. t set and t hold time specify that data must be in a stable state before and after sel transition. 3. guaranteed by design. 4. max t pzh and t pzl = 4.5ns when en or encl = v dd on another channel. symbol parameter conditions min max unit t set 1, 2 input to sel setup time (figure 3 & 4) r l =35 w, c l =10pf 1.6 ns t hold 1,2 input to sel hold time (figure 3 & 4) r l =35 w, c l =10pf 1.5 ns t switch 1 sel to switched output (figure 3 & 4) r l =35 w, c l =10pf 3.0 ns t phz 1 disable time (active to tri-state) high to z (figure 5 & 8) r l =35 w, c l =10pf 4.5 ns t plz 1 disable time (active to tri-state) low to z (figure 5 & 8) r l =35 w, c l =10pf 4.5 ns t pzh 1,4 enable time (tri-state to active) z to high (figure 5 & 8) r l =35 w, c l =10pf en on other channels = gnd 11.0 ns t pzl 1,4 enable time (tri-state to active) z to low (figure 5 & 8) r l =35 w, c l =10pf en on other channels = gnd 11.0 ns t lht 3 output low-to-high transition time, 20% to 80% (figure 5 & 6) r l =35 w, c l =10pf 600 ps t hlt 3 output high-to-low transition time, 80% to 20% (figure 5 & 6) r l =35 w, c l =10pf 600 ps t plhd propagation low to high delay (figure 5 & 7) r l =35 w, c l =10pf 3.5 ns t phld propagation high to low delay (figure 5 & 7) r l =35 w, c l =10pf 3.5 ns t skew pulse skew t phld - t plhd (figure 5 & 7) 900 ps t ccs output channel-to-channel skew (figure 5 & 9) 500 ps
9 ac timing diagrams in0 in1 sel out en t set t hold in0 t switch in1 figure 3. input-to-select rising edge setup and hold times and mux switch time in0 in1 sel out en t set t hold in1 t switch in0 figure 4. input-to-select falling edge setup and hold times and mux switch time
10 r r in+ pulse generator 50 w figure 5. lvds output load r in- 50 w c l d c l r l +v od t hlt 20% 80% 0v 20% 80% t lht figure 6. lvds output transition time -v od vdiff=(out+) - (out-) t plhd t phld vdiff = 0v vdiff = 0v in out figure 7. propagation delay low-to-high and high-to-low
11 en t plz t pzl 50% 50% v ol 0v diff 0v diff v oh v dd v dd /2 v dd /2 50% t pzh t phz figure 8. output active to tri-state and tri-state to active 50% out out tccs vdiff = 0v vdiff = 0v out 0 out 1 figure 9. output channel-to-channel skew in 1:2 splitter mode figure 10. driver v od and v os test circuit or equivalent circuit d d in d out- d out+ 2 0p f driver enabled generator 50 w r l = 35 w v od 2 0p f
12 packaging figure 11. 64-pin flatpack notes: 1. all exposed metalized areas are gold plated over electroplated nickel per mil-prf-38535. 2. the lid is electrically connected to vss. 3. lead finishes are in accordance to mil-prf-38535. 4. package dimensions and symbols are similar to mil-std-1835 requirement 101, configuration b. 5. lead position and coplanarity are not measured. 6. id mark symbol is vendor option. 7. with solder, increase maximum by 0.003.
13 ordering information ut54 lvd m228 crosspoint switch: ut 54lvdm228 * * * * * device type: ut54 lvd m228 crosspoint switch access time: not applicable package type: (u) = 64-lead flatpack (dual-in-line) screening: (c) = military temperature range flow (p) = prototype flow lead finish: (a) = hot solder dipped (c) = gold (x) = factory option (gold or solder) notes: 1. lead finish (a,c, or x) must be specified. 2. if an ?x? is specified when ordering, then the part marking will match the lead finish and will be either ?a? (solder) or ?c? (g old). 3. prototype flow per utmc manufacturing flows document. tested at 25 c only. lead finish is gold only. radiation neither tested nor guaranteed. 4. military temperature range flow per utmc manufacturing flows document. devices are tested at -55 c, room temp, and 125 c. radiation neither tested nor guaranteed.
14 ut54 lvd m228 crosspoint switch: smd 5962 - * * * federal stock class designator: no options total dose (r) = 1e5 rad(si) (f) = 3e5 rad(si) (g) = 5e5 rad(si) (h) = 1e6 rad(si) drawing number: 01537 device type 01 = lvds crosspoint switch class designator: (q) = qml class q (v) = qml class v case outline: (x ) = 64-lead flatpack (dual-in-line) lead finish: (a) = hot solder dipped (c) = gold (x) = factory option (gold or solder) ** 01537 notes: 1. lead finish (a,c, or x) must be specified. 2. if an ?x? is specified when ordering, part marking will match the lead finish and will be either ?a? (solder) or ?c? (gold). 3. total dose radiation must be specified when ordering. qml q and qml v not available without radiation hardening.
15 notes


▲Up To Search▲   

 
Price & Availability of 5962H0153701QXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X