Part Number Hot Search : 
T7300 T7300 LV432 LN524GK T7300 SDD10N04 167BZX 014014
Product Description
Full Text Search
 

To Download 31100-0042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 31100-0042 status: active overview: h-dac 64? unsealed connector system description: h-dac 64? 2.54mm4 way right angle header assembly, polarization c documents: drawing (pdf) application specification as-31067-100 (pdf) product specification ps-31100-0001 (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 31100 application power, wire-to-board comments polarization option c, brown overview h-dac 64? unsealed connector system product name h-dac 64? upc 822350654975 physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin brown durability (mating cycles max) 10 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination nickel material - resin modified polystyrene net weight 1.776/g number of rows 1 orientation right angle pc tail length 3.52mm pcb locator yes pcb retention yes pcb thickness - recommended 1.57mm packaging type tray pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 1.524m plating min - termination 1.524m polarized to mating part yes polarized to pcb yes shrouded closed ends stackable no surface mount compatible (smc) no temperature range - operating -40c to +100c termination interface: style through hole electrical current - maximum per contact 5a, 7a voltage - maximum 500v dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 31100 series mates with h-dac 64?, 4 way receptacle assembly
solder process data duration at max. process temperature (seconds) 40 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-31067-100 product specification ps-31100-0001 sales drawing sd-31197-003 this document was generated on 07/09/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 31100-0042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X