Part Number Hot Search : 
RF160A C2450 MIC5377 TFS456Y LPB501 SE095 MAB03078 RT8223L
Product Description
Full Text Search
 

To Download 2SC5053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5053 features low saturation voltage, typically v ce(sat) = 0.12v at i c / i b = 500ma / 50ma. p c =2w (on 40400.7mm ceramic board). absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v i c -1 a i c (pulse) * 1 -2 a p c 0.5 w p c * 2 2w junction temperature t j 150 storage temperature t stg -55to+150 *1. single pulse, pw=100ms, duty=1/2. *2. 40x40x0.7mm ceramic board. collector current collector power dissipation electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base voltage bv cbo i c =-50a -60 v collector-emitter voltage bv ceo i c =-1ma -50 v emitter-base voltage bv ebo i e =-50a -5 v collector cutoff current i cbo v cb =-40v -0.1 a emitter cutoff current i ebo v eb =-4v -0.5 a collector-emitter saturation voltage v ce(sat) i c =-500ma,i b =-50ma -0.4 v forward current transfer ratio h fe v ce =-3v,i c =-0.5a 120 270 transition frequency f t v ce =-5v, i e = 50ma, f=100mhz 150 mhz output capacitance c ob v cb =-10v, i e =0a, f=1mhz 20 pf h fe classification marking cg rank qr sales@twtysemi.com 1 of 1 http://www.twtysemi.com smd type transistors smd type transistors smd type transistors smd type ic smd type transistors smd type ic smd type smd type smd type smd type smd type product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SC5053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X