15 mw/ oc maximum steady state power dissipation 1.5 w 1.5 watts axial leaded zener diodes 1 of 2 features a a b c d do-41 dim min max a 25.40 b 4.06 5.21 c 0.71 0.864 d 2.00 2.72 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25 c unless otherwise specified mechanical data 1n5913b - 1n5957b rating symbol value unit @ t l = 75 oc, lead length = 3/8" derate above 75 oc operating and storage temperature range t j ,t stg - 65 to + 200 c p d low leakage current high reliability high peak reverse power dissipation complete voltage range 3.3 to 200 volts weight : 0.335 gram mounting position : any polarity : color band denotes cathode end lead : axial lead solderable per mil-std-202, epoxy : ul94v-o rate flame retardant case : do-41 molded plastic method 208 guaranteed a m p s 1 0 i f s m p e a k f o r w a r d s u r g e c u r r e n t 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) ( n o t e 1 , 2 )
2 of 2 electrical characteristics rating at 25 c ambient temperature unless otherwise specified nominal zener maximum zener maximum reverse maximum dc voltage impedance leakage current zener current v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r i zm (v) (ma) ( ? )( ? ) (ma) ( a) (v) (ma) 1n5913b 3.3 113.6 10 500 1.0 100 1.0 454 1n5914b 3.6 104.2 9.0 500 1.0 75 1.0 416 1n5915b 3.9 96.1 7.5 500 1.0 25 1.0 384 1n5916b 4.3 87.2 6.0 500 1.0 5.0 1.0 348 1n5917b 4.7 79.8 5.0 500 1.0 5.0 1.5 319 1n5918b 5.1 73.5 4.0 350 1.0 5.0 2.0 294 1n5919b 5.6 66.9 2.0 250 1.0 40 3.0 267 1n5920b 6.2 60.5 2.0 200 1.0 40 4.0 241 1n5921b 6.8 55.1 2.5 200 1.0 50 5.2 220 1n5922b 7.5 50.0 3.0 400 0.5 50 6.0 200 1n5923b 8.2 45.7 3.5 400 0.5 50 6.5 182 1n5924b 9.1 41.2 4.0 500 0.5 50 7.0 164 1n5925b 10 37.5 4.5 500 0.25 50 8.0 150 1n5926b 11 34.1 5.5 550 0.25 50 8.4 136 1n5927b 12 31.2 6.5 550 0.25 1.0 9.1 125 1n5928b 13 28.8 7.0 550 0.25 1.0 9.9 115 1n5929b 15 25.0 9.0 600 0.25 1.0 11.4 100 1n5930b 16 23.4 10 600 0.25 1.0 12.2 93 1n5931b 18 20.8 12 650 0.25 1.0 13.7 83 1n5932b 20 18.7 14 650 0.25 1.0 15.2 75 1n5933b 22 17.0 17.5 650 0.25 1.0 16.7 68 1n5934b 24 15.6 19 700 0.25 1.0 18.2 62 1n5935b 27 13.9 23 700 0.25 1.0 20.6 55 1n5936b 30 12.5 26 750 0.25 1.0 22.8 50 1n5937b 33 11.4 33 800 0.25 1.0 25.1 45 1n5938b 36 10.4 38 850 0.25 1.0 27.4 41 1n5939b 39 9.6 45 900 0.25 1.0 29.7 38 1n5940b 43 8.7 53 950 0.25 1.0 32.7 34 1n5941b 47 8.0 67 1000 0.25 1.0 35.8 31 1n5942b 51 7.3 70 1100 0.25 1.0 38.8 29 1n5943b 56 6.7 86 1300 0.25 1.0 42.6 26 1n5944b 62 6.0 100 1500 0.25 1.0 47.1 24 1n5945b 68 5.5 120 1700 0.25 1.0 51.7 22 1n5946b 75 5.0 140 2000 0.25 1.0 56.0 20 1n5947b 82 4.6 160 2500 0.25 1.0 62.2 18 1n5948b 91 4.1 200 3000 0.25 1.0 69.2 16 1n5949b 100 3.7 250 3100 0.25 1.0 76.0 15 1N5950B 110 3.4 300 4000 0.25 1.0 83.6 13 1n5951b 120 3.1 380 4500 0.25 1.0 91.2 12 1n5952b 130 2.9 450 5000 0.25 1.0 98.8 11 1n5953b 150 2.5 600 6000 0.25 1.0 114.0 10 1n5954b 160 2.3 700 6500 0.25 1.0 121.6 9.0 1n5955b 180 2.1 900 7000 0.25 1.0 136.8 8.0 1n5956b 200 1.9 1900 9990 0.25 1.0 152.0 7.0 1n5957b 240 1.5 1600 9000 0.25 1.0 182.4 6.0 2 of type
|