Part Number Hot Search : 
Z8D64U 1N5333 36BCP RRWCBE ZTB390D L503HDT DTRPBF AAT1217
Product Description
Full Text Search
 

To Download 12P1140L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data special type liquid level sensor for wastewater nominal sensing distance sn 0,1 mm mounting type non-fush gnd electrode no temperature drift 20 % sensitivity adjustment no output indicator led yellow measurement type contact with medium electrical data voltage supply range +vs 10 ... 30 vdc current consumption max. (no load) 12 ma output circuit pnp make function (no) output current < 200 ma voltage drop vd < 2,5 vdc switching frequency < 15 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material pom material (screw nut) pom material (gasket) epdm50 dimension 12 mm housing length 39,5 mm connection types cable, 2 m ambient conditions operating temperature 0 ... +50 c protection class ip 67 photo connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v dimension drawing 29,5 ? 7 32, 5 39, 5 1, 2 21, 5 m1 2 x 1 10 ,6 ? le d sw 17 feld of application detection of non-conductive media no fll level detection through container no liquids in direct contact yes object detection / bulk goods no for installation in grounded metal container for use in contaminated media like blackwater switches in contact with highly conductive media 8/1/2014 cfak 12p1140/l cfak 12p1140/l capacitive proximity sensors capacitive proximity sensors www.baumer.com


▲Up To Search▲   

 
Price & Availability of 12P1140L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X