Part Number Hot Search : 
7905AH SL62882 CIRCUITS AS6C4008 L7805CT AT76C511 ICX434AQ AT1175
Product Description
Full Text Search
 

To Download 108457096001050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  13 male style 1/2 b series 8457 ? 2 rows (2 x 16) no. contact contact positions rows a b c d e 32 2 (2 x 16) 15 38.10 44.55 48.26 53.34 (1.500) (1.754) (1.900) (2.100) contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 32 a + b fully loaded 10 8457 032 001 025 10 8457 032 001 049 3.4 mm (y) 16 a + b even loading 10 8457 032 001 031 10 8457 032 001 055 straight 16 a loading only 10 8457 032 001 027 10 8457 032 001 051 32 a + b fully loaded 10 8457 032 002 025 10 8457 032 002 049 16 a + b even loading 10 8457 032 002 031 10 8457 032 002 055 3.0 mm (y) 16 a loading only 10 8457 032 002 027 10 8457 032 002 051 right angled 30 + 2 fully loaded + ground 10 8457 032 102 025 10 8457 032 102 049 32 a + b fully loaded 10 8457 032 003 025 10 8457 032 003 049 13.0 mm (y) 16 a + b even loading 10 8457 032 003 031 10 8457 032 003 055 straight 16 a loading only 10 8457 032 003 027 10 8457 032 003 051 32 a + b fully loaded 10 8457 032 004 025 10 8457 032 004 049 11.3 mm (y) 16 a + b even loading 10 8457 032 004 031 10 8457 032 004 055 right angled 16 a loading only 10 8457 032 004 027 10 8457 032 004 051 32 a + b fully loaded 10 8457 032 008 025 10 8457 032 008 049 16 a + b even loading 10 8457 032 008 031 10 8457 032 008 055 2.3 mm (y) 16 a loading only 10 8457 032 008 027 10 8457 032 008 051 right angled 30 + 2 fully loaded + ground 10 8457 032 108 025 10 8457 032 108 049 loading description dimensions b a ??? b ??? a 32 contacts, rows a + b fully loaded ????? b a b a 16 contacts, rows a + b even loading 16 contacts, row a loading only 30 + 2 contacts, fully loaded with ground in a1 & a16 denotes ground pin nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. unit: millimeters (inches) e c a eq sp @ 2.54 [0.100] = b d 8.51 [0.335] 6.20 [0.244] a eq sp @ 2.54 [0.100] = b 0.200 typ 2.54 [0.100] 2.54 [0.100] 2.54 [0.100] 5.31 [0.209] 8.51 [0.335] 11.1 [0.437] y y 1.02 [0.040] keying 2.84 [0.112] hole pattern ground contact for y dimension see contact design row a row b 1 1 dia. dia. dia.
14 contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 32 a + b fully loaded 20 8457 032 001 025 20 8457 032 001 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 001 031 20 8457 032 001 055 4.5 mm (y) straight 16 a loading only 20 8457 032 001 027 20 8457 032 001 051 32 a + b fully loaded 20 8457 032 002 025 20 8457 032 002 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 002 031 20 8457 032 002 055 2.9 mm (y) straight 16 a loading only 20 8457 032 002 027 20 8457 032 002 051 32 a + b fully loaded 20 8457 032 005 025 20 8457 032 005 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 005 031 20 8457 032 005 055 13.0 mm (y) straight 16 a loading only 20 8457 032 005 027 20 8457 032 005 051 32 a + b fully loaded 20 8457 032 010 025 20 8457 032 010 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 010 031 20 8457 032 010 055 7.0 mm (y) straight 16 a loading only 20 8457 032 010 027 20 8457 032 010 051 32 a + b even loading 20 8457 032 011 025 20 8457 032 011 049 0.6 x 0.6 mm post profile 16 a + b fully loaded 20 8457 032 011 031 20 8457 032 011 055 3.5 mm (y) straight 16 a loading only 20 8457 032 011 027 20 8457 032 011 051 32 a + b fully loaded 20 8457 032 012 025 20 8457 032 012 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 012 031 20 8457 032 012 055 19.4 mm (y) straight 16 a loading only 20 8457 032 012 027 20 8457 032 012 051 32 a + b fully loaded 20 8457 032 013 025 20 8457 032 013 049 0.6 x 0.6 mm post profile 16 a + b even loading 20 8457 032 013 031 20 8457 032 013 055 4.5 mm (y) right angled 16 a loading only 20 8457 032 013 027 20 8457 032 013 051 female style 1/2 b series 8457 ? 2 rows (2 x 16) dimensions loading description b a 32 contacts, rows a + b fully loaded no. contact contact positions rows a b c d e 32 2 (2 x 16) 15 38.10 44.30 49.99 54.91 (1.500) (1.744) (1.968) (2.162) ????? b a 16 contacts, row a loading only ??? b ??? a 16 contacts, rows a + b even loading unit: millimeters (inches) nb: alternative prefix variations available: 22, 24, 25, 26 & 27, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. e a eq sp @ 2.54 [0.100] = b d a eq sp @ 2.54 [0.100] = b 2.54 [0.100] 1.02 [0.040] keying 2.84 [0.112] hole pattern for y dimension see contact design row a row b c 5.94 [0.234] d 0.30 [0.012] row b row a y 8.00 [0.315] 8.00 [0.315] 10.9 [0.429] dia. dia. 2.84 [0.110] dia. for y dimension see contact design y 1
15 no. contact contact positions rows a b c d e 64 2 (2 x 32) 31 78.74 85.19 88.90 93.98 (3.100) (3.354) (3.500) (3.700) male style b series 8457 ? 2 rows (2 x 32) contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 64 a + b fully loaded 10 8457 064 001 025 10 8457 064 001 049 3.4 mm (y) 32 a + b even loading 10 8457 064 001 031 10 8457 064 001 055 straight 32 a loading only 10 8457 064 001 027 10 8457 064 001 051 64 a + b fully loaded 10 8457 064 002 025 10 8457 064 002 049 32 a + b even loading 10 8457 064 002 031 10 8457 064 002 055 3.0 mm (y) 32 a loading only 10 8457 064 002 027 10 8457 064 002 051 right angled 62 + 2 fully loaded + ground 10 8457 064 102 025 10 8457 064 102 049 64 a + b fully loaded 10 8457 064 003 025 10 8457 064 003 049 13.0 mm (y) 32 a + b even loading 10 8457 064 003 031 10 8457 064 003 055 straight 32 a loading only 10 8457 064 003 027 10 8457 064 003 051 64 a + b fully loaded 10 8457 064 004 025 10 8457 064 004 049 11.3 mm (y) 32 a + b even loading 10 8457 064 004 031 10 8457 064 004 055 right angled 32 a loading only 10 8457 064 004 027 10 8457 064 004 051 64 a + b fully loaded 10 8457 064 008 025 10 8457 064 008 049 32 a + b even loading 10 8457 064 008 031 10 8457 064 008 055 2.3 mm (y) 32 a loading only 10 8457 064 008 027 10 8457 064 008 051 right angled 62 + 2 fully loaded + ground 10 8457 064 108 025 10 8457 064 108 049 denotes ground pin dimensions loading description b a ??? b ??? a 64 contacts, rows a + b fully loaded ????? b a b a 32 contacts, rows a + b even loading 32 contacts, row a loading only 62 + 2 contacts, fully loaded with ground in a1 + a32 unit: millimeters (inches) nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. e c d 8.51 [0.335] 6.20 [0.244] a eq sp @ 2.54 [0.100] = b a eq sp @ 2.54 [0.100] = b 0.200 typ 5.31 [0.209] 8.51 [0.335] 11.1 [0.437] y y 1.02 [0.040] keying 2.84 [0.112] hole pattern ground contact for y dimension see contact design row a row b 1 1 2.54 [0.100] 2.54 [0.100] 2.54 [0.100] dia. dia. dia.
16 contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 64 a + b fully loaded 20 8457 064 001 025 20 8457 064 001 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 001 031 20 8457 064 001 055 4.5 mm (y) straight 32 a loading only 20 8457 064 001 027 20 8457 064 001 051 64 a + b fully loaded 20 8457 064 002 025 20 8457 064 002 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 002 031 20 8457 064 002 055 2.9 mm (y) straight 32 a loading only 20 8457 064 002 027 20 8457 064 002 051 64 a + b fully loaded 20 8457 064 005 025 20 8457 064 005 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 005 031 20 8457 064 005 055 13.0 mm (y) straight 32 a loading only 20 8457 064 005 027 20 8457 064 005 051 64 a + b fully loaded 20 8457 064 010 025 20 8457 064 010 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 010 031 20 8457 064 010 055 7.0 mm (y) straight 32 a loading only 20 8457 064 010 027 20 8457 064 010 051 64 a + b fully loaded 20 8457 064 011 025 20 8457 064 011 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 011 031 20 8457 064 011 055 3.5 mm (y) straight 32 a loading only 20 8457 064 011 027 20 8457 064 011 051 64 a + b fully loaded 20 8457 064 012 025 20 8457 064 012 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 012 031 20 8457 064 012 055 19.4 mm (y) straight 32 a loading only 20 8457 064 012 027 20 8457 064 012 051 64 a + b fully loaded 20 8457 064 013 025 20 8457 064 013 049 0.6 x 0.6 mm post profile 32 a + b even loading 20 8457 064 013 031 20 8457 064 013 055 4.5 mm (y) right angled 32 a loading only 20 8457 064 013 027 20 8457 064 013 051 female style b series 8457 ? 2 rows (2 x 32) dimensions loading description b a 64 contacts, rows a + b fully loaded ????? b a 32 contacts, row a loading only ??? b ??? a 32 contacts, rows a + b even loading no. contact contact positions rows a b c d e 64 2 (2 x 32) 31 78.74 84.91 89.99 94.89 (3.100) (3.343) (3.543) (3.736) unit: millimeters (inches) nb: alternative prefix variations available: 22, 24, 25, 26 & 27, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. e a eq sp @ 2.54 [0.100] = b d a eq sp @ 2.54 [0.100] = b 2.54 [0.100] 1.02 [0.040] keying 2.84 [0.112] hole pattern for y dimension see contact design row a row b c 5.94 [0.234] d 0.30 [0.012] row b row a y 8.00 [0.315] 8.00 [0.315] 10.9 [0.429] 2.84 [0.110] dia. dia. dia. 1 for y dimension see contact design y
17 male style 1/3 c series 8457 ? 3 rows (3 x 10) contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 30 a + b + c fully loaded 10 8457 030 001 025 10 8457 030 001 049 3.4 mm (y) 20 a + c fully loaded 10 8457 030 001 026 10 8457 030 001 050 straight 30 a + b + c fully loaded 10 8457 030 002 025 10 8457 030 002 049 3.0 mm (y) 20 a + c fully loaded 10 8457 030 002 026 10 8457 030 002 050 right angled 28 + 2 fully loaded + ground 10 8457 030 102 025 10 8457 030 102 049 13.0 mm (y) 30 a + b + c fully loaded 10 8457 030 003 025 10 8457 030 003 049 straight 20 a + c fully loaded 10 8457 030 003 026 10 8457 030 003 050 11.3 mm (y) 30 a + b + c fully loaded 10 8457 030 004 025 10 8457 030 004 049 right angled 20 a + c fully loaded 10 8457 030 004 026 10 8457 030 004 050 30 a + b + c fully loaded 10 8457 030 008 025 10 8457 030 008 049 2.3 mm (y) 20 a + c fully loaded 10 8457 030 008 026 10 8457 030 008 050 right angled 28 + 2 fully loaded + ground 10 8457 030 108 025 10 8457 030 108 049 dimensions loading description 30 contact, rows a + b + c fully loaded c b a 30 contacts, rows a + c fully loaded c ????? b a 28 + 2 contacts, fully loaded with ground in a1 & a10 c b a denotes ground pin no. contact contact positions rows a b c d e 30 3 (3 x 10) 9 22.86 29.41 33.02 38.02 (0.900) (1.158) (1.300) (1.497) unit: millimeters (inches) nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. e c a eq sp @ 2.54 [0.100] = b d 5.08 [0.200] 5.08 [0.200] 5.31 [0.209] y y hole pattern ground contact for y dimension see contact design row a row b 1 1 2.54 [0.100] 2.54 [0.100] 2.54 [0.100] 8.74 [0.344] row c 11.0 [0.433] 12.7 [0.500] row c row b row a d 2.84 [0.112] 1.02 [0.040] keying 11.0 [0.433] 13.6 [0.535] a eq sp @ 2.54 [0.100] = b dia. dia. dia.
18 female style 1/3 c series 8457 ? 3 rows (3 x 10) contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 0.6 x 0.6 mm post profile 30 a + b + c fully loaded 20 8457 030 001 025 20 8457 030 001 049 4.5 mm (y) straight 20 a + c fully loaded 20 8457 030 001 026 20 8457 030 001 050 0.6 x 0.6 mm post profile 30 a + b + c fully loaded 20 8457 030 002 025 20 8457 030 002 049 2.9 mm (y) straight 20 a + c fully loaded 20 8457 030 002 026 20 8457 030 002 050 0.6 x 0.6 mm post profile 30 a + b + c fully loaded 20 8457 030 005 025 20 8457 030 005 049 13.0 mm (y) straight 20 a + c fully loaded 20 8457 030 005 026 20 8457 030 005 050 0.6 x 0.6 mm post profile 30 a + b + c fully loaded 20 8457 030 011 025 20 8457 030 011 049 3.5 mm (y) straight 20 a + c fully loaded 20 8457 030 011 026 20 8457 030 011 050 0.6 x 0.6 mm post profile 30 a + b + c fully loaded 20 8457 030 013 025 20 8457 030 013 049 4.5 mm (y) right angled 20 a + c fully loaded 20 8457 030 013 026 20 8457 030 013 050 dimensions loading description 30 contacts, rows a + b + c fully loaded c b a 20 contacts, rows a + c fully loaded c ????? b a no. contact contact positions rows a b c d e 30 3 (3 x 10) 9 22.86 34.75 39.70 29.06 (0.900) (1.368) (1.563) (1.144) unit: millimeters (inches) nb: alternative prefix variations available: 22, 24, 25, 26 & 27, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. d a eq sp @ 2.54 [0.100] = b c a eq sp @ 2.54 [0.100] = b 2.54 [0.100] 1.02 [0.040] keying 2.84 [0.112] hole pattern for y dimension see contact design row a row b e c 0.30 [0.012] row b row c 10.5 [0.413] 13.7 [0.528] 2.84 [0.110] row c 8.46 [0.333] 10.5 [0.413] 11.58 [0.456] row a y 5.08 [0.200] dia. dia. dia. 1
19 dimensions loading description contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 48 a + b + c fully loaded 10 8457 048 001 025 10 8457 048 001 049 32 a + c fully loaded 10 8457 048 001 026 10 8457 048 001 050 3.4 mm (y) 16 a loading only 10 8457 048 001 027 10 8457 048 001 051 straight 48 a + b + c fully loaded 10 8457 048 002 025 10 8457 048 002 049 32 a + c fully loaded 10 8457 048 002 026 10 8457 048 002 050 3.0 mm (y) 16 a loading only 10 8457 048 002 027 10 8457 048 002 051 right angled 46 + 2 fully loaded + ground 10 8457 048 102 025 10 8457 048 102 049 48 a + b + c fully loaded 10 8457 048 003 025 10 8457 048 003 049 13.0 mm (y) 32 a + c fully loaded 10 8457 048 003 026 10 8457 048 003 050 straight 16 a loading only 10 8457 048 003 027 10 8457 048 003 051 48 a + b + c fully loaded 10 8457 048 004 025 10 8457 048 004 049 11.3 mm (y) 32 a + c fully loaded 10 8457 048 004 026 10 8457 048 004 050 right angled 16 a loading only 10 8457 048 004 027 10 8457 048 004 051 48 a + b + c fully loaded 10 8457 048 008 025 10 8457 048 008 049 32 a + c fully loaded 10 8457 048 008 026 10 8457 048 008 050 2.3 mm (y) 16 a loading only 10 8457 048 008 027 10 8457 048 008 051 right angled 46 + 2 fully loaded + ground 10 8457 048 108 025 10 8457 048 108 049 48 contacts, rows a + b + c fully loaded c b a 32 contacts, rows a + c fully loaded c ????? b a 16 contacts, row a loading only ????? c ????? b a 46 + 2 contacts, fully loaded with ground in a1 & a16 c b a denotes ground pin no. contact contact positions rows a b c d e 48 3 (3 x 16) 15 38.10 44.70 48.26 53.90 (1.500) (1.760) (1.900) (2.122) male style 1/2 c series 8457 ? 3 rows (3 x 16) nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. unit: millimeters (inches) e a eq sp @ 2.54 [0.100] = b d 5.08 [0.200] 5.08 [0.200] 2.54 [0.100] 2.54 [0.100] 5.31 [0.209] y y hole pattern ground contact for y dimension see contact design row a row b 1 1 2.54 [0.100] 8.74 [0.344] row c 11.0 [0.433] 12.7 [0.500] row c row b row a d 2.84 [0.112] 1.02 [0.040] keying 11.0 [0.433] 13.6 [0.535] a eq sp @ 2.54 [0.100] = b c dia. dia. dia.
20 contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 48 a + b + c fully loaded 20 8457 048 001 025 20 8457 048 001 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 001 026 20 8457 048 001 050 4.5 mm (y) straight 16 a loading only 20 8457 048 001 027 20 8457 048 001 051 48 a + b + c fully loaded 20 8457 048 002 025 20 8457 048 002 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 002 026 20 8457 048 002 050 2.9 mm (y) straight 16 a loading only 20 8457 048 002 027 20 8457 048 002 051 48 a + b + c fully loaded 20 8457 048 005 025 20 8457 048 005 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 005 026 20 8457 048 005 050 13.0 mm (y) straight 16 a loading only 20 8457 048 005 027 20 8457 048 005 051 48 a + b + c fully loaded 20 8457 048 010 025 20 8457 048 010 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 010 026 20 8457 048 010 050 7.0 mm (y) straight 16 a loading only 20 8457 048 010 027 20 8457 048 010 051 48 a + b + c fully loaded 20 8457 048 011 025 20 8457 048 011 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 011 026 20 8457 048 011 050 3.5 mm (y) straight 16 a loading only 20 8457 048 011 027 20 8457 048 011 051 48 a + b + c fully loaded 20 8457 048 012 025 20 8457 048 012 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 012 026 20 8457 048 012 050 19.4 mm (y) straight 16 a loading only 20 8457 048 012 027 20 8457 048 012 051 48 a + b + c fully loaded 20 8457 048 013 025 20 8457 048 013 049 0.6 x 0.6 mm post profile 32 a + c fully loaded 20 8457 048 013 026 20 8457 048 013 050 4.5 mm (y) right angled 16 a loading only 20 8457 048 013 027 20 8457 048 013 051 female style 1/2 c series 8457 ? 3 rows (3 x 16) dimensions loading description unit: millimeters (inches) 48 contacts, rows a + b + c fully loaded c b a 32 contacts, rows a + c fully loaded c ????? b a 16 contacts, row a loading only ????? c ????? b a no. contact contact positions rows a b c d e 48 3 (3 x 16) 15 38.10 50.01 54.89 44.30 (1.500) (1.969) (2.161) (1.744) nb: alternative prefix variations available: 22, 24, 25, 26 & 27, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. d a eq sp @ 2.54 [0.100] = b c a eq sp @ 2.54 [0.100] = b [0.100] 2.54 [0.040] 1.02 keying [0.112] 2.84 hole pattern for y dimension see contact design row a row b e c [0.012] 0.30 row b row a [0.413] 10.5 [0.528] 13.4 [0.100] 2.54 row c 8.46 [0.333] [0.413] 10.49 [0.456] 11.58 row a y [0.200] 5.08 dia. dia. dia. 1
21 dimensions loading description contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 96 a + b + c fully loaded 10 8457 096 001 025 10 8457 096 001 049 64 a + c fully loaded 10 8457 096 001 026 10 8457 096 001 050 32 a + c even loading 10 8457 096 001 033 10 8457 096 001 057 3.4 mm (y) 32 a loading only 10 8457 096 001 027 10 8457 096 001 051 straight 96 a + b + c fully loaded 10 8457 096 002 025 10 8457 096 002 049 64 a + c fully loaded 10 8457 096 002 026 10 8457 096 002 050 32 a + c even loading 10 8457 096 002 033 10 8457 096 002 057 3.0 mm (y) 32 a loading only 10 8457 096 002 027 10 8457 096 002 051 right angled 96 a + b + c fully loaded 10 8457 096 003 025 10 8457 096 003 049 64 a + c fully loaded 10 8457 096 003 026 10 8457 096 003 050 13.0 mm (y) 32 a + c even loading 10 8457 096 003 033 10 8457 096 003 057 straight 32 a loading only 10 8457 096 003 027 10 8457 096 003 051 96 a + b + c fully loaded 10 8457 096 004 025 10 8457 096 004 049 64 a + c fully loaded 10 8457 096 004 026 10 8457 096 004 050 11.3mm (y) 32 a + c even loading 10 8457 096 004 033 10 8457 096 004 057 right angled 32 a loading only 10 8457 096 004 027 10 8457 096 004 051 96 a + b + c fully loaded 10 8457 096 006 025 10 8457 096 006 049 64 a + c fully loaded 10 8457 096 006 026 10 8457 096 006 050 7.7 mm (y) 32 a + c even loading 10 8457 096 006 033 10 8457 096 006 057 solder hole 32 a loading only 10 8457 096 006 027 10 8457 096 006 051 96 a + b + c fully loaded 10 8457 096 007 025 10 8457 096 007 049 64 a + c fully loaded 10 8457 096 007 026 10 8457 096 007 050 6.4 mm (y) 32 a + c even loading 10 8457 096 007 033 10 8457 096 007 057 solder loop 32 a loading only 10 8457 096 007 027 10 8457 096 007 051 96 a + b + c fully loaded 10 8457 096 008 025 10 8457 096 008 049 64 a + c fully loaded 10 8457 096 008 026 10 8457 096 008 050 32 a + c even loading 10 8457 096 008 033 10 8457 096 008 057 2.3 mm (y) 32 a loading only 10 8457 096 008 027 10 8457 096 008 051 right angled male style c series 8457 ? 3 rows (3 x 32) nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. unit: millimeters (inches) e c a eq sp @ 2.54 [0.100] = b d 5.08 [0.200] 5.08 [0.200] 5.31 [0.209] y y hole pattern ground contact for y dimension see contact design row a row b 1 1 2.54 [0.100] 2.54 [0.100] 2.54 [0.100] 8.74 [0.344] row c 11.0 [0.433] 12.7 [0.500] row c row b row a d 2.84 [0.112] 1.02 [0.040] keying 11.0 [0.433] 13.6 [0.535] a eq sp @ 2.54 [0.100] = b dia. dia. dia. 96 contacts, rows a + b + c fully loaded c b a 64 contacts, rows a + c fully loaded c ????? b a 32 contacts, row a loading only ????? c ????? b a ground pin not available 32 contacts, rows a + c even loading ??? c ????? b ??? a no. contact positions 96 contact rows 3 (3 x 32) a 31 b 78.74 (3.100) c 85.29 (3.358) d 88.90 (3.500) e 93.90 (3.697)
22 dimensions loading description contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 96 a + b + c fully loaded 20 8457 096 001 025 20 8457 096 001 049 64 a + c fully loaded 20 8457 096 001 026 20 8457 096 001 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 001 033 20 8457 096 001 057 4.5 mm (y) straight 32 a loading only 20 8457 096 001 027 20 8457 096 001 051 96 a + b + c fully loaded 20 8457 096 002 025 20 8457 096 002 049 64 a + c fully loaded 20 8457 096 002 026 20 8457 096 002 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 002 033 20 8457 096 002 057 2.9 mm (y) straight 32 a loading only 20 8457 096 002 027 20 8457 096 002 051 96 a + b + c fully loaded 20 8457 096 005 025 20 8457 096 005 049 64 a + c fully loaded 20 8457 096 005 026 20 8457 096 005 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 005 033 20 8457 096 005 057 13.0 mm (y) straight 32 a loading only 20 8457 096 005 027 20 8457 096 005 051 96 a + b + c fully loaded 20 8457 096 010 025 20 8457 096 010 049 64 a + c fully loaded 20 8457 096 010 026 20 8457 096 010 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 010 033 20 8457 096 010 057 7.0 mm (y) straight 32 a loading only 20 8457 096 010 027 20 8457 096 010 051 96 a + b + c fully loaded 20 8457 096 011 025 20 8457 096 011 049 64 a + c fully loaded 20 8457 096 011 026 20 8457 096 011 050 0.6 x 0.6 mm post profile 32 a + c all even loading 20 8457 096 011 033 20 8457 096 011 057 3.5 mm (y) straight 32 a loading only 20 8457 096 011 027 20 8457 096 011 051 96 a + b + c fully loaded 20 8457 096 012 025 20 8457 096 012 049 64 a + c fully loaded 20 8457 096 012 026 20 8457 096 012 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 012 033 20 8457 096 012 057 19.4 mm (y) straight 32 a loading only 20 8457 096 012 027 20 8457 096 012 051 96 a + b + c fully loaded 20 8457 096 013 025 20 8457 096 013 049 64 a + c fully loaded 20 8457 096 013 026 20 8457 096 013 050 0.6 x 0.6 mm post profile 32 a + c even loading 20 8457 096 013 033 20 8457 096 013 057 4.5 mm (y) right angled 32 a loading only 20 8457 096 013 027 20 8457 096 013 051 female style c series 8457 ? 3 rows (3 x 32) 96 contacts, rows a + b + c fully loaded c b a 64 contacts, rows a + c fully loaded c ????? b a 32 contacts, row a loading only ????? c ????? b a 32 contacts, rows a + c even loading ??? c ????? b ??? a nb: alternative prefix variations available: 22, 24, 25, 26 & 27, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. d a eq sp @ 2.54 [0.100] = b c a eq sp @ 2.54 [0.100] = b 2.54 [0.100] hole pattern row a row b e c 0.30 [0.012] row b row a 10.5 [0.413] 13.4 [0.528] row c 8.46 [0.333] 10.5 [0.413] 11.58 [0.456] row a y 5.08 [0.200] keying 2.84 [0.112] 1.02 [0.040] 2.54 [0.100] dia. dia. dia. 1 no. contact contact positions rows a b c d e 96 3 (3 x 32) 31 78.74 89.99 94.89 84.91 (3.100) (3.543) (3.736) (3.343)
23 dimensions loading description male style c expanded series 8457 ? 4 rows (4 x 32) denotes ground pin d c b a 128 contacts, rows a + b + c + d fully loaded d c b a 126 + 2 contacts, fully loaded with ground in a1 & a32 nb: alternative prefix variations available: 12, 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 3.4 mm (y) 128 a + b + c + d fully loaded 10 8457 128 001 025 10 8457 128 001 049 straight 126 + 2 4 rows fully loaded + ground 10 8457 128 101 025 10 8457 128 101 049 3.0 mm (y) 128 a + b + c + d fully loaded 10 8457 128 002 025 10 8457 128 002 049 right angled 126 + 2 4 rows fully loaded + ground 10 8457 128 102 025 10 8457 128 102 049 y 12.7 [0.500] 88.0 [3.465] -0.20 [0.008] 88.9 [3.500] 0.10 [0.004] 94.0 [3.700] max 31 eq sp @ 2.54 [0.100] = 78.74 [3.100] 2.54 [0.100] guide - strip 13.7 [0.540] 0.60 0.60 [0.024] x [0.024] max 128 x ?1 [128 x ?0.039] 31 x 2.54 = 78.74 [31 x 0.100 = 3.10] 88.9 0.1 [3.50 0.004] 2 x ?2.9 -0.1 [2 x ?0.114 -0.004] 5.08 0.1 [0.200 0.004] 2.54 [0.100] 2.54 [0.100] 2.54 0.10 [0.100 0.004] d c b a 5.30 0.10 [0.209 0.004] 3 x 2.54 =7.62 [3 x 0.100 = 0.300] hole pattern
24 contact design part number and number of performance classes according to din 41612 termination length contacts loading description ii i 3.4 mm (y) 160 a + b + c + d + e fully loaded 10 8457 160 001 025 10 8457 160 001 049 straight 158 + 2 5 rows fully loaded + ground 10 8457 160 101 025 10 8457 160 101 049 3.0 mm (y) 160 a + b + c + d + e fully loaded 10 8457 160 002 025 10 8457 160 002 049 right angled 158 + 2 5 rows fully loaded + ground 10 8457 160 102 025 10 8457 160 102 049 male style c expanded series 8457 ? 5 rows (5 x 32) denotes ground pin e d c b a 160 contacts, rows a + b + c + d + e fully loaded e d c b a 158 + 2 contacts, fully loaded with ground in a1 & a32 nb: alternative prefix variations available: 16 & 17, please refer to page 10. additional plating & loading variations: please contact your local avx sales office or distributor. dimensions loading description y guide - strip 16.2 [0.638] max 4 eq sp @ 2.54 [0.100] = 10.16 [0.400] 2.54 [0.100] 2.54 [0.100] 31 eq sp @ 2.54 [0.100] = 78.74 [3.100] 88.0 [3.465] -0.20 [0.008] 88.9 [3.500] 0.10 [0.004] 94.0 [3.700] max 23.0 [0.905] max 0.60 0.60 [0.024] x [0.024] 128 x ?1 [128 x ?0.039] 31 x 2.54 = 78.74 [31 x 0.100 = 3.10] 88.9 0.1 [3.50 0.004] 2 x ?2.9 -0.1 [2 x ?0.114 -0.004] 5.08 0.1 [0.200 0.004] 2.54 [0.100] 2.54 [0.100] 2.54 0.10 [0.100 0.004] e d c b a 5.30 0.10 [0.209 0.004] 4 x 2.54 =10.16 [4 x 0.100 = 0.400] hole pattern


▲Up To Search▲   

 
Price & Availability of 108457096001050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X