zxt13n50de6 document number: ds33636 rev: 3 - 2 1 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated 50v npn low saturation switching transistor features ? bv ceo > 50v ? i c = 4a continuous collector current ? i cm = 10a peak pulse current ? r ce(sat) = 36m ? for a low equivalent on-resistance ? low saturation voltage (100mv max @ 1a) ? h fe characterized up to 10a ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot26 ? case material: molded plas tic, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte ti n plated leads, solderable per mil- std-202, method 208 ? weight: 0.015 grams (approximate) applications ? dc?dc converters ? power management functions ? power switches ? motor control ordering information (notes 4 & 5) product compliance marking reel size (inches) tape width (mm) quantity per reel ZXT13N50DE6TA aec-q101 n50d 7 8 3,000 zxt13n50de6tc aec-q101 n50d 13 8 10,000 zxt13n50de6qta automotive n50d 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capabl e. automotive, aec-q101 and standard products are electricall y and thermally the same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_compliance_de finitions/. 5. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information n50d = product type marking code top view device s y mbol sot26 top view pin-out n50d c e b
zxt13n50de6 document number: ds33636 rev: 3 - 2 2 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 7.5 v base current i b 500 ma continuous collector current i c 4 a peak pulse collector current i cm 10 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 6) p d 1.1 8.8 w mw/ ? c (note 7) 1.7 13.6 thermal resistance, junction to ambient (note 6) r ja 113 ? c/w (note 7) 73 thermal resistance, junction to lead (note 8) r jl 18.6 operating and storage temperature range t j , t stg -55 to +150 ? c esd ratings (note 9) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 6. for a device mounted with the collector lead on 25mm x 25mm 1oz copper that is on single-sided 1.6mm fr4 pcb; device is measured under still air conditions whilst operating in a steady-state. 7. same as note (6), except the device is measured at t ? 5 sec. 8. thermal resistance from junction to solder-point (at the end of the collector lead). 9. refer to jedec specification jesd22-a114 and jesd22-a115.
zxt13n50de6 document number: ds33636 rev: 3 - 2 3 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated thermal characteristics and derating information ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?? ?
zxt13n50de6 document number: ds33636 rev: 3 - 2 4 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics collector-base breakdown voltage bv cbo 100 190 ? v i c = 100a collector-emitter breakdown voltage (note 10) bv ceo 50 70 ? v i c = 10ma emitter-base breakdown voltage bv ebo 7.5 8.5 ? v i e = 100a collector-base cutoff current i cbo ? ? 100 na v cb = 80v emitter cutoff current i ebo ? ? 100 na v eb = 6v collector-emitter cutoff current i ces ? ? 100 na v ces = 80v on characteristics (note 10) dc current gain h fe 250 400 ? ? i c = 10ma, v ce = 2v 300 450 900 i c = 1a, v ce = 2v 100 220 ? i c = 4a, v ce = 2v 10 30 ? i c = 10a, v ce = 2v collector-emitter saturation voltage v ce(sat) ? 8 12 mv i c = 100ma, i b = 10ma ? 75 100 i c = 1a, i b = 10ma ? 150 200 i c = 3a, i b = 50ma ? 175 230 i c = 4a, i b = 100ma ? 145 180 i c = 4a, i b = 400ma base-emitter saturation voltage v be(sat) ? ? 1.0 v i c = 4a, i b = 100ma base-emitter turn-on voltage v be(on) ? ? 0.9 v i c = 4a, v ce = 2v small signal characteristics current gain-bandwidth product f t 115 ? mhz v ce = 10v, i c = 50ma, f = 50mhz output capacitance c obo ? 31 ? pf v cb = 10v, f = 1mhz turn-on time t (on) ? 220 ? ns v cc = 10v, i c = 1a i b1 = i b2 = 20ma turn-off time t (off) ? 830 ? ns note: 10. measured under pulsed conditions. pulse width ? 300 s. duty cycle ? 2%.
zxt13n50de6 document number: ds33636 rev: 3 - 2 5 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated typical electrical characteristics (@t a = +25c, unless otherwise specified.)
zxt13n50de6 document number: ds33636 rev: 3 - 2 6 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated package outline dimensions please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ?? ?? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 ?? 0 8 ?? all dimensions in mm dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 a m j l d b c h k x z y c1 c2 c2 g
zxt13n50de6 document number: ds33636 rev: 3 - 2 7 of 7 www.diodes.com april 2014 ? diodes incorporated advance information zxt13n50de6 a product line o f diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com
|