Part Number Hot Search : 
4ZE4MN6 UDZ1XB CAT25M01 KBP200 1SMB5925 HR433 DS1013 ZMM5237
Product Description
Full Text Search
 

To Download WDH3B13-R-B-B-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wdm high isolation 1310+1490/1550nm fwdm parameter specification operating wavelength range (pass band) 15 39 C 1565 nm operating wavelength range (reflect band) 1260 C 1360 nm & 1480 C 1500 nm insertion loss (pass band) 1.0 db insertion loss (reflect band) 1.0 db isolation (pass band) 45 db isolation (reflect band) 4 5 db ripple 0.3 db return loss 50 db directivity 55 db maximum power handling 300 mw operating temperature - 5 c ~ + 65 c (ind oor), - 45 c ~ + 65 c (outdoor) storage temperature - 45 c ~ + 85 c package dimension bare fiber (b) 5.5 mm ( ? ) x 35 mm (l) 900 m loose tube (l) 5.5 mm ( ? ) x 40 mm (l) heavy duty (k, r) 100.0 mm x 12.0 mm x 8.0 mm note 1: all values specified are without connectors. note 2: higher performance specifications available upon request. note 3: fiber type C corning smf - 28e unless otherwise specified. w d h 3 b 1 3 - - - - temp range fiber length p igtail style connector r: indoor a : 1 meter (=package style) 0: none 7: lc/upc e: outdoor b: 1.5 meter b: bare fiber 1: fc/pc 8: lc/spc s: special l: 900 m loose tube 2: fc/apc 9: special k: 2 mm cable 3: sc/ pc a: fc/upc r: 3 mm cable 4: sc/apc b: sc/upc 5: fc/spc c: st 6: sc/spc www.lightel.com 2210 lind ave sw, suite 100 renton, wa 98057 usa (425) 277 - 8000 ph. (425) 277 - 5280 fax all rights reserved 2009


▲Up To Search▲   

 
Price & Availability of WDH3B13-R-B-B-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X