Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download U200015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by rdtcr16s1r 2:1 4/20/2012 U200015 b rc 1 1 c 1 c 2 4 8 8 c c 4 pcb layout 1 2 4 2 2 c 8 c 8 6 1 2 1 4 2 0 1 13 14 b 12 11 15 7 5 4 3 3 2 0 5 4 6 7 8 9 10 a 9 8 c d e f real code a 20559 release to production 4/20/12 rc 6.50 [.256 in] 10.00 [.394 in] 10.00 [.394 in] notes: 1. all dimesnions in mm [inch] 2. general tolerance: x.x= ` 0.4 x.xx= ` 0.25 3. terminal numbers for reference only 4. operating force: 700gf/cm max. 5. contact rating: 150ma, 42v dc (switching) 200ma 42v dc (non-switching) 6. contact resistance: 80m w max. 7. insulation resistance: 100m w min @ 250vdc 8. dielectric strength: 250vac 1 min. 9. life: 10,000 steps 10. operating temperature: -60 ~ c to 125 ~ c 11. packaging: 600 pcs tape and reel 12. denotes critical parameter 13. 2002/95/ec (rohs) compliant n 4.10 [.161 in] 2.20 [.087 in] .20 [.008 in] 6.80 [.268 in] .54 [.021 in] 5.08 [.200 in] 2.54 [.100 in] 12.00 [.472 in] 2.60 [.102 in] 1.20 [.047 in] 2.54 [.100 in] 14.60 [.575 in] n 9.60 [.378 in] b 20569 revised real code chart 4/25/12 rc


▲Up To Search▲   

 
Price & Availability of U200015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X