Part Number Hot Search : 
25013 EL4393 UT3401 TIP107 KF3N50IZ CJ130 MBR2060 7812ACD2
Product Description
Full Text Search
 

To Download STK103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s mhop microelectronics c orp. a symbol v ds v gs i dm w a p d c 1.25 -55 to 150 i d units parameter 100 2.0 11 v v 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics n-channel enhancement mode field effect transistor absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous a -pulsed b maximum power dissipation operating junction and storage temperature range t j , t stg www.samhop.com.tw jul,13,2011 1 details are subject to change without notice. t a =25 c a 100 c/w thermal resistance, junction-to-ambient r ja d g d s sot-89 t a =70 c a 1.6 t a =70 c w 0.8 e as mj single pulse avalanche energy d 20 STK103 g r e r r p p r p p o r r product summary v dss i d r ds(on) (m ) @ vgs=4.5v 210 @ vgs=10v s g d suface mount package. features super high dense cell design for low r ds(on) . rugged and reliable. ver 1.1
symbol min typ max units bv dss 100 v 1 i gss 100 na v gs(th) v 168 g fs s c iss 310 pf c oss 38 pf c rss 24 pf q g 7.7 nc 9.2 16 4.1 t d(on) 5.6 ns t r ns t d(off) ns t f ns v ds =25v,v gs =0v switching characteristics v dd =50v i d =1.00a v gs =10v r gen =6ohm total gate charge rise time turn-off delay time fall time turn-on delay time m ohm v gs =10v , i d =1.00a v ds =10v , i d =1.00a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance i dss ua gate threshold voltage v ds =v gs ,i d =250ua v ds =80v , v gs =0v v gs =20v,v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =250ua reverse transfer capacitance on characteristics v gs =4.5v , i d =0.82a 210 231 312 m ohm c f=1.0mhz c www.samhop.com.tw jul,13,2011 2 nc q gs nc q gd 0.9 1.7 gate-drain charge gate-source charge v ds =50v,i d =1.00a, v gs =10v drain-source diode characteristics and maximum ratings nc 3.3 v ds =50v,i d =1.00a,v gs =10v v ds =50v,i d =1.00a,v gs =4.5v v sd diode forward voltage v gs =0v,i s =1a 0.79 1.3 v notes a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=0.5mh,v dd = 50v.(see figure13) _ _ _ 1 1.9 2.5 1.9 STK103 ver 1.1
STK103 www.samhop.com.tw jul,13,2011 3 figure 1. output characteristics v ds , drain-to-source voltage (v) i d , drain current(a) figure 2. transfer characteristics v gs , gate-to-source voltage (v) 10 8 6 2 0 0 1 2 3 4 5 6 tj=125 c -55 c 4 25 c i d , drain current(a) i d , drain current (a) 600 500 400 300 200 100 0 1234 5 0.1 0 25 50 75 tj( c) 150 100 125 tj, junction temperature ( c) vth, normalized gate-source threshold voltage tj, junction temperature ( c) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 figure 5. gate threshold variation with temperature figure 6. breakdown voltage variation with temperature bv dss , normalized drain-source breakdown voltage tj, junction temperature ( c) -50 -25 0 25 50 75 100 125 150 1.3 1.2 1.1 1.0 0.9 0.8 0.7 r ds(on) , on-resistance normalized drain current and temperature figure 4. on-resistance variation with and gate voltage figure 3. on-resistance vs. drain current ver 1.1 4 3 2 1 0 0 0.5 1.0 1.5 2.0 2.5 3.0 5 v gs =3v v gs =10v v gs =10v r ds(on) (m ) v gs =5v v gs = 4.5v v gs =10v i d =1.00a v gs =4.5v i d =0.82a v gs = 3.5v v gs = 4.5v 0.8 1.6 1.2 2.0 1.8 1.4 1.0 i d = 250ua v gs =4v v ds =v gs i d = 250ua 0.5
STK103 www.samhop.com.tw jul,13,2011 4 gate-source voltage figure 7. on-resistance vs. v gs , gate-sorce voltage(v) is, source-drain current (a) figure 8. body diode forward voltage variation with source current v sd , body diode forward voltage(v) figure 9. capacitance c, capacitance (pf) v ds , drain-to source voltage(v) v gs , gate to source voltage (v) figure 10. gate charge qg, total gate charge(nc) ver 1.1 r ds(on) (m ) figure 12. maximum safe i d , drain current (a) v ds , drain-source voltage (v) operating area 0.1 1 10 100 1 0.1 0.01 r d s (on) l imit 600 500 400 300 200 100 0 0 125 c 75 c 25 c 1.0 0 0.4 0.8 1.2 1.6 2.0 125 c crss coss ciss 600 500 400 300 200 100 0 10 15 20 25 30 0 5 switching time(ns) rg, gate resistance( ) figure 11. switching characteristics 110 100 1 10 100 300 v ds =50v,i d =1.0a v gs =10v td(on) t r td(off ) tf 10 i d = 1.00a 10 8 6 4 2 v ds =50v i d = 1.00a 0 3 2 1 0 10 8 6 4 2 8 7 6 5 4 75 c 25 c 5.0 10.0 20.0 v gs =10v single pulse t a =25c 1m s 10ms 100m s 1s 10s dc
STK103 www.samhop.com.tw jul,13,2011 5 unclamped inductive test circuit figure 13a. unclamped inductive waveforms figure 13b. tp v(br) ds s i as ver 1.1 10 -3 10 -4 p dm t 1 t 2 1. r ^ ja (t)=r (t) * r ^ ja 2. r ^ ja =see datasheet 3. t jm- t a =p*r ^ ja (t) 4. duty cycle, d=t1/t2 10 0 single pulse 10 -1 10 1 10 2 10 0 10 -1 10 -2 10 -3 0.02 0.05 0.1 0.2 d=0.5 10 -2 0.01 r(t),normalized effective transient thermal impedance square wave pulse duration (msec) figure 14. normalized thermal transient impedance curve r g i as 0.01 t p d.u.t l v ds + - dd 20v v
STK103 www.samhop.com.tw jul,13,2011 6 package outline dimensions sot-89 ref. min. 4.40 4.05 1.50 1.30 2.40 0.89 max. 4.60 4.25 1.70 1.50 2.60 1.20 5 dime ns ions a a1 b b1 c c1 a b b1 h c a1 c1 e d f2 f1 g 1.50 0.40 1.40 0.35 0.70 ref. 0.52 1.60 0.41 typ. ref. e f f1 f2 g d milimeters h 3.00 ref. f ver 1.1
STK103 www.samhop.com.tw jun,13,2011 7 sot-89 tape sot-89 carrier tape unit: @ section a-a package sop 8n 150 ? a1 b1 b2 cd eb3 gh j k 4.85 4.45 1.85 0.254 1.75 !2 0.10 5.5 2 0.05 1.50 2 0.10 1.5 2 0.25 12.0 2 0.10 2 0.10 2 0.10 2 0.02 a a b b h c e d j f g k 4.0 2 0.10 8.0 2 0.10 2.0 2 0.05 f +0.30 . 0.10 10c 40.0 2 0.20 8 max. a1 section b-b b2 b1 b3 12 max. ver 1.1


▲Up To Search▲   

 
Price & Availability of STK103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X