Part Number Hot Search : 
V56CH8 SL486 MPXQS22K E004997 4ACT1 LMK316B 1N4762A IRF953
Product Description
Full Text Search
 

To Download SSM3J02F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3J02F  small package  low on resistance : r on = 0.5 ? (max) (@v gs = ? 4 v) : r on = 0.7 ? (max) (@v gs = ? 2.5 v)  low gate threshold voltage maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v ds  30 v gate-source voltage v gss  10 v dc i d  600 drain current pulse i dp  1200 ma drain power dissipation (ta  25c) p d 200 mw channel temperature t ch 150 c storage temperature range t stg  55~150 c marking equivalent circuit handling precaution when handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm weight: 0.012 g (typ.) smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   10 v, v ds  0    1  a  drain-source breakdown voltage v (br) dss i d   1 ma, v gs  0  30   v drain cut-off current i dss v ds   30 v, v gs  0    1  a gate threshold voltage v th v ds   3 v, i d   0.1 ma  0.6   1.1 v forward transfer admittance  y fs  v ds   3 v, i d   0.3 a (note) 0.6   s i d   0.3 a, v gs   4 v (note)  0.4 0.5 drain-source on resistance r ds (on) i d   0.3 a, v gs   2.5 v (note)  0.55 0.7  input capacitance c iss v ds   10 v, v gs  0, f  1 mhz  150  pf  reverse transfer capacitance c rss v ds   10 v, v gs  0, f  1 mhz  21  pf  output capacitance c oss v ds   10 v, v gs  0, f  1 mhz  61  pf  turn-on time t on  55  switching time turn-off time t off v dd   15 v, i d   0.3 a, v gs  0~  2.5 v, r g  4.7   52  ns  note: pulse test switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d   1 00  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of  2.5 v or higher to turn on this product. SSM3J02F smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM3J02F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X