Part Number Hot Search : 
AS1107 SZ4024 GL032 TC143E TS372I 7456M F0515 BC846B
Product Description
Full Text Search
 

To Download SSM3J01T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3J01T  small package  low on resistance : r on = 0.4 ? (max) (@v gs = ? 4 v) : r on = 0.6 ? (max) (@v gs = ? 2.5 v)  low gate threshold voltage maximum ratings (ta     25c) characteristic symbol rating unit drain-source voltage v ds  30 v gate-source voltage v gss  10 v dc i d  1.7 drain current pulse i dp (note2)  3.4 a drain power dissipation (ta  25  c) p d (note1) 1250 mw channel temperature t ch 150  c storage temperature range t stg  55~150  c note 1: mounted on fr4 board (25.4 mm  25.4 mm  1.6 t, cu pad: 645 mm 2 , t  10 s) note 2: the pulse width limited by max channel temperature. handling precaution when handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. the channel-to-ambient thermal resistance r th (ch-a) and the drain power dissipation p d vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. when using this device, please take heat dissipation fully into account. marking equivalent circuit unit: mm weight: 10 mg (typ.) 3 1 2 d e 3 12 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification
electrical characteristics (ta     25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs   10 v, v ds  0    1  a drain-source breakdown voltage v (br) dss i d   1 ma, v gs  0  30   v drain cut-off current i dss v ds   30 v, v gs  0    1  a gate threshold voltage v th v ds   3 v, i d   0.1 ma  0.6   1.1 v forward transfer admittance |y fs | v ds   3 v, i d   0.85 a (note3) 1.2 2.3  s drain-source on resistance r ds (on) i d   0.85 a, v gs   4 v (note3)  0.3 0.4  drain-source on resistance r ds (on) i d   0.85 a, v gs   2.5 v (note3)  0.4 0.6  input capacitance c iss v ds   10 v, v gs  0, f  1 mhz  240  pf reverse transfer capacitance c rss v ds   10 v, v gs  0, f  1 mhz  24  pf output capacitance c oss v ds   10 v, v gs  0, f  1 mhz  94  pf turn-on time t on  36  switching time turn-off time t off v dd   15 v, i d   0.3 a v gs  0~  2.5 v, r g  4.7   37  ns note3: pulse test switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d   1 00  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of  2.5 v or higher to turn on this product. t on t off 0 v  2.5 v v dd v ds (on) t r t f 10% 90% 90% 10% (b) v in v gs (c) v out v ds v dd   15 v r g  4.7  d.u.  1% v in : t r , t f 5 ns common source ta  25c 0  2.5 v in out v dd 10  s r g (a) test circuit 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com SSM3J01T smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of SSM3J01T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X