Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download SSFT4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSFT4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 1 of 8 www.silikron.com main product characteristics: v dss 40 v r ds (on) 2.87 mohm (typ . ) i d 120 a features and benefits : description : absolute max rating : symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 120 a i d @ tc = 100c continuous drain current, v gs @ 10v 90 i dm pulsed drain current 480 p d @tc = 25c power dissipation 190 w linear derating factor 1.27 w/c v ds drain - source voltage 40 v v gs gate - to - source voltage 2 0 v e as single pulse avalanche energy @ l=0. 3 mh 346 mj i a s avalanche current @ l=0. 3 mh 48 a t j t stg operating junction and storage temperature range - 55 to + 175 c to220 marking and pin assignment schematic diagram ? advanced trench mosfet process technology ? special designed for pwm, load switching and general purpose applications ? u ltra low on - resistance with low gate charge ? f ast switching and reverse body recovery ? 17 5 operating temperature it utilizes the latest trench processing techniques to ach ieve the high cell density and reduces the on - resistance with high repetitive avalanche rating . these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other application s
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 2 of 8 www.silikron.com thermal resistance symbol characterizes typ. max. units r jc junction - to - case 0.79 /w r j a junction - to - ambient (t 10s) 62 /w junction - to - ambient (pcb mounted, steady - state) 40 /w electrical characterizes @t a =25 unless otherwise specified symbol parameter min. typ. max . units conditions v ( b r) dss drain - to - source breakdown voltage 40 v v gs = 0v, i d = 250a r ds(on) static drain - to - source on - resistance 2.87 4 m v gs =10v , i d = 30 a 5.33 t j = 1 25 v gs(th) gate threshold voltage 1 3 v v ds = v gs , i d = 250a 1.0 t j = 1 25 i dss drain - to - source leakage current 1 a v ds = 40 v,v gs = 0v 50 t j = 125 c i gss gate - to - source forward leakage 1 00 na v gs = 20 v - 1 00 v gs = - 20 v q g total gate charge 111.2 nc i d = 80 a , v ds = 25 v , v gs = 10v q gs gate - to - source charge 21.0 q gd gate - to - drain("miller") charge 30.3 t d(on) turn - on delay time 17.8 ns v gs =10v, v ds = 20 v, r l = 0.5 , r gen = 7 i d = 80 a t r rise time 139.4 t d(off) turn - off delay time 107.3 t f fall time 142.3 c iss input capacitance 7081 pf v gs = 0v , v ds = 25 v , ? = 1m hz c oss output capacitance 496 c rss reverse transfer capacitance 479 source - drain ratings and characteristics symbol parameter min. typ. max . units conditions i s continuous source current (body diode) 120 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current ( body diode ) 480 a v sd diode forward voltage 0.70 1.3 v i s = 2.1 a, v gs =0v t rr reverse recovery time 19.2 ns t j = 25c , i f = 75 a, di/dt = 10 0a/s q rr reverse recovery charge 12.0 nc
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 3 of 8 www.silikron.com test circuits and waveforms switch waveforms: notes: calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a . repetitive rat ing; pulse width limited by max junction temperature. the power dissipation pd is based on max junction temperature , using junc tion - to - case thermal resistance . the value of r j a is measured with the device mounted on 1 in 2 fr - 4 board with 2oz. copper, in a still air environment with ta =25c these curves are based on the junction - to - case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) = 175 c.
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 4 of 8 www.silikron.com t ypical electrical and thermal characteristics fig ure 2. g ate to source cut - off voltage figure 1: typical output characteristics fig ure 3. drain - to - source breakdown voltage vs. temperature figure 4: normalized on - resistance vs. case temperature
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 5 of 8 www.silikron.com fig ure 5 . maximum drain current vs. case temperature case temperature t ypical electrical and thermal characteristics fig ure 6 .typical capacitance vs. drain - to - source voltage fig ure 7 . maximum effective transient thermal impedance, junction - to - case
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 6 of 8 www.silikron.com mechanical data min nom max min nom max a - 1.300 - - 0.051 - a1 2.200 2.400 2.600 0.087 0.094 0.102 b - 1.270 - - 0.050 - b1 1.270 1.370 1.470 0.050 0.054 0.058 c - 0.500 - - 0.020 - d - 15.600 - - 0.614 - d1 - 28.700 - - 1.130 - d2 - 9.150 - - 0.360 - e 9.900 10.000 10.100 0.390 0.394 0.398 e1 - 10.160 - - 0.400 - p - 3.600 - - 0.142 - p1 1.500 0.059 e l 12.900 13.100 13.300 0.508 0.516 0.524 ?1 - 7 0 - - 7 0 - ?2 - 7 0 - - 7 0 - ?3 - 3 0 - 5 0 7 0 9 0 ?4 - 3 0 - 1 0 3 0 5 0 symbol dimension in millimeters dimension in inches 2.54bsc 0.1bsc to220 package outline dimension_gn e d d1 p a ? 1 d2 a1 c e b b1 ? 2 ? 3 l ? 4 p1 e1
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 7 of 8 www.silikron.com ordering and marking information device marking: ssf t4004 package (available) to 220 operating temperature range c : - 55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to220 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) tj=125 to 175 @ 80% of max v dss /v ces /v r 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) tj=150 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices
ssf t4004 ? silikron semiconductor co. , ltd . 20 11 . 10 . 15 version: 1. 0 page 8 of 8 www.silikron.com attention: any and all silikron products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life - support systems, aircraft's control systems, or other ap plications whose failure can be reasonab ly exp ected to result in serious physical and/or material damage. consult with your silikron representative nearest you before using any silikron products described or contained herein in such applications. silikron assumes no responsibility for equipm ent failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all silikron products described or c ontained herein. specifications of any and all silikron products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customers products or equipment. to verify s ymptoms and states that cannot be evaluated in an independent device, th e customer should always evaluate and test devices mounted in t he customers products or equipment. silikron semiconductor co.,ltd. strives to supply high - quality high - reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures coul d give rise to accident s or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occu r. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all silikron products(including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of silikron semicon ductor co.,ltd. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. silikron believes information herein is accurate and reliable, but no guarantees are made or impli ed regarding its use or any infringements of intellectual property rights or other rights of third parties. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when desi gning equipment, refer to the "delivery specification" for the silikron product that you intend to use. this catalog provides information as of dec, 2008. specifications and information herein are subject to change without notice. customer service worldwide sales and service: sales@ silikron .com technical support : technical@ silikron .com suzhou silikron semiconductor corp. 11a, 4 2 8 xinglong street, suzhou industrial park, p.r.china tel: (86 - 512) 62560688 fax: (86 - 512) 65160705 e - mail: sales@ silikron .com


▲Up To Search▲   

 
Price & Availability of SSFT4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X