Part Number Hot Search : 
33411 RT2512 RT2512 CIT2211 F7205 2N440101 TFP410PA SC101
Product Description
Full Text Search
 

To Download SR20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20.0 amp schottky barrier rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage per leg at 10a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to case. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any sr20150ct thru SR20200CT typical thermal resistance r jc (note 2) vol t age range current operating storage temperature range t stg temperature range t j 20.0 200 0.5 50 2.0 a a ma ma pf -65 +150 -65 +150 c c c /w at tc=95 c 500 sr20150ct SR20200CT units 150 200 v 150 200 v 105 140 v v 0.95 150 to 200 volts 72 dimensions in inches and (millimeters) + pin 1 pin 3 pin 2 case to-220 .412 .248 .180 .050 .120 .158 .603(15.3) .578(14.7) .576(14.6) .514(13.0) .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (2.54) (1.3) (1.0) (2.75) max. max. max. max. 3.8 +.2 hole thru f
rating and characteristic curves (sr20150ct thru SR20200CT) fig.3-maximum non-repetitive forward surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 100 50 0 150 250 200 fig.1-typical forward current dera ting curve 4 8 12 16 20 24 a v e r a g e f o r w a r d c u r r e n t , ( a ) number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 0.1 1.0 .01 10 50 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle .1 .3 .5 .7 .9 1.1 1.3 1.5 5.0 tj=25 c fig.2-typical forward characteristics fig.5 - typical reverse characteristics .1 1.0 10 100 r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=25 c tj=100 c 0 20 40 60 80 100 120 140 160 180 200 73 case temperature,( c)


▲Up To Search▲   

 
Price & Availability of SR20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X