smartpro 208/120v 5kva 3.75kw line-interactive sine wave ups, extended run, snmp, webcard, 3u rack/tower, usb, db9 serial model number: SMART5000XFMRXL description tripp lite 5kva smart rm ups. 5000va line-interactive ups for server, network and telecommunications equipment. ups with internal batteries requires 3 rack spaces installed. accepts 208v nominal input voltage. simultaneous 208 & 120v output. corrects brownouts and overvoltages from 167v to 260v. sine wave output. maintains battery-derived ac output during blackouts and severe voltage fluctuations. expandable runtime with optional external battery packs. 11 output receptacles. nema l6-30p input connection with support for user-supplied 50a or hardwire input. network-grade ac surge and noise suppression. network management interfaces include usb, db9 serial and snmpwebcard slot. supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all network interfaces simultaneously. includes poweralert monitoring software and complete cabling. emergency power off (epo) interface. integrated 8-bank switched pdu. 3-stage metered current monitoring and battery charge leds. utility power and voltage regulation leds. audible alarm. self-test. 4-post rack mounting accessories included; 2-9ustand and 2postrmkitwm accessories available. field-replaceable, hot-swappable internal batteries and battery packs. features 5000va/3750 watt max. output power capacity compatible with north american 208v/60hz input voltage supports full output at either 208v or 120v 3u rack/tower ups installs in standard 19 inch rack enclosures with an installed depth of only 25 inches / 63.5cm protects sensitive networking equipment from blackouts, voltage fluctuations and transient surges line interactive automatic voltage regulation (avr) corrects 208v nominal input from 167 to 260vac back to usable 208/120v levels without consuming battery power avr circuits boost undervoltages by 12% and reduce overvoltages by 12% network interfaces support simultaneous communications via usb, db9 serial and snmpwebcard slot included poweralert ups monitoring software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number of additional servers over ip communications ports support on-battery, low-battery, power-restored, ac-voltage, dc-voltage, output current monitoring, battery charge current, battery capacity, internal ups temperature, ac line frequency, timed inverter shutoff, activate self-test and load bank output power control highlights 5kva / 5000va line interactive 3u rack/tower ups; sine wave output 208 & 120v output during brownouts to 167 and overvoltages to 260v usb, serial, epo & optional snmp/web card monitoring options 3u all-in-one chassis; 8 single-outlet switched load banks; 97% efficiency nema l6-30p input; 8 nema 5-15/20r, 2 l6-20r & 1 l6-30r outlets package includes smart 5000xfmrxl ups system poweralert software and cabling mounting hardware for 4-post rackmount installation instruction manual 1 / 5
built-in emergency power off (epo) interface with cable sine wave output in ac and battery mode expandable runtime with optional bp48v24-2u (limit 1), bp48v60rt-3u (multi-pack compatible) and bp48v27-2us (multi-pack compatible) external battery packs half/full load runtime of 20/8.5 minutes with internal batteries includes 11 output receptacles (2 l6-20, 1 l6-30 & 8 nema 5-15/20r) ships with installed l6-30p input plug, supports user supplied 50a replacement plug or hardwire input integrated 8 bank switched pdu enables remote outlet management for load shedding or remote reboot of individual devices 3 stage metered leds offer current monitoring and battery charge level mains power and voltage regulation leds offer at-a-glance power status information front panel switches support self-test and alarm cancel functions included adjustable mounting rails support installation in 4 post 19 inch racks ups ships fully assembled in full compliance with dot regulations, no time consuming connection of internal batteries by user is required supports 2 post rackmount installation with optional 2postrmkit accessory supports upright tower placement with optional 2-9ustand accessory specifications output output volt amp capacity (va) 5000 output kva capacity (kva) 5 output watt capacity (watts) 3750 output kw capacity (kw) 3.75 power factor 0.75 nominal output voltage(s) supported 120v; 208v frequency compatibility 60 hz output voltage regulation (line mode) 208 & 120v (+/- 10%) output voltage regulation (battery mode) +/- 5% output receptacles (8) 5-15/20r; (2) l6-20r; (1) l6-30r load management receptacles eight switchable single-outlet 5-15/20r load banks output circuit breakers 20a double pole breaker supports l6-20r outlets, 20a branch rated breaker (x2) supports 4 5-15/20r outlets each, l6-30r outlet is unbreakered output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 24a 2 / 5
nominal input voltage(s) supported 208v ac ups input connection type l6-30p ups input cord length (ft.) 10 ups input cord length (m) 3 recommended electrical service 30a 208v input phase single-phase battery full load runtime (min.) 8.5 min. (3750w) half load runtime (min.) 20 min. (1875w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp48v24-2u (limit 1); bp48v60rt-3u (multi-pack compatible); bp48v27-2us (multi-pack compatible) dc system voltage (vdc) 48 battery recharge rate (included batteries) less than 4 hours from 10% to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc94-3u (quantity 3) battery access front panel battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 167 to 260 overvoltage correction input voltages between 228 and 260 are reduced by 12% undervoltage correction input voltages between 167 and 194 are boosted by 12% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure, overload and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 1020 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes 3 / 5
physical installation form factors supported with included accessories 4 post 19 inch rackmount installation form factors supported with optional accessories 2 post rackmount (2postrmkitwm); tower (2-9ustand) primary form factor rackmount ups power module dimensions (hwd, in.) 5.2 x 17.5 x 25 ups power module dimensions (hwd, cm) 13.3 x 44.4 x 63.5 installed whole system maximum rack depth (in.) 25 installed whole system maximum rack depth (cm) 63.5 rack height (u spaces) 3 ups power module weight (lbs.) 143.3 ups power module weight (kg) 65.1 ups shipping dimensions (hwd / in.) 11.2 x 23 x 31.5 ups shipping dimensions (hwd / cm) 28.6 x 58.4 x 80 shipping weight (lbs.) 181.9 shipping weight (kg) 82.6 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 671.1 ac mode efficiency rating (100% load) 97% communications communications interface usb; db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications 4 / 5
line / battery transfer transfer time 7 ms (ac to battery); 1 ms (battery to ac) typical low voltage transfer to battery power (setpoint) 167 high voltage transfer to battery power (setpoint) 260 special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups; individually controllable load banks certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
|