Part Number Hot Search : 
MSP2204 2SC53 XC2765X EPA1073 SMA75 SZ155B MZP4733 2SB940
Product Description
Full Text Search
 

To Download SJ-A1440-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com lvcmos sj-a1440 series description the sj-a1440 series of quartz crystal oscillators provide enable/disable 3-state lvcmos compatible signals for bus connected systems. supplying pin 1 of the sj-a1440 units with a logic ?1" or open enables its pin 3 output. in the disabled mode, pin 3 presents a high impedance to the load. features ? wide frequency range? 10.0mhz to 250.0mhz ? user specified tolerance available ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? metal lid electrically connected to ground to reduce emi ? 3.3 volt operation ? cots/dual use ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? low jitter - wavecrest jitter characterization available ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? low power consumption ? gold plated leads ? rohs compliant, lead free construction electrical connection pin connections 1 enable input 2 grd & case 3 output 4 v dd crystal clock oscillators data sheet 9949a rev. t
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com sj-a1440 series continued lvcmos operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 10.0mhz ----- 250.0mhz duty cycle ----- @ v dd /2 45/55% ----- 55/45% logic 0 v ol @ 600a ----- ----- 0.2v logic 1 v oh @ 600a v dd -0.2v ----- ----- rise & fall time tr,tf 10-90% ----- ----- 2 ns tpz ----- ----- ----- ----- 100 ns jitter, integrated j integrated from phase noise, ----- 0.1 ps ----- 12khz to 20mhz, rms jitter, wavecrest characterized (2) ----- random period ----- 2.3ps ----- accum, pk-to-pk ----- 26ps ----- phase noise ( f) @ 10hz ----- -70 dbc/hz ----- @100hz ----- -105 dbc/hz ----- @1khz ----- -130 dbc/hz ----- @10khz ----- -145 dbc/hz ----- @100khz ----- -150 dbc/hz ----- @ >1mhz ----- -150 dbc/hz ----- enable voltage ----- ----- 2.0v ----- ----- disable voltage ----- ----- ----- ----- 0.8v frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage (3) v dd 3.3v10% 2.97v 3.3v 3.63v supply current i dd no load 0.0 ma 40ma 60ma output current i o ----- 0.0 ma ----- 25.0 ma operating temperature t a ----- 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 218 mw load ---- ----- ----- ----- 15pf start-up time t s ----- ----- 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-st d-202, method 213, condition e thermal shock per mil-std- 883, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium footnotes: 1) standard frequency stability ( 20,25,50ppm & others available) 2) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. 3) internal high frequency power source decoupling. test load: rev. t crystal clock oscillators sj - a 144x - freq package code tolerance/performance sj 4 j lead smd 0 100ppm 0-70c 1 50ppm 0-70c 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 9949a
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com sj-a1440 series continued max reflow profile crystal clock oscillators data sheet 9949a rev. t


▲Up To Search▲   

 
Price & Availability of SJ-A1440-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X