Part Number Hot Search : 
MCD410 AAT3122 MSD2N60 MN100 05D15 2815S 390FA DD151N
Product Description
Full Text Search
 

To Download SF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features @ t a = 25  c unless otherwise specified     mechanical data   glass passivated hermetically sealed axial leaded glass envelope low reverse current high reverse voltage SF4001-sf4007 switched mode power supplies highfrequency inverter circuits parameter test conditions type symbol value unit reverse voltage SF4001 v r =v rrm 50 v g =repetitive peak reverse voltage sf4002 v r =v rrm 100 v sf4003 v r =v rrm 200 v sf4004 v r =v rrm 400 v sf4005 v r =v rrm 600 v sf4006 v r =v rrm 800 v sf4007 v r =v rrm 1000 v peak forward surge current t p =10 ms, half sinewave i fsm 30 a average forward current lead length l = 10 mm i fav 1 a junction and storage temperature range t j =t stg 55...+175  c parameter test conditions type symbol min typ max unit forward voltage i f =1a SF4001sf4004 v f 1 v g f sf4005sf4007 v f 1.7 v reverse current v r =v rrm i r 5  a v r =v rrm , t j =125  c i r 50  a reverse breakdown i r =100  a SF4001 v (br)r 50 v voltage r  sf4002 v (br)r 100 v sf4003 v (br)r 200 v sf4004 v (br)r 400 v sf4005 v (br)r 600 v sf4006 v (br)r 800 v sf4007 v (br)r 1000 v reverse recovery i f =0.5a, i r =1a, i r =0.25a SF4001sf4004 t rr 50 ns y time f r r sf4005sf4007 t rr 75 ns 1of3 maximum ratings and electrical characteristics 1a axial leaded super fast soft recovery rectifier a a b c d do-41 dim min max a 25.40  b 4.06 5.21 c 0.71 0.864 d 2.00 2.72 all dimensions in mm
characteristics (t j = 25  c unless otherwise specified) 0 0 20 40 60 80 120 r therm. resist. junction / ambient ( k/w ) thja l lead length ( mm ) 94 9552 51015 25 30 20 100 ll t l =constant figure 1. max. thermal resistance vs. lead length 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb ambient temperature ( c ) 96 12130 i average forward current ( a ) fav v r =v rrm f  1khz r thja  100k/w pc board SF4001...sf4004 figure 2. max. average forward current vs. ambient temperature 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb ambient temperature ( c ) 96 12131 i average forward current ( a ) fav v r =v rrm f  1khz r thja  100k/w pc board sf4005...sf4007 figure 3. max. average forward current vs. ambient temperature 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb ambient temperature ( c ) 96 12052 i average forward current ( a ) fav v r =v rrm f  1khz r thja  45k/w l=10mm SF4001...sf4004 figure 4. max. average forward current vs. ambient temperature 0.001 0.010 0.100 1.000 10.000 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v f forward voltage ( v ) 96 12048 f i forward current ( a ) t j =25 c t j = 175 c SF4001...sf4004 figure 6. max. forward current vs. forward voltage 0.001 0.010 0.100 1.000 10.000 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 v f forward voltage ( v ) 96 12050 f i forward current ( a ) t j =25 c t j = 175 c sf4005...sf4007 figure 7. max. forward current vs. forward voltage 2of3
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb ambient temperature ( c ) 96 12053 i average forward current ( a ) fav v r =v rrm f  1khz r thja  45k/w l=10mm sf4005...sf4007 figure 5. max. average forward current vs. ambient temperature 1 10 100 1000 25 50 75 100 125 150 175 t j junction temperature ( c ) 96 12056  i reverse current ( a ) r SF4001...sf4007 v r = v rrm figure 8. max. reverse current vs. junction temperature 3of3


▲Up To Search▲   

 
Price & Availability of SF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X