Part Number Hot Search : 
CNW3120 62201 1812B75 HV892 UR4KB40 KTD1413 62201 B9148
Product Description
Full Text Search
 

To Download R6011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  184 ribbon characteristics ribbon catalog numbers * available on fber or plastic cores for clean room applications. when ordering, please include pc at the end of the ribbon catalog #. example: r6006pc. ** for r4400 and r4500 series ribbons, replace the double asterisk (**) with a color selection. color abbreviations are wt, bk, rd, bl, gr, sv. not all colors available in all sizes. ? r4513-sv is a 2.2 ribbon on a 4.330 core printer specifc ribbons look for other printer specifc print ribbons on pages: tls 2200 ? printer ......... page 67 tls pc link ? printer ..... page 67 bmp ? 71 printer ............. page 70 bbp ? 33 printer ........... page 109 4300 series 4400 series 4500 series 4900 series 6000 series 6100 series 6200 series 6400 series 6600 series 6700 series 6800 series formulation wax/resin resin wax/resin resin resin wax/resin resin resin resin wax/resin resin available colors black red, blue, green, white red, blue, green, silver black black black black black black white white performance characteristics strong environmental resistance against smearing and chemicals. also, reliable, sharp-edge print quality to maximize barcode readability. high density, excellent solvent resistance, high heat resistance, super scratch resistance. strong environmental resistance against smearing and chemicals. also, reliable, sharp-edge print quality to maximize barcode readability. superb smear resistance at high temperatures. superior solvent resistance. halogen free, high density, excellent solvent resistance, high heat resistance, super scratch resistance. outstanding durability for a general purpose ribbon. reduced printhead energy requirements. designed for harsh environment labeling applications. superior abrasion, chemical and heat resistance. high density, excellent solvent resistance, high heat resistance, super scratch resistance. diesel resistant for printing on brady permasleeve and heatex sleeves. high performance against scratching, smudging, and harsh chemicals. specialized white thermal transfer ribbon to be used on dark colored permasleeve ht markers. 4300 series 4400 series 4500 series 4900 series 6000 series 6100 series 6200 series 6400 series 6600 series 6700 series 6800 series ribbons for bbp ? 81 label printer, bradyprinter? pr plus printer, bbp ? 72 double sided printer and wraptor? wire id printer/applicator needing core id 1.000 and ink side out. 0.800" x 984' C C C C R6011 C C C C C C 1.000" x 984' r4311 C C C C C C C C C C 1.570" x 984' r4306 C C C r6006 C r6206 r6406 C C C 2.360" x 984' r4302 r4400-** r4500-** r4902* r6000 r6100 r6200 r6400 r6600 r6700-wt r6800-wt 3.270" x 984' r4300 r4402-** r4502-** r4900* C r6102 r6202 r6402 r6602 r6702-wt r6800-wt 4.330" x 984' r4307 r4407-** r4507-** C r6007* r6107 r6207 r6407 r6607 r6707-wt r6807-wt 5.120" x 984' r4304 r4404-wt C r4902* r6004 r6104 C C C C C 6.850" x 984' r4308 C C r4908* r6008 C C C C C C ribbons for brady ip? printers needing core id 1.000 and ink side out. please note: white (-wt) ip print ribbons for use on gapped and continuous supplies only. 0.800" x 984' C C C C C C C C C C C 1.000" x 984' C C C C C C C C C C C 1.570" x 984' ip-r4306 C C C ip-r6006 C ip-r6206 ip-r6406 C C C 2.360" x 984' ip-r4302 ip-r4400-** ip-r4500-** ip-r4902 ip-r6000 ip-r6100 ip-r6200 ip-r6400 ip-r6600 ip-r6700-wt ip-r6800-wt 3.270" x 984' ip-r4300 ip-r4402-** ip-r4502-** ip-r4900 ip-r6002 ip-r6102 ip-r6202 ip-r6402 ip-r6602 ip-r6702-wt ip-r6800-wt 4.330" x 984' ip-r4307 ip-r4407-** ip-r4507-** C ip-r6007 ip-r6107 ip-r6207 ip-r6407 ip-r6607 ip-r6707-wt ip-r6807-wt ribbons for tht model 1024, tht model 1244, and tht model 1344 needing core id 0.500 and ink side in. 4.000" x 360' r4301 C C r4901 r6001 r6101 r6201 r6401 C C C ribbons for tht model 4042 and intermec 3440 printers needing core id 1.000 and ink side out. 1.570" x 500' r4303 C C C r6003 C C C C C C 2.360" x 500' r4305 C C C r6005 C C C C C C 4.330" x 500' r4309 C C C r6009 r6109 C C C C C ribbons for brady bbp ? 11 printers needing core id 0.500 and ink side out. 4.000" x 242' r4313 r4413-wt r4513-sv ? r4913 r6013 C r6213 r6413 r6613 C C thermal transfer printer ribbons all brady print ribbons are developed to meet the performance requirements of the materials printed. the combination of the ribbon and label material determine the success of the legend performance. brady offers a complete line of ribbons that are designed to cover all your label application requirements. calculate how many labels per tht ribbon: standard tht ribbons are 984 feet long (unless otherwise noted). step 1: 984 feet = 11,808 inches step 2: 11,808 inches label vertical repeat = total label rows per ribbon step 3: total label rows per ribbon x number of labels across = total labels per ribbon r4311 ribbon series: r4300 series ribbon dimension: 1.000 x 984 example: understanding ribbon part numbers: thermal transfer print ribbons benchtop thermal transfer materials www.bradyid.com


▲Up To Search▲   

 
Price & Availability of R6011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X