Part Number Hot Search : 
7C660X AD9070BR PJD882 SP720AB 5KE16A AN4210 11001 LCX16
Product Description
Full Text Search
 

To Download PCI40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PCI40 power chip inductors features ? compact and low profile ? high energy storage and low dcr ? designed with high heat resistant materials for reflow operation ? wrap around terminals for excellent solder quality and inspection ? flat top for pick and place assembly electrical inductance range: 1.0 h to 2200 h. tolerance: 20% over the entire inductance range. test frequency: inductance measured at 100khz, 0.1 v rms. after soldering, push operating t emp. range: i -40 to +85 c. ll inductance drop: 20% typical at rated isat.0 to 2000) x 10 -6 c. physical p ackaging: 1,000 pie ces pe r 1 3 in ch r eel. allied part number inductance ( h) PCI40-1r0m-rc PCI40-1r5m-rc PCI40-2r2m-rc PCI40-3r3m-rc PCI40-4r7m-rc PCI40-6r8m-rc PCI40-100m-rc PCI40-150m-rc PCI40-220m-rc PCI40-330m-rc PCI40-470m-rc PCI40-680m-rc PCI40-101m-rc PCI40-151m-rc PCI40-221m PCI40-331m-rc PCI40-471m-rc PCI40-681m-rc PCI40-102m-rc 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 100 90 80 65 45 38 30 27 19 15 12 10 9.0 6.0 5.0 4.5 3.5 2.5 2.0 i rms (a) srf (mhz) typ 6.8 6.4 6.1 5.4 4.8 4.4 3.9 3.1 2.7 2.1 1.8 1.5 1.3 1.0 0.8 0.6 0.5 0.4 0.3 t olerance (%) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 all specif icat ions subject t o change wit hout not ice. i sat (a) 9.0 8.0 7.0 6.4 5.4 4.6 3.8 3.0 2.6 2.0 1.6 1.4 1.2 1.0 0.8 0.6 0.5 0.4 0.3 -rc rohs allied components interna tional 949-356-1780 www.a lli edcom pon en ts .com 0.510 (12.95) max 0.300 (7.62) 0.205 (5.21) max 0.110 (2.79) 0.118 (3.00) 0.290 (7.37) 0.370 (9.40) max 0.100 (2.54) 0.100 (2.54) dimensions: inches (mm) temperature rise: t=15oc rise ? typical at irms. .009 .010 .012 .015 .018 .027 .038 .046 .085 0.10 0.14 0.20 0.28 0.40 0.61 1.02 1.27 2.02 3.00 dcr max. ) ? non standard values available revised 05/20/2014 marking: previously marked with 3 dot color code system PCI40-120m-rc 12 27 3.6 20 3.5 .0432 PCI40-152m-rc 1500 1.4 0.2 20 0.25 4.50 PCI40-222m-rc 2200 0.8 0.2 20 0.20 7.00


▲Up To Search▲   

 
Price & Availability of PCI40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X