Part Number Hot Search : 
58LW064 W83321G SA24ARL 1N2441 MAX19 BL2040 PE1145MV PVD1052
Product Description
Full Text Search
 

To Download MSCD100B-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mscd100b document number: mscd100b www. aug.20, 2010 1 smsemi .com module type type v rrm v rsm mscd100b-08 mscd100b-12 MSCD100B-16 mscd100b-18 msad100b-08 msad100b-12 msad100b-16 msad100b-18 mskd100b-08 mskd100b-12 mskd100b-16 mskd100b-18 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v maximum ratings symbol conditions values units i fav single phase ,half wave 180 conduction tc=109 100 a i f(rms) single phase ,half wave 180 conduction tc=97 150 a i fsm t=10ms tvj =45 2500 a i 2 t t=10ms tvj =45 31250 a 2 s v isol a.c.50hz;r.m.s.;1min 3000 v t vj -40 to +150 t stg -40 to +125 mt to terminals(m5) 315% nm ms to heatsink(m6) 515% nm weight module 140 g thermal characteristics symbol conditions values units r th(j-c) per diode 0.35 /w r th(c-s) module 0.1 /w electrical characteristics circuit glass passivated rectifier diode modules v rrm 800 to 1800v i fav 100 am p applications y non-controllable rectifiers for ac/ac converters y line rectifiers for transistorized ac motor controllers y field supply for dc motors features y blocking voltage:800 to 1800v y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y glass passivated chip values symbol conditions min. typ. max. units v fm t=25 i f =300a 1.30 1.55 v i rd t vj =150 v rd =v rrm 5 ma
mscd100b document number: mscd100b www. aug.20, 2010 2 smsemi .com performance curves 0 i d 90 a 180 150 w 100 50 p vtot 0 0 tc 50 100 150 200 rec.30 rec.60 rec.120 sin.180 dc rec.30 a 100 i d 0 dc sin.180 rec.120 rec.60 fig2.forward current derating curve fi g 1. power dissi p ation 50hz fig3. transient thermal impedance fig4. max non-repetitive forward surge current 0.001 0.01 0.1 1.0 10 s 100 z th(j- c ) 400 a 300 200 100 if 0 0 vf 0.5 1.0 1.5 v 2.0 0.5 / w 0.25 0 3000 a 1500 0 max. typ. 25 - - - 125 1 10 cycles 100 fig5. forward characteristics
mscd100b document number: mscd100b www. aug.20, 2010 3 smsemi .com package outline information case: d1-1 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MSCD100B-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X