Part Number Hot Search : 
MC14566 IC16F HMPSA64 UPC812 2SK2219 F9444 BSP130 M62262FP
Product Description
Full Text Search
 

To Download MBRF20150CT-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 45 60 100 150 200 v v rms 31 42 70 105 140 v v dc 45 60 100 150 200 v i f(av) a i rrm 1a 0.80 0.80 0.85 0.57 0.70 0.75 0.84 0.95 0.95 0.72 0.85 0.85 15 10 5 dv/dt v/ s r jc o c/w t j o c t stg o c document number: ds_d1405040 version: b14 v 1.5 note 1: tp = 2.0 s, 1.0khz isolation voltage from terminals to heatsink with t=1.0 min v ac 0.95 1500 maximum instantaneous forward voltage (note 2) i f = 10 a, t j =25 i f = 10 a, t j =125 i f = 20 a, t j =25 i f = 20 a, t j =125 v f voltage rate of change (rated v r ) note 2: pulse test with pw=300 s, 1% duty cycle typical thermal resistance operating junction temperature range - 55 to +150 storage temperature range - 55 to +150 3.5 10000 maximum reverse current @ rated vr t j =25 t j =125 i r 0.1 2 1.05 ma peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a peak repetitive reverse surge current (note 1) 0.5 peak repetitive forward current (rated vr, square wave, 20khz) i frm 20 a v 0.95 0.85 maximum dc blocking voltage marking code mbrf 2045ct mbrf 2060ct maximum average forward rectified current 20 unit maximum repetitive peak reverse voltage maximum rms voltage mbrf 20150ct mbrf 20200ct weight: 1.7 g (approximately) ito-220ab maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol mbrf 2045 ct-y mbrf 2060 ct-y mbrf 20100 ct-y mbrf 20150 ct-y mbrf 20200 ct-y mbrf 20100ct mechanical data case: ito-220ab polarity: as marked mounting torque: 5 in-lbs maximum mbrf2045ct-y thru mbrf20200ct-y dual common cathode schottk y rectifier features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec taiwan semiconductor
part no. part no. mbrf2060ct-y mbrf2060ct-y (ta=25 unless otherwise noted) document number: ds_d1405040 version: b14 mbrf2060ct-y c0g c0 g ratings and characteristics curves example preferred p/n packing code green compound code mbrf2060ct-y c0 c0 package mbrf20xxct-y (note 1) c0 suffix "g" ito-220ab note 1: "xx" defines voltage from 45v (mbrf2045ct-y) to 200v (mbrf20200ct-y) green compound description 50 / tube packing mbrf2045ct-y thru mbrf20200ct-y taiwan semiconductor ordering information packing code green compound code 0 5 10 15 20 25 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 25 50 75 100 125 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse c urrent (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg tj=75 tj=125 tj=25 45ct-y 60ct-y - 20200ct-y 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg pulse width=300 s 1% duty cycle 150ct-y - 200ct-y 100ct-y 60ct-y 45ct-y
min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1405040 version: b14 marking diagram mbrf2045ct-y thru mbrf20200ct-y taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg f=1.0mhz vsig=50mvp-p 45ct-y 60ct-y - 200ct-y 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1405040 version: b14 mbrf2045ct-y thru mbrf20200ct-y taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MBRF20150CT-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X