Part Number Hot Search : 
HC643 SBL164 LS431250 HCT57 PTZTE25 TN5325N8 AOD2904 109N04
Product Description
Full Text Search
 

To Download MBR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 july 4,2014-rev.03 mbr1040~mbr10200 features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound. ? low power loss, high efficiency. ? high current capability ? for use in low voltage, high frequency inverters free wheeling, and polarlity protection applications. ? lead free in compliance with eu rohs 2011/65/eu directive 10 amperes schottky barrier rectifiers voltage current 40 to 200 volt 10 ampere mechanical data ? case: to-220ac molded plastic ? terminals: solder plated, solderable per mil-std-750, method 2026 ? polarity: as marked. ? weight: 0.067 ounces, 1.89 grams. notes : both bonding and chip structure are available. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% parameter symbol mbr1040 mbr1045 mbr1050 mbr1060 mbr1080 mbr1090 MBR10100 mbr10150 mbr10200 units maximum recurrent peak reverse voltage v rrm 40 45 50 60 80 90 100 150 200 v maximum rms voltage v rms 28 31.5 35 42 56 63 70 105 140 v maximum dc blocking voltage v dc 40 45 50 60 80 90 100 150 200 v maximum average forward current (see fig.1) i f(av) 10 a peak forward surge current : 8.3ms single half sine- wave superimposed on rated load (jedec method) i fsm 150 a maximum forward voltage at 10a, per leg v f 0.7 0.75 0.8 0.9 v maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =125 o c i r 0.05 20 ma typical thermal resistance r jc 3 o c / w operating and storage junction temperature range t j ,t stg -55 to + 150 -65 to + 175 o c
page . 2 july 4,2014-rev.03 mbr1040~mbr10200 1 10 100 1000 10000 100000 20 40 60 80 100 t j = 150c t j = 25c t j = 75c i r , leaka g e current ( a ) t j = 125c percent of rated peak reverse voltage (%) 40~45v 0.1 1 10 100 1000 10000 100000 20 40 60 80 100 t j = 150c t j = 25c i r , leakage current ( a) t j = 125c 50~60v t j = 75c percent of rated peak reverse voltage (%) 0.01 0.1 1 10 100 1000 10000 20 40 60 80 100 t j = 150c t j = 25c i r , leakage current ( a) percent of rated peak reverse voltage (%) t j = 125c 80~100v t j = 75c 0.01 0.1 1 10 100 1000 10000 20 40 60 80 100 t j = 150c t j = 25c i r , leaka g e c urrent ( a ) percent of rated peak reverse voltage (%) t j = 125c t j = 75c 150~200v
page . 3 july 4,2014-rev.03 mbr1040~mbr10200 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v f , forward voltage (v) 150~200v 50~60v 80~100v 40~45v i f ,forward current (a) t j =25c
page . 4 july 4,2014-rev.03 mbr1040~mbr10200 part no_packing code_version mbr1040_t0_00001 mbr1040_t0_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 july 4,2014-rev.03 mbr1040~mbr10200 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of MBR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X