Part Number Hot Search : 
CT6A06 MTC4503 1AQ36L CS20AX MTC4503 C4351 MTC4503 MSC0939
Product Description
Full Text Search
 

To Download LED1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30.04.2013 LED1300 - series 1 of 8 LED1300 - series technical data infrared led ingaasp LED1300 - series are ingaasp leds mounted on a lead frame and encapsulated in various types of epoxy lens, which offers different design settings. on forward bias, it emits a high power radiation of ty pical 4.5 mw at a peak wavelength at 1300 nm. specifications ? structure: ingaasp ? peak wavelength: typ. 1300 nm ? optical ouput power: typ. 4.5 mw ? resin material: epoxy resin ? solder: lead free absolute maximum ratings (t a =25c) type symbol value unit power dissipation p d 140 mw forward current i f 100 ma pulse forward current i fp 1000 ma reverse voltage v r 5 v operating temperature t op - 40 ? +85 c storage temperature t stg - 40 ? +100 c soldering temperature (for 5 sec.) t sol 265 c elec tro - optical characteristics (t a =25c) item symbol condition min. typ. max. unit forward voltage v f i f = 50 ma - 1.0 1.5 v reverse current i r v r = 5 v - - 10 a radiated power p o i f = 50 ma 2.5 4.5 - mw peak wavelength p i f = 50 ma 1250 1300 1 3 50 nm half width ? i f = 50 ma - 80 - nm rise time t r i f = 50 ma - 10 - ns fall time t f i f = 50 ma - 10 - ns
30.04.2013 LED1300 - series 2 of 8 characteristics of radiant intensity (t a =25c) type viewing half angle radiation intensity (i f = 50 ma) [unit : mw/sr] outer dimension dimension figure min. typ. max. LED1300 - 01 ? 5 1 LED1300 - 02 ? 5 2 LED1300 - 03 10 14 ? 5 3 LED1300 - 04 ? 5 4 LED1300 - 05 ? 5 5 LED1300 - 06 7 38 ? 5 6 LED1300 - 09 ? 5 7 oval LED1300 - 46 ? 5 8 LED1300 - 41 ? 4 9 LED1300 - 42 ? 4 10 LED1300 - 31 ? 3 11 LED1300 - 33 18 9 ? 3 12 LED1300 - 34 ? 3 13 LED1300 - 36 33 4 ? 3 14 * radiant power is measured by g8370 - 85 * brightness is measured by tektronix j - 16 notes ? do not view directly into the emitting area of the led during operation! ? the above specifications are for reference purpose only and subjected to change without prior notice.
30.04.2013 LED1300 - series 3 of 8 outer dimensions figure - 1 ? 5mold (type 01) figure - 2 ? 5mold (type 02) figure - 3 ? 5mold (type 03) figure - 4 ? 5mold (type 04) figure - 5 ? 5mold (type 05) figure - 6 ? 5mold (type 06) figure - 7 ? 5mold (type 09) figure - 8 ? 5mold (type 46) figure - 9 ? 4mold (type 41) figure - 10 ? 4mold (type 42)
30.04.2013 LED1300 - series 4 of 8 figure - 11 ? 3mold (type 31) figure - 12 ? 3mold (type 33) figure - 13 ? 3mold (type 34) figure - 14 ? 3mold (type 36) viewing half angle figure - 1 ? 5mold (type 01) figure - 2 ? 5mold (type 02) figure - 3 ? 5mold (type 03) figure - 4 ? 5mold (type 04) figure - 5 ? 5mold (type 05) figure - 6 ? 5mold (type 06)
30.04.2013 LED1300 - series 5 of 8 figure - 7 ? 5mold (type 09) figure - 8 ? 5mold (type 46) figure - 9 ? 4mold (type 41) figure - 10 ? 4mold (type 42) figure - 11 ? 3mold (type 31) figure - 12 ? 3mold (type 33) figure - 13 ? 3mold (type 34) figure - 14 ? 3mol d (type 36) typical performance curves forward current ? forward voltage relative radiant intensity ? pulsed forward current
30.04.2013 LED1300 - series 6 of 8 forward current ? pulse duration forward voltage ? ambient temperature relative radiant intensity ? ambient temp erature allowable forward current ? ambient temperature
30.04.2013 LED1300 - series 7 of 8 peak wavelength peak wavelength ? ambient temperature precaution for use 1. cautions ? do not look directly into the emitted light or look through the optical system. to prevent in adequate e xposure of the radiation, wear protective glasses. ? the leds are emitting invisible light. 2. lead forming ? when forming leads, the leads should be bent at a point at least 3 mm from the base of the lead. do not use the base of the leadframe as a fulcrum durin g lead forming. ? lead forming should be done before soldering. ? do not apply any bending stress to the base of the lead. the stress to the base may damage the led?s characteristics or it may break the leds. ? when mounted the leds onto the printed circuit boar d, the holes on the circuit board should be exactly aligned with the leads of leds. if the leds are mounted with stress at the leads, it causes deterioration of the lead and it will degrade the leds.
30.04.2013 LED1300 - series 8 of 8 recommended land layout (unit: mm) 3. soldering condit ions ? solder the leds no closer than 3 mm from the base of the lead. ? do not apply any stress to the lead particularly when heat. ? the leds must not be reposition after soldering. ? after soldering the leds, the lead should be protected from mechanical shock or vibration until the leds return to room temperature. ? when it is necessary to clamp the leds to prevent soldering failure, it is important to minimize the mechanical stress on the leds. ? cut the led leads at room temperature. cutting the leads at high tempe rature may cause the failure of the leds. soldering conditions 4. static electricity ? the leds are very sensitive to static electricity and surge voltage. so it is recommended that a wrist band or an anti - electrostatic glove be used when handling the leds. ? all devices, equipment and machinery must be grounded properly. it is recommended that precautions should be taken against surge voltage to the equipment that mounts the leds.


▲Up To Search▲   

 
Price & Availability of LED1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X