Part Number Hot Search : 
14400 AK4706VQ AM27X010 CD40160 DM9331 AT54A HMC48 M1262
Product Description
Full Text Search
 

To Download LED1300-35XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LED1300-35XX high power ingaasp nir led LED1300-35XX is an ingaasp led mounted on a metal stem and covered with epoxy resin or glass lens can. on forward bias it emits a spectral band of radiation, which peaks at 1300 nm . absolute maximum ratings item symbol maximum rated value unit ambient temperature power dissipation p d 120 mw ta=25 c fo r ward current i f 100 ma ta=25 c pulse forward current i fp 10 00 m a ta=25 c reverse voltage v r 5 v ta=25 c operating temperature t opr - 2 0 ~ + 90 c storage temperature t stg - 30 ~ + 100 c soldering temperature t sol 260 c ? pulse forward current condition: duty = 1% and pulse width = 1 s. ? soldering conditio n: soldering condition must be completed within 3 seconds at 260 c e l ectro - optical characteristics [ ta=25 c ] item symbol condition minimum typical maximum unit fo r ward voltage v f i f = 5 0 ma 1.10 1.40 v reverse current i r v r = 5 v 10 ua peak wavelength l p i f = 5 0 ma 1 2 50 1 3 00 1 3 50 nm half width dl i f = 5 0 ma 100 nm rise time tr i f = 5 0 ma 10 ns fall time tf i f = 5 0 ma 10 ns radiated power [ ta=25 c ] radiated power at i f =50ma unit :mw type no. minimum typical maximum viewing half angl e: q1/2 l 1 3 00 - 35 k00 1.8 5 0 l 1 3 00 - 35 k42 2.0 6 l 1 3 00 - 35 m00 3. 0 5 0 l 1 3 00 - 35 m32 3. 0 1 5 l 1 3 00 - 35 t52 1.6 55 ? radiated power is measured by ando optical multi meter aq2140 & aq2742 outer dimension ( un it: mm )


▲Up To Search▲   

 
Price & Availability of LED1300-35XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X