Part Number Hot Search : 
SF2223D 2SA0794R 557T080M SB040 SD1564 DTL9503 631CCSD ASI10575
Product Description
Full Text Search
 

To Download LBC850BLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. general purpose transistors 3 xx marking diagram xx= device marking (see table below) lbc846alt1g series npn silicon ? moisture sensitivity level: 1 ? esd rating C human body model: >4000 v esd rating C machine model: >400 v ? 1. fr?5 = 1.0 x 0.75 x 0.062 in 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 2 emitter 3 collect or 1 base maximum ratings rating symbol value unit collector?emitter voltage l bc846 l bc847, l bc850 l bc848, l bc849 v ceo 65 45 30 vdc collector?base voltage l bc846 l bc847, l bc850 l bc848, l bc849 v cbo 80 50 30 vdc emitter?base voltage l bc846 l bc847, l bc850 l bc848, l bc849 v ebo 6.0 6.0 5.0 vdc collector current ? continuous i c 100 madc thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 1.) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient (note 1.) r  ja 556 c/w total device dissipation alumina substrate (note 2.) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient (note 2.) r  ja 417 c/w junction and storage temperature range t j ,t stg ?55 to +150 c 1 sotC23 we declare that the material of product compliance with rohs requirements. 2 3 1 2 rev.a 1/13 s-lbc846alt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
leshan radio company, ltd. lbc846alt1g series device marking and ordering information device marking package shipping lbc846alt1g 1a sot-23 3000/tape&reel lbc846alt3g 1a sot-23 10000/tape&reel lbc846blt1g 1b sot-23 3000/tape&reel lbc846blt3g 1b lbc847alt1g 1e sot-23 3000/tape&reel lbc847alt3g 1e lbc847blt1g 1f sot-23 3000/tape&reel lbc847blt3g 1f lbc847clt1g 1g sot-23 3000/tape&reel lbc847clt3g 1g lbc848alt1g 1j sot-23 3000/tape&reel lbc848alt3g 1j lbc848blt1g 1k sot-23 3000/tape&reel lbc848blt3g 1k lbc848clt1g 1l sot-23 3000/tape&reel lbc848clt3g 1l lbc849blt1g 2b sot-23 3000/tape&reel lbc849blt3g 2b lbc849clt1g 2c sot-23 3000/tape&reel lbc849clt3g 2c lbc850blt1g 2e sot-23 3000/tape&reel lbc850blt3g 2e lbc850clt1g 2g sot-23 3000/tape&reel lbc850clt3g 2g sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel sot-23 10000/tape&reel rev.a 2/13 s-lbc846alt1g series s-lbc846alt1g s-lbc846alt3g s-lbc846blt1g s-lbc846blt3g s-lbc847alt1g s-lbc847alt3g s-lbc847blt1g s-lbc847blt3g s-lbc847clt1g s-lbc847clt3g s-lbc848alt1g s-lbc848alt3g s-lbc848blt1g s-lbc848blt3g s-lbc848clt1g s-lbc848clt3g s-lbc849blt1g s-lbc849blt3g s-lbc849clt1g s-lbc849clt3g s-lbc850blt1g s-lbc850blt3g s-lbc850clt1g s-lbc850clt3g
leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector?emitter breakdown voltage lb c846a,b (i c = 10 ma) lb c847a,b,c, l bc850b,c lb c848a,b,c, l bc849b,c v (br)ceo 65 45 30 ? ? ? ? ? ? v collector?emitter breakdown voltage lb c846a,b (i c = 10 a, v eb = 0) lb c847a,b,c, l bc850b,c lb c848a,b,c, l bc849b,c v (br)ces 80 50 30 ? ? ? ? ? ? v collector?base breakdown voltage lb c846a,b (i c = 10  a) lb c847a,b,c, l bc850b,c lb c848a,b,c, l bc849b,c v (br)cbo 80 50 30 ? ? ? ? ? ? v emitter?base breakdown voltage lb c846a,b (i e = 1.0  a) lb c847a,b,c, l bc850b,c lb c848a,b,c, l bc849b,c v (br)ebo 6.0 6.0 5.0 ? ? ? ? ? ? v collector cutoff current (v cb = 30 v) (v cb = 30 v, t a = 150 c) i cbo ? ? ? ? 15 5.0 na a on characteristics dc current gain (i c = 2.0 ma, v ce = 5.0 v) lb c846a, l bc847a, l bc848a lb c846b, l bc847b, l bc848b, lb c849b, l bc850b lb c847c, l bc848c, l bc849c, l bc850c h fe 110 200 420 180 290 520 220 450 800 ? collector?emitter saturation voltage (i c = 10 ma, i b = 0.5 ma) collector?emitter saturation voltage (i c = 100 ma, i b = 5.0 ma) v ce(sat) ? ? ? ? 0.25 0.6 v base?emitter saturation voltage (i c = 10 ma, i b = 0.5 ma) base?emitter saturation voltage (i c = 100 ma, i b = 5.0 ma) v be(sat) ? ? 0.7 0.9 ? ? v base?emitter voltage (i c = 2.0 ma, v ce = 5.0 v) base?emitter voltage (i c = 10 ma, v ce = 5.0 v) v be(on) 580 ? 660 ? 700 770 mv small?signal characteristics current?gain ? bandwidth product (i c = 10 ma, v ce = 5.0 vdc, f = 100 mhz) f t 100 ? ? mhz output capacitance (v cb = 10 v, f = 1.0 mhz) c obo ? ? 4.5 pf noise figure (i c = 0.2 ma, (v ce = 5.0 vdc, r s = 2.0 k ? lb c846a,b, l bc847a,b,c, l bc848a,b,c f = 1.0 khz, bw = 200 hz) lb c849b,c, l bc850b,c nf ? ? ? ? 10 4.0 db rev.a 3/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc846a, lbc847a, lbc848a figure 1. dc current gain vs. collector current figure 2. collector emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0 100 200 300 0.1 0.01 0.001 0.0001 0 0.02 0.18 figure 3. base emitter saturation voltage vs. collector current figure 4. base emitter voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.7 0.8 1.0 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.8 0.9 1.0 1.2 h fe , dc current gain v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter voltage (v) 1 v ce = 1 v 150 c ? 55 c 25 c i c /i b = 20 150 c ? 55 c 25 c 0.4 0.9 i c /i b = 20 150 c ? 55 c 25 c 0.4 0.7 1.1 v ce = 5 v 150 c ? 55 c 25 c 0.04 0.06 0.08 0.10 0.12 0.14 0.16 rev.a 4/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc846a, lbc847a, lbc848a figure 5. collector saturation region i b , base current (ma) figure 6. base ? emitter temperature coefficient i c , collector current (ma) 1.6 1.2 2.0 2.8 2.4 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 v ce , collector-emitter voltage (v) vb , temperature coefficient (mv/ c) 0.2 1.0 10 100 -55 c to +125 c t a = 25 c i c = 50 ma i c = 100 ma i c = 200 ma i c = 20 ma i c = 10 ma 1.0 figure 7. capacitances v r , reverse voltage (volts) 10 figure 8. current ? gain ? bandwidth product i c , collector current (madc) 0.4 0.6 1.0 10 20 1.0 2.0 6.0 40 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 0.7 1.0 10 20 2.0 50 30 7.0 5.0 3.0 0.5 v ce = 10 v t a = 25 c c, capacitance (pf) f, current-gain - bandwidth product (mhz) t 0.8 4.0 8.0 t a = 25 c c ob c ib rev.a 5/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc846b figure 9. dc current gain vs. collector current figure 10. collector emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0 100 200 300 400 600 0.1 0.01 0.001 0.0001 0 0.15 0.30 figure 11. base emitter saturation voltage vs. collector current figure 12. base emitter voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.7 0.8 1.0 1.1 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.8 0.9 1.0 1.2 h fe , dc current gain v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter voltage (v) 1 v ce = 1 v 150 c ? 55 c 25 c i c /i b = 20 150 c ? 55 c 25 c 0.4 0.9 i c /i b = 20 150 c ? 55 c 25 c 0.4 0.7 1.1 v ce = 5 v 150 c ? 55 c 25 c 500 0.25 0.20 0.05 0.10 rev.a 6/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc846b figure 13. collector saturation region i b , base current (ma) figure 14. base ? emitter temperature coefficient i c , collector current (ma) 1.0 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 v ce , collector-emitter voltage (volts) vb , temperature coefficient (mv/ c) 0.2 2.0 10 200 1.0 t a = 25 c 200 ma 50 ma i c = 10 ma 0.05 0.2 0.5 2.0 5.0 100 ma 20 ma 1.4 1.8 2.2 2.6 3.0 0.5 5.0 20 50 100 -55 c to 125 c  vb for v be figure 15. capacitance v r , reverse voltage (volts) 40 figure 16. current ? gain ? bandwidth product i c , collector current (ma) 0.1 0.2 1.0 50 2.0 2.0 10 100 100 200 500 50 20 20 10 6.0 4.0 1.0 10 50 100 5.0 v ce = 5 v t a = 25 c c, capacitance (pf) f, current-gain - bandwidth product t 0.5 5.0 20 t a = 25 c c ob c ib rev.a 7/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc847b, lbc848b, lbc849b, lbc850b figure 17. dc current gain vs. collector current figure 18. collector emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0 100 200 600 0.1 0.01 0.001 0.0001 0 0.05 0.30 figure 19. base emitter saturation voltage vs. collector current figure 20. base emitter voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.7 0.8 1.1 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.8 0.9 1.0 1.2 h fe , dc current gain v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter voltage (v) 1 v ce = 1 v 150 c ? 55 c 25 c i c /i b = 20 150 c ? 55 c 25 c 0.4 0.9 i c /i b = 20 150 c ? 55 c 25 c 0.4 0.7 1.1 v ce = 5 v 150 c ? 55 c 25 c 0.10 0.15 0.20 0.25 300 400 500 1.0 rev.a 8/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. figure 21. collector saturation region i b , base current (ma) figure 22. base ? emitter temperature coefficient i c , collector current (ma) 1.6 1.2 2.0 2.8 2.4 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 v ce , collector-emitter voltage (v) vb , temperature coefficient (mv/ c) 0.2 1.0 10 100 -55 c to +125 c t a = 25 c i c = 50 ma i c = 100 ma i c = 200 ma i c = 20 ma i c = 10 ma 1.0 figure 23. capacitances v r , reverse voltage (volts) 10 figure 24. current ? gain ? bandwidth product i c , collector current (madc) 0.4 0.6 1.0 10 20 1.0 2.0 6.0 40 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 0.7 1.0 10 20 2.0 50 30 7.0 5.0 3.0 0.5 v ce = 10 v t a = 25 c c, capacitance (pf) f, current-gain - bandwidth product (mhz) t 0.8 4.0 8.0 t a = 25 c c ob c ib lbc847b, lbc848b, lbc849b, lbc850b rev.a 9/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. lbc847c, lbc848c, lbc849c, lbc850c figure 25. dc current gain vs. collector current figure 26. collector emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0 100 200 1000 0.1 0.01 0.001 0.0001 0 0.05 0.30 figure 27. base emitter saturation voltage vs. collector current figure 28. base emitter voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.7 0.8 1.1 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.8 0.9 1.0 1.2 h fe , dc current gain v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter voltage (v) 1 v ce = 1 v 150 c ? 55 c 25 c i c /i b = 20 150 c ? 55 c 25 c 0.4 0.9 i c /i b = 20 150 c ? 55 c 25 c 0.4 0.7 1.1 v ce = 5 v 150 c ? 55 c 25 c 0.10 0.15 0.20 0.25 300 400 500 1.0 600 700 800 900 rev.a 10/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. figure 29. collector saturation region i b , base current (ma) figure 30. base ? emitter temperature coefficient i c , collector current (ma) 1.6 1.2 2.0 2.8 2.4 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 v ce , collector-emitter voltage (v) vb , temperature coefficient (mv/ c) 0.2 1.0 10 100 -55 c to +125 c t a = 25 c i c = 50 ma i c = 100 ma i c = 200 ma i c = 20 ma i c = 10 ma 1.0 figure 31. capacitances v r , reverse voltage (volts) 10 figure 32. current ? gain ? bandwidth product i c , collector current (madc) 0.4 0.6 1.0 10 20 1.0 2.0 6.0 40 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 0.7 1.0 10 20 2.0 50 30 7.0 5.0 3.0 0.5 v ce = 10 v t a = 25 c c, capacitance (pf) f, current-gain - bandwidth product (mhz) t 0.8 4.0 8.0 t a = 25 c c ob c ib lbc847c, lbc848c, lbc849c, lbc850c rev.a 11/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. 1 ms thermal limit 1 s figure 33. safe operating area for lbc846a, lbc846b figure 34. safe operating area for lbc847a, lbc847b, lbc847c, lbc850b, lbc850c v ce , collector emitter voltage (v) v ce , collector emitter voltage (v) 100 10 1 0.001 0.01 0.1 1 100 10 1 0.1 0.001 0.01 0.1 1 figure 35. safe operating area for lbc848a, lbc848b, lbc848c, lbc849b, lbc849c v ce , collector emitter voltage (v) 100 10 1 0.1 0.001 0.01 0.1 1 i c , collector current (a) i c , collector current (a) i c , collector current (a) 100 ms 10 ms 1 ms thermal limit 1 s 100 ms 10 ms 1 ms thermal limit 1 s 100 ms 10 ms rev.a 12/13 lbc846alt1g series s-lbc846alt1g series
leshan radio company, ltd. d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 0.031 0.8 sot-23 3 rev.a 13/13 lbc846alt1g series s-lbc846alt1g series


▲Up To Search▲   

 
Price & Availability of LBC850BLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X