Part Number Hot Search : 
SJA1000T BZX84C16 UF4003 HZK7C C5886A LTC24 C4630 N70A15
Product Description
Full Text Search
 

To Download KIT4001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kit 4 001a rev. date: 28-jan- 11 ksd-xxxxxx-000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. description the KIT4001A is a high performance transmissive type photo interrupter, combines high-output gaas ired with high sensitive phototransistor. features z pwb direct mount type. z widely applicable. z 4.5mm gap. z rohs compliant. applications z cameras. z copiers. z printers. z ticket vending machines. absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v input peak forward current *1 i fp 0.5 a power dissipation p d 75 ? collector current i c 20 ? collector-emitter voltage v ceo 30 v output emitter-collector voltage v eco 5 v operating temperature *2 t opr -20 ~ +85 storage temperature *2 t stg -30 ~ +85 soldering temperature *3 t sol 260 *1 : pulse width (tw) 100 ? , period (t) = 10msec. *2 : no icebond or dew. *3 : the soldering should be 1mm away from bottom of the case t=within 5sec
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it 4 001a the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. electrical characteristics (t a =25 ) characteristic symbol test condition min. typ. max. unit forward voltage v f i f =20ma - 1.2 1.7 v peak wavelength p i f =20ma - 940 - nm input reverse current i r v r =5v - - 10 ua dark current i ceo v ce =10v, e=0lux - 1 100 na output peak wavelength p - - 880 - nm collector current i c v ce =5.0v, i f =20ma (non shading) 0.2 - - ma leakage current i ceod i f =10 ? , v ce =5v shading - 0.5 10 ua transfer charac- teristics c-e saturation voltage v ce(sat) i c =0.1ma, i f =20ma - - 0.4 v rise time t r - 50 - usec response time fall time t f v cc =5.0v, i c =0.1ma rl=1k ? - 50 - usec z circuit for measuring response time 10% 90% tr out in tf cc v r i cl out in
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it 4 001a the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. electrical and optical characteristic curves y optical axis 0 x 0 10% 90% tr output input tf - + - relative collector current 4 collector current(i ) 10 collector dark current(i ) detection characteristic method of measuring position ambient temperature(ta) -20 relative collector current switching time measurement circuit cc out v i fp v r i cl -2 0 50 2 1 3 c 02 6 48(v) 0 collector-emitter voltage(v ) (i ) (%) 100 c x ce 0 i = 10ma f i = 20ma f i = 30ma f 0 50 100 moving distance(mm) optical axis + +1 +1 -1 0 +2 -1 -2 0 +2 ambient temperature(ta) () 60 02040 40 20 0 ce ta=25 i = 20ma v = 5v v = 5v ce ta=25 i = 20ma ff y -1 10 10 0 1 10 () 80 100 60 0.5 collector power dissipation(p ) (?) 100 50 ta=25 80 ambient temperature(ta) i = 40ma f 40 0 020 60 (i ) (?) c 100 () 0 0 forward current(i ) 50 100 f (?) c (?) ta=25 ta=25 20 forward current(i ) (v) i = 20ma v = 5v f ce 1.5 forward voltage(v ) 1.0 f 2.0 2 ceo 0 10 0 collector current(i ) 1 2 3 4 c v = 10v ce f 30 40 (ma) (?) v = 5v ce (?) response time tr, tf 10 10 10 road resistance(r ) l ce v = 5v ta=25 i = 2ma 10 2 0 10 3 10 1 10 4 tf 2 c tr ( ) ? 5 10 (?) 3 forward current vs. forward voltage collector power dissipation vs. ambient temperature collector current vs. forward current ambient temperature relative collector current vs. collector current vs. collector-emitter voltage dark current vs. ambient temperature moving distance relative collector current vs. load resistance switching time vs.
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it 4 001a the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. package outline dime nsions(unit : mm) section.b-b cathode anode top view collector emitter section.a-a optical axis 0.2 0.5 4.0 3.2 5.4 4.4 1.5 r1.2 r0.6 r0.2 (6.7) 0.8 0.25 8.7 4.5 1.2 1.6 (2.54) 0.4 2-c0.3 0.4 c0.4 4.2 1.6 (3.8) 0.4


▲Up To Search▲   

 
Price & Availability of KIT4001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X