Part Number Hot Search : 
23S8I D6432 ZC833A YM3404 0603C MOC256 28F800B5 DSP56
Product Description
Full Text Search
 

To Download KIT3033S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ki t 3 0 33 s rev. date: 04 - august - 14 ksd - xxxxxx - 000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. d escription the kit 3 0 33 s a compact transmission type photo interrupter, which combine high - output gaas ired with high sensitive dual photo transistors. features ? surface mount package ? slit : 0.3mm (channel distance : 0.8mm). ? moisture sensitive level(ms l)3. ? gap : 3.0mm. ? rohs compliance. applications ? motor control . ? postion encoder. ? printers. ? ticket vending machines . absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit input led power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v pulse forward current *1 i fp 0.5 a output detector collector dissipation p c 75 ? collector cur rent i c 20 ? c - e voltage v ceo 3 0 v e - c voltage v eco 5 v operating temperature *2 topr. - 40 ~ 105 storage temperature *2 tstg. - 40 ~ 105 soldering temperature *3 tsol. 260 reflow soldering temperature tsol. 250 *1 : pulse width tw 100 ? , period t=10 ? *2 : no icebound or dew *3 : for 5s or less
rev. date: 04 - august - 14 ksd - xxxxxx - 000 ki t 3 0 33 s the contents of this data sheet are subject to change without advance notice for the purpose of improvem ent. when using this product, would you please refer to the latest specifications. electrical characteristics (t a =25 ) characteristic s y mbol min. typ. max. unit condition input forward voltage v f - 1.2 1.4 v i f =20 ? reverse cu rrent i r - - 10 ? v r =5v peak wavelength p - 940 - ? i f = 15 ? output dark current i ceo - 1 100 ? v ce = 10 v, 0 lu x collector current ic 0.3 - - m a i f = 15 ? , v ce = 5v collector - emitter saturation voltage v ce(sat ) - - 0.4 v i f = 15 ? , i c = 0.05 ma response time rise time tr - 4 15 ? v cc = 5v , i c = 0.3 ? r l =100? fall time tf - 5 20 ? ? circuit for m easuring r esponse t ime
rev. date: 04 - august - 14 ksd - xxxxxx - 000 ki t 3 0 33 s the contents of this data sheet are subject to change without advance notice for the purpose of improvem ent. when using this product, would you please refer to the latest specifications. package outline dimensions


▲Up To Search▲   

 
Price & Availability of KIT3033S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X