Part Number Hot Search : 
2SB861 MT3S0 002000 MT3S0 104Z4UA HA3002 0885274 S78L09F
Product Description
Full Text Search
 

To Download HFX6015-548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hfx6015-xxx for industrial bus systems honeywell reserves the right to make changes in order to improve design and supply the best products possible. 120 features x super bright led for optical fiber communication x high accuracy by use of special plastic package with centered led die x high output at suitable peak wavelength (typ.) for plastic fiber x high frequency cut-off, most suited for high speed data transmissions (fc = typ. 7 mhz) x hfx6015-200: metal barrel for high mechanical stability x hfx6015-200: separate grounding of barrel for optimum emi/rfi shielding opho_234.tif outline dimensions in inches (mm) odim_232.tif ogra-166.tif
hfx6015-xxx for industrial bus systems honeywell reserves the right to make changes in order to improve design and supply the best products possible. 121 electro-optical characteristics parameter symbol min typ max units test conditions peak wavelength o p 660 nm i f = 30 ma (1) spectral line half width 'o 30 nm i f = 30 ma (1) forward voltage v f 2.5 v i f = 30 ma (1) reverse current i r 4av r = 4 v capacitance c o 50 pf response time t r , t f 50 ns i f = 30 ma (1) note 1. derate linearly from 25c: 0.93 ma/c hfx6015-200 (fig.2) sercos parameter symbol min typ max units test conditions coupled power p c 300 w i f = 30 ma (1) 1 mm fibre hfx6015-210 (fig.1) general purpose bus applications parameter symbol min typ max units test conditions coupled power p c 300 w i f = 30 ma (1) 1 mm fibre hfx6015-4xx profibus parameter symbol min typ max units test conditions coupled power p c -5.5 dbm 1 mm fibre hfx6015-4xx profibus parameter symbol min typ max units test conditions coupled power p c 400 1100 w i f = 4 ma absolute maximum ratings (25c free-air temperature unless otherwise noted) forward current 70 ma peak forward current 300 ma reverse voltage +4 v power dissipation 140 mw operating temperature -30 to +85c storage temperature 260c, 5 sec (3,0 mm from body) ogra_166.tif
hfx6015-xxx for industrial bus systems honeywell reserves the right to make changes in order to improve design and supply the best products possible. 122 ogra_152.tif ogra_153.tif ogra_154.tif ogra_155.tif ogra_156.tif ogra_157.tif


▲Up To Search▲   

 
Price & Availability of HFX6015-548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X