Part Number Hot Search : 
IS43R SAA71 30WQ10F HC705 57745B SDR956Z LM158N BZX84
Product Description
Full Text Search
 

To Download FDPF13N50FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 1 march 2013 FDPF13N50FT n-channel unifet tm frfet ? mosfet ? 500 v, 12 a, 540 m ? features ?r ds(on) = 420 ? (typ.) @ v gs = 10 v, i d = 6 a ? low gate charge (typ. 30 nc) ? low c rss (typ. 14.5 pf) ? 100% avalanche tested ? improved dv/dt capability ? rohs compliant applications ? lcd/led/pdp tv ? lighting ? uninterruptible power supply description unifet tm mosfet is fairchild semiconductor ? ?s high voltage mosfet family based on planar stripe and dmos technology. this mosfet is tailored to reduce on-state resistance, and to provide better switching performance and higher avalanche energy strength. the body diode?s reverse recovery performance of unifet frfet ? mosfet has been enhanced by lifetime control. its t rr is less than 100nsec and the reverse dv/dt immu- nity is 15v/ns while normal pl anar mosfets have over 200nsec and 4.5v/nsec respectively. therefore, it can remove additional component and improve system reliabi lity in certain applications in which the performance of mosf et?s body diode is significant. this device family is suitable fo r switching power converter appli- cations such as power factor correction (pfc), flat panel display (fpd) tv power, atx and electronic lamp ballasts. d g s to-220f to-220 g d s g s d mosfet maximum ratings t c = 25 o c unless otherwise noted* thermal characteristics symbol parameter FDPF13N50FT unit v dss drain to source voltage 500 v v gss gate to source voltage 30 v i d drain current - continuous (t c = 25 o c) 12* a - continuous (t c = 100 o c) 7.2* i dm drain current - pulsed (note 1) 48* a e as single pulsed avalanche energy (note 2) 684 mj i ar avalanche current (note 1) 12 a e ar repetitive avalanche energy (note 1) 19.5 mj dv/dt peak diode recovery dv/dt (note 3) 20 v/ns p d power dissipation (t c = 25 o c) 42 w - derate above 25 o c0.33w/ o c t j , t stg operating and storage temperature range -55 to +150 o c t l maximum lead temperature for soldering purpose, 1/8? from case for 5 seconds 300 o c symbol parameter FDPF13N50FT unit r ? jc thermal resistance, junction to case, max 3.0 o c/w r ? ja thermal resistance, junction to ambient, max 62.5 *drain current limited by maximum junction temperature
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 2 package marking and ordering information t c = 25 o c unless otherwise noted electrical characteristics off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics device marking device package reel size tape width quantity FDPF13N50FT FDPF13N50FT to-220f - - 50 symbol parameter test conditions min. typ. max. unit bv dss drain to source breakdown voltage i d = 250 ? a, v gs = 0v, t j = 25 o c 500 - - v ? bv dss ? t j breakdown voltage temperature coefficient i d = 250 ? a, referenced to 25 o c-0.7-v/ o c i dss zero gate voltage drain current v ds = 500v, v gs = 0v - - 10 ? a v ds = 400v, t c = 125 o c - - 100 i gss gate to body leakage current v gs = 20v, v ds = 0v - - 100 na v gs(th) gate threshold voltage v gs = v ds , i d = 250 ? a3.0-5.0v r ds(on) static drain to source on resistance v gs = 10v, i d = 6a - 0.42 0.54 ? g fs forward transconductance v ds = 20v, i d = 6a - 13.3 - s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 1450 1930 pf c oss output capacitance - 198 265 pf c rss reverse transfer capacitance - 14.5 22 pf q g(tot) total gate charge at 10v v ds = 400v, i d = 13a v gs = 10v (note 4) -3039nc q gs gate to source gate charge - 8 - nc q gd gate to drain ?miller? charge - 12 - nc t d(on) turn-on delay time v dd = 250v, i d = 13a r g = 25 ? (note 4) -2865ns t r turn-on rise time - 54 120 ns t d(off) turn-off delay time - 75 160 ns t f turn-off fall time - 47 105 ns i s maximum continuous drain to source diode forward current - - 12 a i sm maximum pulsed drain to source diode forward current - - 48 a v sd drain to source diode forward voltage v gs = 0v, i sd = 12a - - 1.5 v t rr reverse recovery time v gs = 0v, i sd = 12a di f /dt = 100a/ ? s - 154 - ns q rr reverse recovery charge - 0.45 - ? c notes: 1. repetitive rating: pulse width limited by maximum junction temperature 2. l = 9.5mh, i as = 12a, v dd = 50v, r g = 25 ? , starting t j = 25 ? c 3. i sd ? 12a, di/dt ? 200a/ ? s, v dd ? bv dss , starting t j = 25 ? c 4. essentially independent of operating temperature typical characteristics
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 3 typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate vo ltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 110 1 10 20 30 *notes: 1. 250 ? s pulse test 2. t c = 25 o c v gs = 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v 5.5 v i d ,drain current[a] v ds ,drain-source voltage[v] 345678 1 10 150 o c *notes: 1. v ds = 20v 2. 250 ? s pulse test 25 o c i d ,drain current[a] v gs ,gate-source voltage[v] 50 0 10203040 0.3 0.4 0.5 0.6 0.7 0.8 0.9 *note: t j = 25 o c v gs = 20v v gs = 10v r ds(on) [ ? ] , drain-source on-resistance i d , drain current [a] 0.0 0.5 1.0 1.5 2.0 2.5 1 10 100 *notes: 1. v gs = 0v 2. 250 ? s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 0.1 1 10 0 1500 3000 c oss c iss c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v] 30 0 5 10 15 20 25 30 0 2 4 6 8 10 *note: i d = 13a v ds = 100v v ds = 250v v ds = 400v v gs , gate-source voltage [v] q g , total gate charge [nc]
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 4 typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. maximum safe operating area vs. temperature - FDPF13N50FT figure 9. maximum drain current vs. case temperature figure 10. transient thermal response curve - FDPF13N50FT -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 *notes: 1. v gs = 0v 2. i d = 250 ? a bv dss , [normalized] drain-source breakdown voltage t j , junction temperature [ o c ] ? s 100 ? s 1ms 10ms i d , drain current [a] v ds , drain-source voltage [v] operation in this area is limited by r ds(on) *notes: 1. t c = 25 o c 2. t j = 150 o c 3. single pulse dc 25 50 75 100 125 150 0 2 4 6 8 10 12 14 i d , drain current [a] t c , case temperature [ o c ] ? jc (t) = 3 o c/w max. 2. duty factor, d= t 1 /t 2 3. t jm - t c = p dm * z ? jc (t) 0.5 single pulse thermal response [ z ? jc ] rectangular pulse duration [sec] 5 t 1 p dm t 2
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 5 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 6 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 7 package dimensions dimensions in millimeters to-220m03
FDPF13N50FT n-channel unifet tm frfet ? mosfet ?2012 fairchild semiconductor corporation FDPF13N50FT rev.c1 www.fairchildsemi.com 8 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions , specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * ? serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor re serves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-count erfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manuf actures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadv ertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taki ng strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. product s customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchil d will not provide any warranty coverage or other assistance for pa rts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ?


▲Up To Search▲   

 
Price & Availability of FDPF13N50FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X