Part Number Hot Search : 
PT3983 FST20200 BUP212 KDS190 FST20200 54HC139 ISL6124 SMCJ4
Product Description
Full Text Search
 

To Download FB451616U121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fb 3225 series , fb4516 series, fb4532 series smd multilayer ferrite chip beads (high impedance ) rev. a a. electrical specifications: p/n impedance ( ? ? fb322513u310 31 0.20 400 fb322513u330 33 0.20 400 fb322513u520 52 0.20 400 fb322513u600 60 0.20 800 fb451616u600 60 0.10 800 fb451616u800 80 0.10 600 f b451616u121 120 0.20 500 fb451616u181 180 0.25 500 fb451616z800 80 0.10 600 fb451616z121 120 0.10 600 fb451616z151 150 0.20 500 fb451616z171 170 0.25 500 fb453215u700 70 0.10 600 fb453215u800 80 0.10 600 fb453215u121 120 0.15 500 fb4 53215u131 130 0.15 500 b. dimensions: mm (in) series a b c d e f g fb322513 3.2 (0.126) 2.5 (0.098) 1.3 (0.051) 0.5 (0.020) 4.40 (0.173 ) 2.70 (0.106 ) 1.20 (0.047 ) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.2 (0.008 ) 0 .3 (0.012 ) typ. typ. typ. fb451616 4.5 (0.177) 1.6 (0.063) 1.6 (0.063) 0.5 (0.020) 5.80 (0.228 ) 1.80 (0.071 ) 2.00 (0.079 ) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.2 (0.008 ) 0.3 (0.012 ) typ. typ. typ. fb453215 4.5 (0.177) 3.2 (0.126) 1.5 (0.059) 0.5 (0.020) 5.80 (0.228 ) 3.40 (0.134 ) 2.00 (0.079 ) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.2 (0.008 ) 0.3 (0.012 ) typ. typ. typ. c. part number key : fb aa cc bb y xxx impedance value material code: l, u, z, b or g dimensions: length (a) x width (b) x thickness (c) family: f b frontier electronics corp. ? page 1 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.fronti erusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989
fb 3225 series , fb4516 series, fb4532 series smd multilayer ferrite chip beads (high impedance ) rev. a d. materials: item unit m aterial code l b g u z initial permeability (iac): ---- 25 45 110 200 500 maximum permeability (m): ---- 125 125 250 450 900 saturation flux density at 10 oe: gauss 2000 2000 1700 1400 1500 curie temperature(tc): c >200 >200 >130 >100 >130 volum e resistivity ( ): ? -m 100000 100000 100000 100000 100000 temperature coefficient: 1/10000c 10 10 13 5 12 density: g/cm3 4.8 4.8 4.8 4.8 4.8 e. impedance characteristics of materials: a. z material is for applications whose blocking regions are near 100 mhz . b. l material, an improvement of b material has sharp impedance characteristic at high frequency. c. g material is for application whose signal frequency is far from the cut off region. suitable for application requires low insertion loss at high frequency. d. di fferent materials are available for different application range. e. with one material, higher impedance has sharper characteristics. f. please confirm the signal wave form to choose suitable products. f. general information: 1. fbaabbcc - yxxx, ?fb? = type, ?aa? = length, ?bb? = width, ?cc? = thickness, ?y? = material, ?xxx? = impedance . 2. tolerance: 25% 3. small and lightweight surface mounting type . 4. dimensions are suitable for automatic mounting 5. high - density packagin g with a pitch of 2 .54 mm (0.1 i nch) max. is possible. this series require s less space and have greater emi suppression effects. 6. different types with the same shape are available. 7. excellent in physical properties, such as terminal strength, flexure strength, soldering resist ance and solder - ability. 8. applicable to both flow and ir reflow soldering. 9. high impedance covers wide frequency ranges. 10. ti series can be used in high current circuits due to its low dc resistance. 11. operating temperature: -40c to +125oc 12. unspecified values available on request. 13. msl: level 1. 14. impedance and current range: a. fb322513 (1206) series: from 31 ? (400 ma) to 60 ? (800 ma) b. fb451616 (1806) series: from 60 ? (800 ma) to 180 ? (500 ma) c. fb453215 (1812) series: from 70 ? (600 ma) to 130 ? (5 00 ma) g. applications: 1. game consoles 2. set top boxes 3. cables modems 4. computers 5. mobile communication devices (cell phones, radios, etc.) frontier electronics corp. ? page 2 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.fronti erusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989


▲Up To Search▲   

 
Price & Availability of FB451616U121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X