Part Number Hot Search : 
CEP50N10 2N5434 2SA811A LBN140 1SV28 2SC3157 1SV28 1A66D
Product Description
Full Text Search
 

To Download ESD5331N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ESD5331N 1 - line , bi - d irectional, ultra - low capacitance, trans ient voltage suppressors descriptions the ESD5331N is a t ransient voltage suppress ors (tvs) which provide a very high level protection for sensitive electronic components that may be subjected to electrostatic discharge (esd ) . i t is designed to replace multiplayer varistors (mlv) in consumer equipments applications such as mobile phone, notebook, pad, stb, lcd tv etc. the ESD5331N was past esd transient voltage up to 12kv (contact) according t o iec61000 - 4 - 2 and withstand peak current up to 3a for 8/20 s pulse according to iec61000 - 4 - 5. the ESD5331N is available in dfn1006 package. standard products are pb - free and h alogen - free. features ? reverse stand - off voltage: 5.0v max. ? transient prote ction for each line according to iec61000 - 4 - 2 (esd) : 12kv ( contact discharge) : 15kv ( air discharge) iec61000 - 4 - 4 (eft) : 40a (5/50ns) iec61000 - 4 - 5 (surge) :3a (8/20 s) ? ultra - low capacitance ? low clamping voltage ? low leakage current ? small package ap plications ? mobile phone ? pad ? notebook ? stb ? lcd tv ? digital camera ? other electronics equipments dfn1006 - 2l (bottom v iew) circuit d iagram * = month (a~z) . u = device code marking (top view) order i nformation device package shipping ESD5331N - 2/tr dfn1006 - 2l 10 000/tape&reel . u * 1 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification . u *
absolute m aximum r ating s electronics characteristics (ta=25 o c, unless otherwise noted) 8/20us w aveform iec61000 - 4 - 2 waveform parameter symbol rating unit peak pulse power (tp=8/20 s) pp k 45 w peak pulse current (tp=8/20 s) ipp 3 a esd v oltage iec61000 - 4 - 2 air v esd 15 kv esd v oltage iec61000 - 4 - 2 contact 12 operation junction temperature t j 1 25 o c lead temperature t l 260 o c storage temperature tsg - 55~150 o c parameter symbol condition min. typ. max. unit reverse stand - off voltage v rwm 5.0 v reveres leakage current i r v rwm = 5 v 1 .0 a reveres breakdown voltage v br i t = 1ma 7.0 8. 5 10.0 v clamping vo ltage v c ipp=1a tp=8/20us 1 1 v ipp= 3 a tp=8/20us 1 5 v junction capacitance c j f=1mhz, v r =0v 1.0 1.5 pf 0 5 10 15 20 25 30 35 40 0 10 20 30 40 50 60 70 80 90 100 110 duration=20us front times=1.25*( t90-t10) =8us peak pulse current (%) peak pulse time (us) t 60ns 30ns tr=0.7~1ns 10 90 100 peak pulse current (%) ESD5331N 2 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification 0 5 10 15 20 25 30 35 40 0 10 20 30 40 50 60 70 80 90 100 110 duration=20us front times=1.25*( t90-t10) =8us peak pulse current (%) peak pulse time (us) t 60ns 30ns tr=0.7~1ns 10 90 100 peak pulse current (%)
typical c haracteristics (ta=25 o c, unless otherwise noted) clamping voltage vs. p eak pulse current non - repetitive peak pulse power vs. pulse time esd clamping voltage (iec61000 - 4 - 2 + 8 kv contact) capacitance vs. reveres voltage power derating vs. temperatur e esd clamping voltage (iec61000 - 4 - 2 - 8 kv contact) 0 1 2 3 4 5 0.6 0.8 1.0 1.2 1.4 f signal =1mhz v signal =50mvrms c - junction capacitance (pf) v r - reverse voltage (v) 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power t a - ambient temperature ( o c) 0 1 2 3 4 4 8 12 16 20 pulse waveform: tp=8/20us v c - clamping voltage (v) ipp - peak pulse current (a) 1 10 100 1000 1 10 100 1000 peak pulse power (w) pulse duration(us) ESD5331N 3 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification 0 1 2 3 4 5 0.6 0.8 1.0 1.2 1.4 f signal =1mhz v signal =50mvrms c - junction capacitance (pf) v r - reverse voltage (v) 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power t a - ambient temperature ( o c) 0 1 2 3 4 4 8 12 16 20 pulse waveform: tp=8/20us v c - clamping voltage (v) ipp - peak pulse current (a) 1 10 100 1000 1 10 100 1000 peak pulse power (w) pulse duration(us)
package outline dimensions dfn1006 - 2l top view bottom view side view symbol dimensions in millimeter min. typ. max. a 0.40 - 0.50 a1 0.00 - 0.05 a3 0.125 ref. d 0.95 1.00 1.05 e 0.55 0.60 0.65 b 0.20 0.25 0.30 l 0.45 0.50 0.55 e 0.65 typ. recommend land pattern (unit: mm) 0 . 3 0 0 . 8 5 1 . 4 0 0 . 5 5 0 . 6 0 note s : t his recommended land pattern is for reference purposes only. please consult your manufacturing group to ensure your pcb design guidelines are met. ESD5331N 4 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification 0 . 3 0 0 . 8 5 1 . 4 0 0 . 5 5 0 . 6 0


▲Up To Search▲   

 
Price & Availability of ESD5331N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X