Part Number Hot Search : 
HT49R 1N3022 BZX12 1212121 AT056T 2SH17 1212121 AT056T
Product Description
Full Text Search
 

To Download ESD5305H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esd 5305h 4 - line s , un i - d irectional, l ow c apacitance trans ient voltage suppressors descriptions the ESD5305H is a low capacitance tvs (transient voltage suppressor) array designed to protect high speed data interfaces. it has been specifically designed to protect sensitive electronic components which are connected to data and transmission lines from over - stress caused by esd (e lectro s tatic d ischarge ) . the ESD5305H incorporates four pairs of low capacitance steering diodes plus a tvs diode. the ESD5305H ma y be used to provide esd protection up to 30 k v (contact discharge ) according to iec61000 - 4 - 2 , and withstand peak pulse current up to 6a ( 8/20 s ) according to iec61000 - 4 - 5. the ESD5305H is available in msop - 10l package. standard products are pb - free and ha logen - free. features ? reverse s tand - off voltage: 5 v max ? transient protection for each line according to iec61000 - 4 - 2 (esd) : 30 k v ( contact discharge ) iec61000 - 4 - 5 (surge): 6a (8/20 s) ? l ow capacitance: c i/o - gnd = 0.65 pf typ. (vcc = floated) c i/o - g nd = 0.35 pf typ. (vcc = 5v) ? ultra - low leakage current: i r < 1na typ. ? l ow clamping voltage : v cl = 1 8 v @ i pp = 16a (tlp) ? solid - state silico n technology applications ? usb 2.0 ? hdmi 1.3 ? sata and esata ? dvi ? ieee 1394 ? pci express ? portable electronics ? notebooks msop - 10l circuit d iagram 5305 = device code yy = year code ww = week code marking & pin configuration (top view) order i nformation device package shipping esd 530 5h - 10 /tr msop - 10 l 25 00 /tape&reel 2 1 3 4 5 7 8 6 10 9 nc line - 1 5305 yyww line - 2 line - 3 line - 4 gnd vcc nc nc nc 1 2 4 5 8 3 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute m aximum r ating s electrical characteristics ( t a = 25 o c , unless otherwise noted ) definitions of electrical characteristics parameter symbol rating unit peak pulse power ( t p = 8/20 s) p pk 1 0 0 w peak pulse current (t p = 8/20 s) i pp 6 a esd according to iec61000 - 4 - 2 air discharge v esd 30 k v esd according to iec61000 - 4 - 2 contact discharge 30 operation junction temperature t j 1 25 o c lead temperature t l 260 o c storage temperature t stg - 55~150 o c i v v f v rwm v br v fc i pp i f i r i br v cl i pp v f forward voltage i f forward current v fc forward clamping voltage i pp peak pulse current v rwm reverse stand - off voltage i r reverse leakage current v br reverse breakdown voltage v cl clamping voltage i pp peak pulse current esd 5305h 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electric al characteristics ( t a = 25 o c , unless otherwise noted ) 1) tlp parameter: z 0 = 50 , t p = 100ns, t r = 2n s, averaging window from 60ns t o 80ns. r dyn is calculated from 4a to 16a. 2) according to iec61000 - 4 - 5. parameter symbol condition min. typ. max. unit reverse stand - off voltage v rwm 5.0 v rever se leakage current i r v rwm = 5 v < 1 1 00 n a rever se breakdown voltage v br i br = 1ma 7.0 8. 0 9.0 v forward voltage v f i f = 1 0ma 0.6 0. 9 1.2 v clamping voltage 1) v cl i pp = 16a, t p = 100ns 1 8 v dynamic resistance 1) r dyn 0. 4 9 2 ) v cl i pp = 1a, t p = 8/20s = 8/20s esd 5305h 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical characteristics ( t a = 25 c , unless otherwise noted ) 8/20 s w aveform per iec61000 - 4 - 5 clamping voltage vs. peak pulse curr ent non - repetitive peak pulse p ower vs. pulse time contact discharge current waveform per iec61000 - 4 - 2 capacitance vs. reveres voltage power derating vs. ambient t emperature 0 1 2 3 4 5 0.2 0.3 0.4 0.5 0.6 0.7 0.8 i/o to i/o vcc = floated, i/o to gnd vcc = 5v, i/o to gnd f = 1mhz junction capacitance (pf) v r - reverse voltage (v) 1 10 100 1000 1 10 100 1000 peak pulse power (w) pulse time ( esd 5305h 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical charac teristics ( t a = 25 o c , unless otherwise noted ) esd clamping ( +8kv contact discharge per iec61000 - 4 - 2) tlp measurement esd clamping ( - 8kv contact discharge per iec61000 - 4 - 2 ) 0 2 4 6 8 10 12 14 16 18 20 22 -2 0 2 4 6 8 10 12 14 16 18 20 22 z 0 = 50 ? t r = 2ns t p = 100ns tlp current (a) tlp voltage (v) esd 5305h 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
package outline dimensions msop - 10l symbol dimensions in millimeter dimensions in inches min. max. min. max. a 0. 820 1.1 0 0 0.032 0.043 a1 0.0 2 0 0.1 5 0 0.001 0.006 a2 0. 75 0 0 . 95 0 0.030 0.037 b 0. 18 0 0. 28 0 0.007 0.011 c 0.0 90 0. 23 0 0.004 0.009 d 2. 9 00 3.1 00 0.11 4 0.122 e 0.50(bsc) 0.020(bsc) e 2. 900 3.100 0.114 0.122 e1 4.750 5.050 0. 187 0.199 l 0. 0400 0.8 00 0. 016 0. 031 0 6 0 6 esd 5305h 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of ESD5305H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X